Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

009258008008064 Datasheet(PDF) 1 Page - AVX Corporation

Part # 009258008008064
Description  9258 Ultra Low Profile Stacker
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

009258008008064 Datasheet(HTML) 1 Page - AVX Corporation

  009258008008064 Datasheet HTML 1Page - AVX Corporation 009258008008064 Datasheet HTML 2Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
9258 Ultra Low Profile Stacker
GENERAL DESCRIPTION
The SOLO series 9258 is a one-piece connector used to con-
nect two PCBs in a cost effective manner.
This connector is a 1.0mm pitch available in an 8 position with
stack heights of 0.40mm and 0.80mm. It is available with or
without location bosses.
This connector is designed for PCB surface mounting and is
supplied in tape and reel packaging. Gold plated pads on the
mating PCB or suitable flex circuits provide connection between
the boards.
KEY FEATURES AND BENEFITS
Single piece connector – no mating half connector required to
connect two boards together which means:
• Reduced assembly time
• Only one part to purchase and stock
• Due to the unique contact design, the mating device does
not have to be parallel
• Extremely robust when it comes to shock and vibration
APPLICATIONS
Suitable applications include:
• Mobile phones
• Handheld scanners
• Portable medical devices
• Display interface
008
No of
Ways
XXX
Stack Height
004 = 0.40mm
008 = 0.80mm
06
Plating Variation
06 = Selective Gold
0.25µm
Gold Plated
Contact Nose,
Pure Tin Tail
HOW TO ORDER
00
Prefix
00 = Standard
9258
Series
X
PCB Location Bosses
1 = With Mating PCB Location Bosses (top side)
2 = Without PCB Location Bosses
3 = With SMT PCB Location Bosses (bottom side)
4 = With SMT and Mating PCB Location Bosses
(top and bottom sides)
31


Similar Part No. - 009258008008064

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
009258008008064 AVX-009258008008064 Datasheet
746Kb / 3P
   Ultra Low Profile Stacker: BTB
009258008008064 AVX-009258008008064_17 Datasheet
746Kb / 3P
   Ultra Low Profile Stacker: BTB
More results

Similar Description - 009258008008064

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
009258008004061 AVX-009258008004061 Datasheet
746Kb / 3P
   Ultra Low Profile Stacker: BTB
009258008008064 AVX-009258008008064_17 Datasheet
746Kb / 3P
   Ultra Low Profile Stacker: BTB
00-9258 AVX-00-9258 Datasheet
746Kb / 3P
   Ultra Low Profile Stacker: BTB
logo
Taoglas antenna solutio...
PC140.07.0100A TAOGLAS-PC140.07.0100A Datasheet
4Mb / 14P
   Ultra Low Profile
logo
Nichicon corporation
RE5 NICHICON-RE5 Datasheet
668Kb / 2P
   Ultra-low ESR, Low Profile
logo
Major League Electronic...
LBSTCM-1-SS MAJOR-LEAGUE-LBSTCM-1-SS Datasheet
258Kb / 1P
   .100 cl Single Row - Low Profile Custom Board Stacker Terminal - Surface Mount
logo
Anaren Microwave
DC1417J5005AHF ANAREN-DC1417J5005AHF Datasheet
186Kb / 6P
   Ultra Low Profile 0805
DC2327J5005AHF ANAREN-DC2327J5005AHF Datasheet
183Kb / 6P
   Ultra Low Profile 0805
DC0710J5005AHF ANAREN-DC0710J5005AHF Datasheet
418Kb / 6P
   Ultra Low Profile 0805
DC1722J5005AHF ANAREN-DC1722J5005AHF Datasheet
184Kb / 6P
   Ultra Low Profile 0805
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com