Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N60P Datasheet(PDF) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # 1N60P
Description  Small Signal Schottky Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

1N60P Datasheet(HTML) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  1N60P Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd 1N60P Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
µA
0
0.20
0.40
0.60
0
5
10
15
20
30
VR
V
25
IR 0.50
0.30
0.10
0.70
FIG.3 -- JUNCTION CAPACITANCE VERSUS CONTINUOUS
REVERSE APPLIED VOLTAGE
FIG.4 -- DETECTION EFFICIENCY
MEASUREMENT CIRCUIT
FIG.1 -- FORWARD CURRENT VERSUS FORWARD
VOLTAGE (TYPICAL VALUES)
FIG.2 -- REVERSE CURRENT VERSUS
CONTINUOUS REVERSE VOLTAGE
D.U.T
Input:3VRMS
CL
10PF
output
RL
3.8K
IF
0
0.2
0.4
0.6
0.8
1.0
VF
mA
V
250
300
350
400
450
500
200
150
100
50
0
1N60P
Small Signal Schottky Diodes
Ratings AND Charactieristic Curves
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - 1N60P

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
1N60P SEMTECH-1N60P Datasheet
88Kb / 2P
   POINT CONTACT GERMANIUM DIODE
logo
Tiger Electronic Co.,Lt...
1N60P TGS-1N60P Datasheet
138Kb / 2P
   Schottky Barrier Rectifier
logo
Formosa MS
1N60P FORMOSA-1N60P Datasheet
80Kb / 2P
   Schottky Barrier Diode
logo
Unisonic Technologies
1N60P UTC-1N60P Datasheet
274Kb / 6P
   1.2A, 600V N-CHANNEL POWER MOSFET
logo
DAESAN ELECTRONIC CORP.
1N60P DAESAN-1N60P Datasheet
310Kb / 2P
   GERMANIUM DIODES
More results

Similar Description - 1N60P

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TMMBAT47 STMICROELECTRONICS-TMMBAT47 Datasheet
63Kb / 5P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Micro Commercial Compon...
BAT86 MCC-BAT86 Datasheet
159Kb / 1P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Vishay Siliconix
SD101AW VISHAY-SD101AW Datasheet
99Kb / 6P
   Small Signal Schottky Diodes
Rev. 1.4, 16-Dec-05
logo
Micro Commercial Compon...
SD103A MCC-SD103A Datasheet
121Kb / 3P
   Small Signal Schottky Diodes
logo
STMicroelectronics
BAR18 STMICROELECTRONICS-BAR18 Datasheet
224Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODES
BAR42 STMICROELECTRONICS-BAR42 Datasheet
54Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Galaxy Semi-Conductor H...
LL5712 BILIN-LL5712 Datasheet
61Kb / 3P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Vishay Siliconix
BAS281 VISHAY-BAS281_12 Datasheet
175Kb / 4P
   Small Signal Schottky Diodes
Rev. 1.8, 23-Jul-10
BAT81S VISHAY-BAT81S_12 Datasheet
106Kb / 4P
   Small Signal Schottky Diodes
Rev. 1.8, 23-Jul-10
logo
Comchip Technology
CDBV3-54 COMCHIP-CDBV3-54_12 Datasheet
103Kb / 4P
   Small Signal Schottky Diodes
CDBH3-00340C-G COMCHIP-CDBH3-00340C-G Datasheet
67Kb / 2P
   Small Signal Schottky Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com