Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZTTCW240MX Datasheet(PDF) 7 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # ZTTCW240MX
Description  ceramic resonator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

ZTTCW240MX Datasheet(HTML) 7 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  ZTTCW240MX Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd ZTTCW240MX Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd ZTTCW240MX Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd ZTTCW240MX Datasheet HTML 4Page - Shenzhen Luguang Electronic Technology Co., Ltd ZTTCW240MX Datasheet HTML 5Page - Shenzhen Luguang Electronic Technology Co., Ltd ZTTCW240MX Datasheet HTML 6Page - Shenzhen Luguang Electronic Technology Co., Ltd ZTTCW240MX Datasheet HTML 7Page - Shenzhen Luguang Electronic Technology Co., Ltd ZTTCW240MX Datasheet HTML 8Page - Shenzhen Luguang Electronic Technology Co., Ltd ZTTCW240MX Datasheet HTML 9Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
http://www.luguang.cn
Email: lge@luguang.cn
SHENZHEN LUGUANG ELECTRONIC TECHNOLOGY CO.,LTD.
7
a) Dimensions and Mark
At the end of package, the warning (moisture proof, upward put)
should be stick to it.
Dimensions and Mark (see below)
b)
Section of package
Package is made of corrugated paper with thickness of
0.8cm.Package has 12 inner boxes, each box has 6 reels (each reel for
plastic bag).
NO.
Name
Quantity
Notes
1
Package
1
2
Certificate of approval
1
3
Label
1
4
Tying
2
5
Adhesive tape
1.2m
6
Belt
2.9m
7
Inner
Box
10


Similar Part No. - ZTTCW240MX

ManufacturerPart #DatasheetDescription
logo
auris-GmbH
ZTTCW AURIS-ZTTCW Datasheet
188Kb / 1P
   Resonator SMD, 3 Pin
logo
AEL Crystals Ltd
ZTTCW AEL-ZTTCW Datasheet
28Kb / 1P
   Ceramic Resonator
logo
PETERMANN-TECHNIK
ZTTCW-MX PETERMANN-ZTTCW-MX Datasheet
1Mb / 5P
   SMD CERAMIC RESONATORS
logo
Token Electronics Indus...
ZTTCWMX TOKEN-ZTTCWMX Datasheet
427Kb / 4P
   Redial Taping Dimensions
logo
AiT Semiconductor Inc.
ZTTCWMX AITSEMI-ZTTCWMX Datasheet
187Kb / 1P
   CERAMIC RESONATOR ZTT/ZTTCx
More results

Similar Description - ZTTCW240MX

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
ZTTCR419MG LUGUANG-ZTTCR419MG Datasheet
239Kb / 10P
   ceramic resonator
ZTTCV200MX LUGUANG-ZTTCV200MX Datasheet
431Kb / 8P
   ceramic resonator
ZTA30MG LUGUANG-ZTA30MG Datasheet
135Kb / 4P
   ceramic resonator
CRB455E LUGUANG-CRB455E Datasheet
167Kb / 2P
   Ceramic Resonator
ZTA8.0MT LUGUANG-ZTA8.0MT Datasheet
160Kb / 3P
   Ceramic Resonator
logo
MMD Components
MZTAC1 MMD-MZTAC1_12 Datasheet
164Kb / 2P
   Ceramic Resonator
MZTT MMD-MZTT_12 Datasheet
148Kb / 1P
   Ceramic Resonator
MZTTC1 MMD-MZTTC1_12 Datasheet
211Kb / 2P
   Ceramic Resonator
logo
ECS, Inc.
ZTT-20.00MX ECS-ZTT-20.00MX Datasheet
223Kb / 1P
   Ceramic Resonator
logo
Shenzhen Luguang Electr...
ZTTCC3.58MG LUGUANG-ZTTCC3.58MG Datasheet
231Kb / 9P
   ceramic resonator
ZTTWS4.00MG LUGUANG-ZTTWS4.00MG Datasheet
205Kb / 7P
   ceramic resonator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com