Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY2308SXC-4 Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY2308SXC-4
Description  3.3 V Zero Delay Buffer
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2308SXC-4 Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY2308SXC-4 Datasheet HTML 7Page - Cypress Semiconductor CY2308SXC-4 Datasheet HTML 8Page - Cypress Semiconductor CY2308SXC-4 Datasheet HTML 9Page - Cypress Semiconductor CY2308SXC-4 Datasheet HTML 10Page - Cypress Semiconductor CY2308SXC-4 Datasheet HTML 11Page - Cypress Semiconductor CY2308SXC-4 Datasheet HTML 12Page - Cypress Semiconductor CY2308SXC-4 Datasheet HTML 13Page - Cypress Semiconductor CY2308SXC-4 Datasheet HTML 14Page - Cypress Semiconductor CY2308SXC-4 Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
CY2308
Document Number: 38-07146 Rev. *M
Page 11 of 18
Typical Duty Cycle and IDD Trends
For CY2308-1H, 5H [17, 18]
Duty Cycle Vs VD D
(for 30 pF Loads over Frequency - 3.3V, 25C)
40
42
44
46
48
50
52
54
56
58
60
3
3.1
3.2
3.3
3.4
3.5
3.6
VDD (V)
33 MHz
66 MHz
100 MHz
Duty Cycle Vs VDD
(for 15 pF Loads over Frequency - 3.3V, 25C)
40
42
44
46
48
50
52
54
56
58
60
3
3.1
3.2
3.3
3.4
3.5
3.6
VDD (V)
33 MHz
66 MHz
100 MHz
133 MHz
Duty Cycle Vs Freque ncy
(for 30 pF Loads ove r T e mpe rature - 3.3V)
40
42
44
46
48
50
52
54
56
58
60
20
40
60
80
100
120
140
Fre que ncy (MHz)
-40C
0C
25C
70C
85C
Duty Cycle Vs Fre que ncy
(for 15 pF Loads ov e r T e mpe rature - 3.3V)
40
42
44
46
48
50
52
54
56
58
60
20
40
60
80
100
120
140
Fre que ncy (M Hz)
-40C
0C
25C
70C
85C
IDD vs Number of Loaded Outputs
(for 30 pF Loads over Frequency - 3.3V, 25C)
0
20
40
60
80
100
120
140
02
4
6
8
N umbe r o f Lo aded Out pu t s
33 MHz
66 MHz
100 MHz
IDD vs Number of Loaded Outputs
(for 15 pF Loads over Frequency - 3.3V, 25C)
0
20
40
60
80
100
120
140
02
46
8
N u mbe r of Loa de d Out put s
33 MHz
66 MHz
100 MHz
Notes
17. Duty cycle is taken from typical chip measured at 1.4 V.
18. IDD data is calculated from IDD = ICORE + nCVf, where ICORE is the unloaded current.
(n = number of outputs; C = Capacitance load per output (F); V = Voltage supply (V); f = frequency (Hz).
[+] Feedback


Similar Part No. - CY2308SXC-4

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2308SXC-4 CYPRESS-CY2308SXC-4 Datasheet
203Kb / 14P
   3.3V Zero Delay Buffer
CY2308SXC-4 CYPRESS-CY2308SXC-4 Datasheet
367Kb / 15P
   3.3V Zero Delay Buffer
CY2308SXC-4 CYPRESS-CY2308SXC-4 Datasheet
377Kb / 15P
   3.3V Zero Delay Buffer
CY2308SXC-4T CYPRESS-CY2308SXC-4T Datasheet
367Kb / 15P
   3.3V Zero Delay Buffer
CY2308SXC-4T CYPRESS-CY2308SXC-4T Datasheet
377Kb / 15P
   3.3V Zero Delay Buffer
More results

Similar Description - CY2308SXC-4

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC962308 MOTOROLA-MPC962308 Datasheet
414Kb / 12P
   3.3 V Zero Delay Buffer
logo
Cypress Semiconductor
CY2304 CYPRESS-CY2304_11 Datasheet
466Kb / 14P
   3.3 V Zero Delay Buffer
logo
ON Semiconductor
ASM5P2304A ONSEMI-ASM5P2304A Datasheet
119Kb / 8P
   3.3 V Zero Delay Buffer
August, 2011 ??Rev. 3
logo
Alliance Semiconductor ...
ASM5P2304A ALSC-ASM5P2304A Datasheet
300Kb / 15P
   3.3 V Zero Delay Buffer
logo
Cypress Semiconductor
CY2304 CYPRESS-CY2304_13 Datasheet
504Kb / 17P
   3.3 V Zero Delay Buffer
logo
ON Semiconductor
ASM5P2305A ONSEMI-ASM5P2305A Datasheet
144Kb / 12P
   3.3 V Zero Delay Buffer
August, 2011 ??Rev. 4
ASM5P2308A ONSEMI-ASM5P2308A Datasheet
144Kb / 11P
   3.3 V Zero-Delay Buffer
August, 2011 ??Rev. 3
logo
Renesas Technology Corp
MPC962308 RENESAS-MPC962308 Datasheet
677Kb / 13P
   3.3 V Zero Delay Buffer
2019
logo
ON Semiconductor
NB2305A ONSEMI-NB2305A_15 Datasheet
89Kb / 8P
   3.3 V Zero Delay Clock Buffer
May, 2015 ??Rev. 11
NB2305A ONSEMI-NB2305A Datasheet
133Kb / 8P
   3.3 V Zero Delay Clock Buffer
November, 2006 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com