Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY62167EV30LL-45ZXA Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY62167EV30LL-45ZXA
Description  16-Mbit (1 M 횞 16 / 2 M 횞 8) Static RAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62167EV30LL-45ZXA Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY62167EV30LL-45ZXA Datasheet HTML 1Page - Cypress Semiconductor CY62167EV30LL-45ZXA Datasheet HTML 2Page - Cypress Semiconductor CY62167EV30LL-45ZXA Datasheet HTML 3Page - Cypress Semiconductor CY62167EV30LL-45ZXA Datasheet HTML 4Page - Cypress Semiconductor CY62167EV30LL-45ZXA Datasheet HTML 5Page - Cypress Semiconductor CY62167EV30LL-45ZXA Datasheet HTML 6Page - Cypress Semiconductor CY62167EV30LL-45ZXA Datasheet HTML 7Page - Cypress Semiconductor CY62167EV30LL-45ZXA Datasheet HTML 8Page - Cypress Semiconductor CY62167EV30LL-45ZXA Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
CY62167EV30 MoBL®
Document Number: 38-05446 Rev. *L
Page 5 of 19
Capacitance
Parameter [11]
Description
Test Conditions
Max
Unit
CIN
Input capacitance
TA = 25 °C, f = 1 MHz, VCC = VCC(typ)
10
pF
COUT
Output capacitance
10
pF
Thermal Resistance
Parameter [11]
Description
Test Conditions
48-ball VFBGA
(6 x 8 x 1mm)
48-pin TSOP I
Unit
JA
Thermal resistance
(Junction to ambient)
Still air, soldered on a 3 × 4.5 inch,
two-layer printed circuit board
55
60
°C/W
JC
Thermal resistance
(Junction to case)
16
4.3
°C/W
AC Test Loads and Waveforms
Figure 3. AC Test Loads and Waveforms
VCC
VCC
OUTPUT
R2
30 pF
INCLUDING
JIG AND
SCOPE
GND
90%
10%
90%
10%
Rise Time = 1 V/ns
Fall Time = 1 V/ns
OUTPUT
V
Equivalent to: THÉVENIN EQUIVALENT
ALL INPUT PULSES
RTH
R1
Parameters
2.2 V to 2.7 V
2.7 V to 3.6 V
Unit
R1
16667
1103
R2
15385
1554
RTH
8000
645
VTH
1.20
1.75
V
Note
11. Tested initially and after any design or process changes that may affect these parameters.


Similar Part No. - CY62167EV30LL-45ZXA

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62167EV30LL-45ZXA CYPRESS-CY62167EV30LL-45ZXA Datasheet
505Kb / 14P
   16-Mbit (1M x 16 / 2M x 8) Static RAM
CY62167EV30LL-45ZXA CYPRESS-CY62167EV30LL-45ZXA Datasheet
574Kb / 16P
   16-Mbit (1M x 16 / 2M x 8) Static RAM
CY62167EV30LL-45ZXA CYPRESS-CY62167EV30LL-45ZXA Datasheet
328Kb / 17P
   16-Mbit (1M x 16 / 2M x 8) Static RAM Automatic power-down when deselected
More results

Similar Description - CY62167EV30LL-45ZXA

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62167E CYPRESS-CY62167E_10 Datasheet
491Kb / 15P
   16-Mbit (1 M 횞 16 / 2 M 횞 8) Static RAM
CY7C1061AV33 CYPRESS-CY7C1061AV33_11 Datasheet
422Kb / 13P
   16-Mbit (1 M 횞 16) Static RAM
CY7C1061AV33 CYPRESS-CY7C1061AV33_12 Datasheet
558Kb / 14P
   16-Mbit (1 M 횞 16) Static RAM
CY7C10612DV33 CYPRESS-CY7C10612DV33_11 Datasheet
329Kb / 11P
   16-Mbit (1 M 횞 16) Static RAM
CY62167DV30LL-55BVXIT CYPRESS-CY62167DV30LL-55BVXIT Datasheet
460Kb / 17P
   16-Mbit (1 M 횞 16) Static RAM
CY62177EV30 CYPRESS-CY62177EV30 Datasheet
516Kb / 14P
   32-Mbit (2 M 횞 16 / 4 M 횞 8) Static RAM
CY62177ESL CYPRESS-CY62177ESL Datasheet
488Kb / 16P
   32-Mbit (2 M 횞 16/4 M 횞 8) Static RAM
CY62177EV18 CYPRESS-CY62177EV18 Datasheet
363Kb / 17P
   32-Mbit (2 M 횞 16 / 4 M 횞 8) Static RAM
CY62177DV30 CYPRESS-CY62177DV30_12 Datasheet
266Kb / 13P
   32-Mbit (2 M 횞 16) Static RAM
CY7C1061GN30 CYPRESS-CY7C1061GN30 Datasheet
412Kb / 18P
   16-Mbit (1 M words 횞 16 bit) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com