Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Pb-free Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # Pb-free
Description  2.5 V or 3.3 V, 200-MHz, 1:12 Clock Distribution Buffer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

Pb-free Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button Pb-free Datasheet HTML 2Page - Cypress Semiconductor Pb-free Datasheet HTML 3Page - Cypress Semiconductor Pb-free Datasheet HTML 4Page - Cypress Semiconductor Pb-free Datasheet HTML 5Page - Cypress Semiconductor Pb-free Datasheet HTML 6Page - Cypress Semiconductor Pb-free Datasheet HTML 7Page - Cypress Semiconductor Pb-free Datasheet HTML 8Page - Cypress Semiconductor Pb-free Datasheet HTML 9Page - Cypress Semiconductor Pb-free Datasheet HTML 10Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
CY29948
Document Number: 38-07288 Rev. *E
Page 6 of 10
Figure 7. Output-to-Output Skew tsk(0)
tSK(0)
VCC
GND
VCC /2
VCC
GND
VCC /2
Ordering Information
Part Number
Package Type
Production Flow
CY29948AC
32-pin TQFP
Commercial, 0 °C to +70 °C
CY29948ACT
32-pin TQFP - Tape and Reel
Commercial, 0 °C to +70 °C
Pb-free
CY29948AXC
32-pin TQFP
Commercial, 0 °C to +70 °C
CY29948AXCT
32-pin TQFP - Tape and Reel
Commercial, 0 °C to +70 °C
CY29948AXI
32-pin TQFP
Industrial, –40 °C to +85 °C
CY29948AXIT
32-pin TQFP - Tape and Reel
Industrial, –40 °C to +85 °C
Ordering Code Definitions
T = Tape and Reel; blank = Tube
Temperature: X = C or I
C = Commercial; I = Industrial
X = Pb-free
Package: A = 32-pin TQFP
Device part number
Company ID: CY = Cypress
29948
CY
A
X
T
X
[+] Feedback


Similar Part No. - Pb-free

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
Pb-free CYPRESS-Pb-free Datasheet
268Kb / 10P
   Spread Aware?? Frequency Multiplier, and Zero Delay Buffer
More results

Similar Description - Pb-free

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY29946 CYPRESS-CY29946_12 Datasheet
402Kb / 9P
   2.5 V or 3.3 V, 200-MHz, 1:10 Clock Distribution Buffer
CY29940 CYPRESS-CY29940_11 Datasheet
392Kb / 10P
   2.5 V or 3.3 V, 200-MHz, 1:18 Clock Distribution Buffer 200-MHz clock support
CY29946 CYPRESS-CY29946_11 Datasheet
402Kb / 9P
   2.5 V or 3.3 V, 200-MHz, 1:10 Clock Distribution Buffer 200-MHz clock support
CY29948 CYPRESS-CY29948_11 Datasheet
386Kb / 10P
   2.5 V or 3.3 V, 200-MHz, 1:12 Clock Distribution Buffer LVCMOS-/LVTTL-compatible inputs
logo
Renesas Technology Corp
MPC9448 RENESAS-MPC9448 Datasheet
393Kb / 14P
   3.3 V/2.5 V LVCMOS 1:12 Clock Fanout Buffer
2019
logo
Cypress Semiconductor
CY29948 CYPRESS-CY29948_06 Datasheet
191Kb / 8P
   2.5V or 3.3V, 200-MHz, 1:12 Clock Distribution Buffer
CY29948 CYPRESS-CY29948 Datasheet
108Kb / 7P
   2.5V or 3.3V, 200-MHz, 1:12 Clock Distribution Buffer
CY29352 CYPRESS-CY29352_11 Datasheet
443Kb / 10P
   2.5 V or 3.3 V, 200 MHz, 11 Output Zero Delay Buffer
CY29352 CYPRESS-CY29352_12 Datasheet
443Kb / 10P
   2.5 V or 3.3 V, 200 MHz, 11 Output Zero Delay Buffer
logo
NXP Semiconductors
PCK9448 PHILIPS-PCK9448 Datasheet
109Kb / 20P
   3.3 V/2.5 V LVCMOS 1 : 12 clock fan-out buffer
Rev. 01-29 November 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com