Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY2308SXI-1 Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY2308SXI-1
Description  3.3 V Zero Delay Buffer
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2308SXI-1 Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY2308SXI-1 Datasheet HTML 1Page - Cypress Semiconductor CY2308SXI-1 Datasheet HTML 2Page - Cypress Semiconductor CY2308SXI-1 Datasheet HTML 3Page - Cypress Semiconductor CY2308SXI-1 Datasheet HTML 4Page - Cypress Semiconductor CY2308SXI-1 Datasheet HTML 5Page - Cypress Semiconductor CY2308SXI-1 Datasheet HTML 6Page - Cypress Semiconductor CY2308SXI-1 Datasheet HTML 7Page - Cypress Semiconductor CY2308SXI-1 Datasheet HTML 8Page - Cypress Semiconductor CY2308SXI-1 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
CY2308
Document Number: 38-07146 Rev. *M
Page 3 of 18
Pinouts
Figure 1. Pin Diagram - 16-pin SOIC (Top View)
9
16
FBK
CLKA4
CLKA3
VDD
GND
CLKB4
CLKB3
S1
1
2
3
4
5
6
7
8
10
11
12
13
14
15
REF
CLKA1
CLKA2
VDD
GND
CLKB1
CLKB2
S2
Pin Definitions - 16-pin SOIC
Pin
Signal
Description
1
REF [1]
Input reference frequency
2
CLKA1 [2]
Clock output, Bank A
3
CLKA2 [2]
Clock output, Bank A
4VDD
Power supply voltage
5
GND
Power supply ground
6
CLKB1 [2]
Clock output, Bank B
7
CLKB2 [2]
Clock output, Bank B
8
S2 [3]
Select input, bit 2
9
S1 [3]
Select input, bit 1
10
CLKB3 [2]
Clock output, Bank B
11
CLKB4 [2]
Clock output, Bank B
12
GND
Power supply ground
13
VDD
Power supply voltage
14
CLKA3 [2]
Clock output, Bank A
15
CLKA4 [2]
Clock output, Bank A
16
FBK
PLL feedback input
Select Input Decoding
S2
S1
CLOCK A1–A4
CLOCK B1–B4
Output Source
PLL Shutdown
00
Tri-state
Tri-state
PLL
Y
0
1
Driven
Tri-state
PLL
N
10
Driven [4]
Driven [4]
Reference
Y
1
1
Driven
Driven
PLL
N
Notes
1. Weak pull down.
2. Weak pull down on all outputs.
3. Weak pull ups on these inputs.
4. Outputs inverted and PLL bypass mode for 2308-2 and 2308-3, S2 = 1 and S1 = 0.
[+] Feedback


Similar Part No. - CY2308SXI-1

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2308SXI-1 CYPRESS-CY2308SXI-1 Datasheet
203Kb / 14P
   3.3V Zero Delay Buffer
CY2308SXI-1 CYPRESS-CY2308SXI-1 Datasheet
367Kb / 15P
   3.3V Zero Delay Buffer
CY2308SXI-1 CYPRESS-CY2308SXI-1 Datasheet
377Kb / 15P
   3.3V Zero Delay Buffer
CY2308SXI-1H CYPRESS-CY2308SXI-1H Datasheet
203Kb / 14P
   3.3V Zero Delay Buffer
CY2308SXI-1H CYPRESS-CY2308SXI-1H Datasheet
367Kb / 15P
   3.3V Zero Delay Buffer
More results

Similar Description - CY2308SXI-1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC962308 MOTOROLA-MPC962308 Datasheet
414Kb / 12P
   3.3 V Zero Delay Buffer
logo
Cypress Semiconductor
CY2304 CYPRESS-CY2304_11 Datasheet
466Kb / 14P
   3.3 V Zero Delay Buffer
logo
ON Semiconductor
ASM5P2304A ONSEMI-ASM5P2304A Datasheet
119Kb / 8P
   3.3 V Zero Delay Buffer
August, 2011 ??Rev. 3
logo
Alliance Semiconductor ...
ASM5P2304A ALSC-ASM5P2304A Datasheet
300Kb / 15P
   3.3 V Zero Delay Buffer
logo
Cypress Semiconductor
CY2304 CYPRESS-CY2304_13 Datasheet
504Kb / 17P
   3.3 V Zero Delay Buffer
logo
ON Semiconductor
ASM5P2305A ONSEMI-ASM5P2305A Datasheet
144Kb / 12P
   3.3 V Zero Delay Buffer
August, 2011 ??Rev. 4
ASM5P2308A ONSEMI-ASM5P2308A Datasheet
144Kb / 11P
   3.3 V Zero-Delay Buffer
August, 2011 ??Rev. 3
logo
Renesas Technology Corp
MPC962308 RENESAS-MPC962308 Datasheet
677Kb / 13P
   3.3 V Zero Delay Buffer
2019
logo
ON Semiconductor
NB2305A ONSEMI-NB2305A_15 Datasheet
89Kb / 8P
   3.3 V Zero Delay Clock Buffer
May, 2015 ??Rev. 11
NB2305A ONSEMI-NB2305A Datasheet
133Kb / 8P
   3.3 V Zero Delay Clock Buffer
November, 2006 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com