Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY22801KFXCT Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY22801KFXCT
Description  Universal Programmable Clock Generator (UPCG)
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY22801KFXCT Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY22801KFXCT Datasheet HTML 1Page - Cypress Semiconductor CY22801KFXCT Datasheet HTML 2Page - Cypress Semiconductor CY22801KFXCT Datasheet HTML 3Page - Cypress Semiconductor CY22801KFXCT Datasheet HTML 4Page - Cypress Semiconductor CY22801KFXCT Datasheet HTML 5Page - Cypress Semiconductor CY22801KFXCT Datasheet HTML 6Page - Cypress Semiconductor CY22801KFXCT Datasheet HTML 7Page - Cypress Semiconductor CY22801KFXCT Datasheet HTML 8Page - Cypress Semiconductor CY22801KFXCT Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
CY22801
Document Number: 001-15571 Rev. *H
Page 3 of 25
Pin Configurations
Figure 1. CY22801 8-pin SOIC pinout
VDD
CY22801
1
2
3
4
8
7
6
5
XOUT
CLKC/FS2
CLKA
CLKB/FS1/SCLK
XIN/CLKIN
SDAT/FS0/
VCXO/OE/PD#
VSS
Pin Definitions
Name
Pin Number
Description
CLKIN /
XIN
1
External reference crystal input / external reference clock input
VDD
2
3.3 V voltage supply
SDAT / FS0
/ VCXO /
OE / PD#
3
Serial interface data line / frequency select 0 / VCXO analog control voltage / Output Enable /
Power-down
VSS
4
Ground
CLKB / FS1
/ SCLK
5
Clock output B / frequency select 1 / serial interface clock line
CLKA
6
Clock output A
CLKC /
FS2
7
Clock output C / frequency select 3 / VSS
XOUT
8
External reference crystal output: Connect to external crystal. When the reference is an external clock
signal (applied to pin 1), this pin is not used and must be left floating.


Similar Part No. - CY22801KFXCT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY22801KFXCT CYPRESS-CY22801KFXCT Datasheet
254Kb / 7P
   Universal Programmable Clock Generator
CY22801KFXCT CYPRESS-CY22801KFXCT Datasheet
602Kb / 23P
   Universal Programmable Clock Generator (UPCG) Integrated phase-locked loop (PLL)
More results

Similar Description - CY22801KFXCT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY22800 CYPRESS-CY22800_07 Datasheet
547Kb / 10P
   Universal Programmable Clock Generator (UPCG)
CY22800 CYPRESS-CY22800 Datasheet
182Kb / 8P
   Universal Programmable Clock Generator (UPCG)
CY22801 CYPRESS-CY22801 Datasheet
255Kb / 7P
   Universal Programmable Clock Generator (UPCG)
CY22801 CYPRESS-CY22801_11 Datasheet
602Kb / 23P
   Universal Programmable Clock Generator (UPCG) Integrated phase-locked loop (PLL)
CY22801 CYPRESS-CY22801_09 Datasheet
254Kb / 7P
   Universal Programmable Clock Generator
logo
National Semiconductor ...
CGS410 NSC-CGS410 Datasheet
285Kb / 18P
   Programmable Clock Generator
logo
Integrated Device Techn...
5P49V5913 IDT-5P49V5913_17 Datasheet
482Kb / 37P
   Programmable Clock Generator
5P49V5943 IDT-5P49V5943_17 Datasheet
415Kb / 33P
   Programmable Clock Generator
5P35021 IDT-5P35021_17 Datasheet
381Kb / 34P
   Programmable Clock Generator
5P35023 IDT-5P35023_17 Datasheet
385Kb / 34P
   Programmable Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com