Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY2308 Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY2308
Description  3.3 V Zero Delay Buffer
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2308 Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY2308_12 Datasheet HTML 1Page - Cypress Semiconductor CY2308_12 Datasheet HTML 2Page - Cypress Semiconductor CY2308_12 Datasheet HTML 3Page - Cypress Semiconductor CY2308_12 Datasheet HTML 4Page - Cypress Semiconductor CY2308_12 Datasheet HTML 5Page - Cypress Semiconductor CY2308_12 Datasheet HTML 6Page - Cypress Semiconductor CY2308_12 Datasheet HTML 7Page - Cypress Semiconductor CY2308_12 Datasheet HTML 8Page - Cypress Semiconductor CY2308_12 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
CY2308
3.3 V Zero Delay Buffer
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document Number: 38-07146 Rev. *M
Revised October 11, 2011
3.3 V Zero Delay Buffer
Features
Zero input-output propagation delay, adjustable by capacitive
load on FBK input
Multiple configurations, see Available CY2308 Configurations
on page 4 for more details
Multiple low skew outputs
Two banks of four outputs, three-stateable by two select inputs
10 MHz to 133 MHz operating range
75 ps typical cycle-to-cycle jitter (15 pF, 66 MHz)
Space saving 16-pin 150 mil SOIC package or 16-pin TSSOP
3.3 V operation
Industrial temperature available
Functional Description
The CY2308 is a 3.3 V Zero Delay Buffer designed to distribute
high speed clocks in PC, workstation, datacom, telecom, and
other high performance applications.
The part has an on-chip PLL that locks to an input clock
presented on the REF pin. The PLL feedback is driven from
external FBK pin, so user has flexibility to choose any one of the
outputs as feedback input and connect it to FBK pin. The
input-to-output skew is less than 250 ps and output-to-output
skew is less than 200 ps.
The CY2308 has two banks of four outputs each that is controlled
by the select inputs as shown in the table Select Input Decoding
on page 3. If all output clocks are not required, Bank B is
three-stated. The input clock is directly applied to the output for
chip and system testing purposes by the select inputs.
The CY2308 PLL enters a power down state when there are no
rising edges on the REF input. In this mode, all outputs are
three-stated and the PLL is turned off resulting in less than 25
A
of current draw. The PLL shuts down in two additional cases as
shown in the table Select Input Decoding on page 3.
Multiple CY2308 devices accept the same input clock and
distribute it in a system. In this case, the skew between the
outputs of two devices is less than 700 ps.
The CY2308 is available in five different configurations as shown
in the table Available CY2308 Configurations on page 4.
The CY2308-1 is the base part where the output frequencies
equal the reference if there is no counter in the feedback path.
The CY2308-1H is the high drive version of the -1 and rise and
fall times on this device are much faster.
The CY2308-2 enables the user to obtain 2x and 1x frequencies
on each output bank. The exact configuration and output
frequencies depend on the user’s selection of output that drives
the feedback pin.
The CY2308-3 enables the user to obtain 4x and 2x frequencies
on the outputs.
The CY2308-4 enables the user to obtain 2x clocks on all
outputs. Thus, the part is extremely versatile and is used in a
variety of applications.
The CY2308-5H is a high drive version with REF/2 on both
banks.
REF
CLKA1
CLKA2
CLKA3
CLKA4
FBK
PLL
MUX
Select Input
Decoding
S2
S1
CLKB1
CLKB2
CLKB3
CLKB4
/2
Extra Divider (–2, –3)
/2
Extra Divider (–3, –4)
Extra Divider (–5H)
/2
Logic Block Diagram
[+] Feedback


Similar Part No. - CY2308_12

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2308-1 CYPRESS-CY2308-1 Datasheet
367Kb / 15P
   3.3V Zero Delay Buffer
CY2308-1H CYPRESS-CY2308-1H Datasheet
367Kb / 15P
   3.3V Zero Delay Buffer
More results

Similar Description - CY2308_12

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC962308 MOTOROLA-MPC962308 Datasheet
414Kb / 12P
   3.3 V Zero Delay Buffer
logo
Cypress Semiconductor
CY2304 CYPRESS-CY2304_11 Datasheet
466Kb / 14P
   3.3 V Zero Delay Buffer
logo
ON Semiconductor
ASM5P2304A ONSEMI-ASM5P2304A Datasheet
119Kb / 8P
   3.3 V Zero Delay Buffer
August, 2011 ??Rev. 3
logo
Alliance Semiconductor ...
ASM5P2304A ALSC-ASM5P2304A Datasheet
300Kb / 15P
   3.3 V Zero Delay Buffer
logo
Cypress Semiconductor
CY2304 CYPRESS-CY2304_13 Datasheet
504Kb / 17P
   3.3 V Zero Delay Buffer
logo
ON Semiconductor
ASM5P2305A ONSEMI-ASM5P2305A Datasheet
144Kb / 12P
   3.3 V Zero Delay Buffer
August, 2011 ??Rev. 4
ASM5P2308A ONSEMI-ASM5P2308A Datasheet
144Kb / 11P
   3.3 V Zero-Delay Buffer
August, 2011 ??Rev. 3
logo
Renesas Technology Corp
MPC962308 RENESAS-MPC962308 Datasheet
677Kb / 13P
   3.3 V Zero Delay Buffer
2019
logo
ON Semiconductor
NB2305A ONSEMI-NB2305A_15 Datasheet
89Kb / 8P
   3.3 V Zero Delay Clock Buffer
May, 2015 ??Rev. 11
NB2305A ONSEMI-NB2305A Datasheet
133Kb / 8P
   3.3 V Zero Delay Clock Buffer
November, 2006 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com