Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCM69Q536 Datasheet(PDF) 4 Page - Motorola, Inc

Part # MCM69Q536
Description  32K x 36 Bit Synchronous Separate I/O SRAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM69Q536 Datasheet(HTML) 4 Page - Motorola, Inc

  MCM69Q536 Datasheet HTML 1Page - Motorola, Inc MCM69Q536 Datasheet HTML 2Page - Motorola, Inc MCM69Q536 Datasheet HTML 3Page - Motorola, Inc MCM69Q536 Datasheet HTML 4Page - Motorola, Inc MCM69Q536 Datasheet HTML 5Page - Motorola, Inc MCM69Q536 Datasheet HTML 6Page - Motorola, Inc MCM69Q536 Datasheet HTML 7Page - Motorola, Inc MCM69Q536 Datasheet HTML 8Page - Motorola, Inc MCM69Q536 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MCM69Q536
4
MOTOROLA FAST SRAM
PIN DESCRIPTIONS
Pin Locations
Symbol
Type
Description
55, 57, 59, 61, 63, 65, 68, 70, 72, 74, 76,
143, 145, 167, 169
A0 – A14
Input
Synchronous Address Inputs: These inputs are registered and must
meet setup and hold times.
2, 6, 8, 12, 14, 18, 20, 25, 27, 31, 33, 37,
39, 43, 47, 51, 82, 86, 90, 94, 96, 100,
102, 106, 108, 113. 115, 119, 121, 125,
127, 131, 135, 139, 170, 174
D0 – D35
Input
Synchronous Data Input.
150
E1
Input
Synchronous Chip Enable: Active low for depth expansion.
151
E2
Input
Synchronous Chip Enable: Active high for depth expansion.
152
G
Input
Asynchronous Output Enable Input:
Low — enables output buffers (Qx pins).
High — Qx pins are high impedance.
156
K
Input
Clock: This signal registers the address, data in, and all control signals
except G.
146
PT
Input
Pass–through enable: Synchronous.
3, 7, 9, 13, 15, 19, 21, 24, 26, 30, 32, 36,
38, 42, 46, 50, 83, 87, 91, 95, 97, 101,
103, 107, 109, 112, 114, 118, 120, 124,
126, 130, 143, 138, 171, 175
Q0 – Q35
Output
Synchronous Data Output.
148
W
Input
Synchronous Write.
4, 10, 16, 22, 28, 34, 40, 49, 67, 84, 98,
104, 110, 116, 122, 128, 137, 155, 172
VDD
Supply
+ 3.3 V Power Supply.
1, 5, 11, 17, 23, 29, 35, 41, 44, 45, 48,
52, 53, 66, 85, 88, 89, 93, 99, 105, 111,
117, 123. 129, 132, 133, 136, 154, 165,
173, 176
VSS
Supply
Ground.
54, 56, 58, 60, 62, 64, 69, 71, 73, 75,
77 – 81, 140, 141, 142, 144, 147, 149,
153, 157 – 164, 166, 168
NC
No Connection: There is no connection to the chip.
TRUTH TABLE
Oi
Input at tn Clock
Result from tn + 1 Clock
Notes
Operation
E1
E2
W
PT
Data Input D
Data Output Q
Write and Pass–Through
L
H
L
L
D written to A
D data appears
1
Write/Read
L
H
L
H
D written to A
Q out from A
2
Pass–Through
L
H
H
L
D data
D data appears
3
Read
L
H
H
H
Don’t Care
Q out from A
4
Deselected
X
L
X
X
Don’t Care
Q is high–Z
5
Deselected
H
X
X
X
Don’t Care
Q is high–Z
6
NOTES:
1. Write D to array and output D at Q.
2. Output contents of array to Q then write D to array.
3. Output D at Q. Do not write.
4. Output contents of array to Q. Do not write.
5. No operation.
6. No operation.


Similar Part No. - MCM69Q536

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM69Q618 MOTOROLA-MCM69Q618 Datasheet
178Kb / 12P
   64K x 18 Bit Synchronous Separate I/O SRAM
MCM69Q618TQ10 MOTOROLA-MCM69Q618TQ10 Datasheet
178Kb / 12P
   64K x 18 Bit Synchronous Separate I/O SRAM
MCM69Q618TQ10R MOTOROLA-MCM69Q618TQ10R Datasheet
178Kb / 12P
   64K x 18 Bit Synchronous Separate I/O SRAM
MCM69Q618TQ6 MOTOROLA-MCM69Q618TQ6 Datasheet
178Kb / 12P
   64K x 18 Bit Synchronous Separate I/O SRAM
MCM69Q618TQ6R MOTOROLA-MCM69Q618TQ6R Datasheet
178Kb / 12P
   64K x 18 Bit Synchronous Separate I/O SRAM
More results

Similar Description - MCM69Q536

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM69D536 MOTOROLA-MCM69D536 Datasheet
212Kb / 14P
   32K x 36 Bit Synchronous Dual I/O, Dual Address SRAM
MCM69Q618 MOTOROLA-MCM69Q618 Datasheet
178Kb / 12P
   64K x 18 Bit Synchronous Separate I/O SRAM
logo
Cypress Semiconductor
CY7C1299A CYPRESS-CY7C1299A Datasheet
142Kb / 11P
   32K x 36 Dual I/O Dual Address Synchronous SRAM
logo
Freescale Semiconductor...
MCM63D736 FREESCALE-MCM63D736 Datasheet
455Kb / 16P
   128K x 36 Bit Synchronous Dual I/O, Dual Address SRAM
logo
Motorola, Inc
MCM62110 MOTOROLA-MCM62110 Datasheet
206Kb / 12P
   32K x 9 Bit Synchronous Dual I/O or Separate I/O Fast Static RAM with Parity Checker
logo
Cypress Semiconductor
CY7C1300A CYPRESS-CY7C1300A Datasheet
147Kb / 12P
   128K X 36 Dual I/O Dual Address Synchronous SRAM
logo
Motorola, Inc
MCM67Q709A MOTOROLA-MCM67Q709A Datasheet
139Kb / 10P
   128K x 9 Bit Separate I/O Synchronous Fast Static RAM
MCM67Q909 MOTOROLA-MCM67Q909 Datasheet
139Kb / 10P
   512K x 9 Bit Separate I/O Synchronous Fast Static RAM
logo
Alliance Semiconductor ...
AS7C3256A ALSC-AS7C3256A Datasheet
248Kb / 9P
   3.3V 32K X 8 CMOS SRAM (Common I/O)
AS7C256A ALSC-AS7C256A Datasheet
248Kb / 9P
   5V 32K X 8 CMOS SRAM (Common I/O)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com