Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY14ME064J1-SXIT Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY14ME064J1-SXIT
Description  64-Kbit (8 K 횞 8) Serial (I2C) nvSRAM
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14ME064J1-SXIT Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY14ME064J1-SXIT Datasheet HTML 1Page - Cypress Semiconductor CY14ME064J1-SXIT Datasheet HTML 2Page - Cypress Semiconductor CY14ME064J1-SXIT Datasheet HTML 3Page - Cypress Semiconductor CY14ME064J1-SXIT Datasheet HTML 4Page - Cypress Semiconductor CY14ME064J1-SXIT Datasheet HTML 5Page - Cypress Semiconductor CY14ME064J1-SXIT Datasheet HTML 6Page - Cypress Semiconductor CY14ME064J1-SXIT Datasheet HTML 7Page - Cypress Semiconductor CY14ME064J1-SXIT Datasheet HTML 8Page - Cypress Semiconductor CY14ME064J1-SXIT Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
CY14MB064J
CY14ME064J
Document Number: 001-65051 Rev. *E
Page 3 of 30
Pinouts
Figure 1. 8-pin SOIC pinout
Figure 2. 16-pin SOIC pinout
WP
SCL
1
2
3
4
5
A0
8
7
6
V
CC
SDA
A1
A2
V
Top View
not to scale
CY14MX064J1
SS
WP
SCL
1
2
3
4
5
8
7
6
V
CC
SDA
A1
A2
Top View
not to scale
CY14MX064J2
V
CAP
VSS
WP
V
CAP
1
2
3
4
5
6
7
8
9
10
11
12
13
NC
16
15
14
VCC
A2
SDA
SCL
A1
HSB
A0
Top View
not to scale
VSS
NC
NC
NC
NC
NC
CY14MX064J3
Pin Definitions
Pin Name
I/O Type
Description
SCL
Input
Clock. Runs at speeds up to a maximum of fSCL.
SDA
Input/Output I/O. Input/Output of data through I2C interface.
Output: Is open-drain and requires an external pull-up resistor.
WP
Input
Write Protect. Protects the memory from all writes. This pin is internally pulled LOW and hence can be
left open if not connected.
A2–A0 [2]
Input
Slave Address. Defines the slave address for I2C. This pin is internally pulled LOW and hence can be
left open if not connected.
HSB
Input/Output Hardware STORE Busy:
Output: Indicates busy status of nvSRAM when LOW. After each Hardware and Software STORE
operation HSB is driven HIGH for a short time (tHHHD) with standard output high current and then a weak
internal pull-up resistor keeps this pin HIGH (External pull up resistor connection optional).
Input: Hardware STORE implemented by pulling this pin LOW externally.
VCAP
Power supply AutoStore Capacitor. Supplies power to the nvSRAM during power loss to STORE data from the SRAM
to nonvolatile elements. If not required, AutoStore must be disabled and this pin left as no connect. It
must never be connected to ground.
NC
No connect No Connect. This pin is not connected to the die.
VSS
Power supply Ground
VCC
Power supply Power supply
Note
2. A0 pin is not available in CY14MX064J2.


Similar Part No. - CY14ME064J1-SXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14ME064J1-SXIT CYPRESS-CY14ME064J1-SXIT Datasheet
1Mb / 31P
   64-Kbit (8 K x 8) Serial (I2C) nvSRAM Nonvolatile STORE/RECALL
CY14ME064J1-SXIT CYPRESS-CY14ME064J1-SXIT Datasheet
1Mb / 30P
   64-Kbit (8 K x 8) Serial (I2C) nvSRAM
More results

Similar Description - CY14ME064J1-SXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14MB064J1A CYPRESS-CY14MB064J1A Datasheet
1Mb / 28P
   64-Kbit (8 K 횞 8) Serial (I2C) nvSRAM
CY14C512J CYPRESS-CY14C512J_12 Datasheet
1Mb / 30P
   512-Kbit (64 K 횞 8) Serial (I2C) nvSRAM
CY14MB064J CYPRESS-CY14MB064J_13 Datasheet
1Mb / 30P
   64-Kbit (8 K x 8) Serial (I2C) nvSRAM
CY14MB064J1A CYPRESS-CY14MB064J1A_13 Datasheet
1Mb / 28P
   64-Kbit (8 K x 8) Serial (I2C) nvSRAM
CY14B512Q1 CYPRESS-CY14B512Q1_12 Datasheet
1Mb / 27P
   512-Kbit (64 K 횞 8) Serial (SPI) nvSRAM
CY14B512Q1 CYPRESS-CY14B512Q1 Datasheet
1Mb / 27P
   512-Kbit (64 K 횞 8) Serial (SPI) nvSRAM
CY14MC256J CYPRESS-CY14MC256J_12 Datasheet
1Mb / 30P
   256-Kbit (32 K 횞 8) Serial (I2C) nvSRAM
CY14MB064Q CYPRESS-CY14MB064Q_12 Datasheet
1Mb / 30P
   64-Kbit (8 K 횞 8) SPI nvSRAM
CY14MB064Q1B CYPRESS-CY14MB064Q1B Datasheet
913Kb / 28P
   64-Kbit (8 K 횞 8) SPI nvSRAM
CY14C512J CYPRESS-CY14C512J_13 Datasheet
1Mb / 30P
   512-Kbit (64 K x 8) Serial (I2C) nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com