Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY14B512Q2A-SXIT Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY14B512Q2A-SXIT
Description  512-Kbit (64 K 횞 8) SPI nvSRAM
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14B512Q2A-SXIT Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY14B512Q2A-SXIT Datasheet HTML 1Page - Cypress Semiconductor CY14B512Q2A-SXIT Datasheet HTML 2Page - Cypress Semiconductor CY14B512Q2A-SXIT Datasheet HTML 3Page - Cypress Semiconductor CY14B512Q2A-SXIT Datasheet HTML 4Page - Cypress Semiconductor CY14B512Q2A-SXIT Datasheet HTML 5Page - Cypress Semiconductor CY14B512Q2A-SXIT Datasheet HTML 6Page - Cypress Semiconductor CY14B512Q2A-SXIT Datasheet HTML 7Page - Cypress Semiconductor CY14B512Q2A-SXIT Datasheet HTML 8Page - Cypress Semiconductor CY14B512Q2A-SXIT Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
CY14C512Q
CY14B512Q
CY14E512Q
512-Kbit (64 K × 8) SPI nvSRAM
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document Number: 001-65267 Rev. *D
Revised July 24, 2012
512-Kbit (64 K × 8) SPI nvSRAM
Features
512-Kbit nonvolatile static random access memory (nvSRAM)
internally organized as 64 K × 8
STORE to QuantumTrap nonvolatile elements initiated
automatically on power-down (AutoStore) or by using SPI
instruction (Software STORE) or HSB pin (Hardware
STORE)
RECALL to SRAM initiated on power-up (Power-Up
RECALL) or by SPI instruction (Software RECALL)
Support automatic STORE on power-down with a small
capacitor (except for CY14X512Q1A)
High reliability
Infinite read, write, and RECALL cycles
1million STORE cycles to QuantumTrap
Data retention: 20 years at 85 C
40-MHz, and 104-MHz High-speed serial peripheral interface
(SPI)
40-MHz clock rate SPI write and read with zero cycle delay
104-MHz clock rate SPI write and SPI read (with special fast
read instructions)
Supports SPI mode 0 (0,0) and mode 3 (1,1)
SPI access to special functions
Nonvolatile STORE/RECALL
8-byte serial number
Manufacturer ID and Product ID
Sleep mode
Write protection
Hardware protection using Write Protect (WP) pin
Software protection using Write Disable instruction
Software block protection for 1/4, 1/2, or entire array
Low power consumption
Average active current of 3 mA at 40 MHz operation
Average standby mode current of 150 A
Sleep mode current of 8 A
Industry standard configurations
Operating voltages:
• CY14C512Q: VCC = 2.4 V to 2.6 V
• CY14B512Q: VCC = 2.7 V to 3.6 V
• CY14E512Q: VCC = 4.5 V to 5.5 V
Industrial temperature
8- and 16-pin small outline integrated circuit (SOIC) package
Restriction of hazardous substances (RoHS) compliant
Functional Overview
The Cypress CY14X512Q combines a 512-Kbit nvSRAM[1] with
a nonvolatile element in each memory cell with serial SPI
interface. The memory is organized as 64 K words of 8 bits each.
The
embedded
nonvolatile
elements
incorporate
the
QuantumTrap technology, creating the world’s most reliable
nonvolatile memory. The SRAM provides infinite read and write
cycles, while the QuantumTrap cells provide highly reliable
nonvolatile storage of data. Data transfers from SRAM to the
nonvolatile elements (STORE operation) takes place automati-
cally at power-down (except for CY14X512Q1A). On power-up,
data is restored to the SRAM from the nonvolatile memory
(RECALL operation). You can also initiate the STORE and
RECALL operations through SPI instruction.
Configuration
Feature
CY14X512Q1A CY14X512Q2A CY14X512Q3A
AutoStore
No
Yes
Yes
Software
STORE
Yes
Yes
Yes
Hardware
STORE
No
No
Yes
Memory
Data &
Address
Control
Manufacturer ID /
Product ID
SPI Control Logic
Write Protection
Instruction decoder
Power Control
Block
RDSN/WRSN/RDID
Serial Number
8 x 8
QuantumTrap
64 K x 8
SRAM
64 K x 8
STORE
SI
CS
SCK
WP
VCC
VCAP
RECALL
READ/WRITE
Status Register
WRSR/RDSR/WREN
STORE/RECALL/ASENB/ASDISB
SO
SLEEP
Logic Block Diagram
Note
1. This device will be referred to as nvSRAM throughout the document.


Similar Part No. - CY14B512Q2A-SXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B512Q2A-SXIT CYPRESS-CY14B512Q2A-SXIT Datasheet
1Mb / 33P
   512-Kbit (64 K x 8) SPI nvSRAM Infinite read, write, and RECALL cycles
More results

Similar Description - CY14B512Q2A-SXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B512Q1 CYPRESS-CY14B512Q1_12 Datasheet
1Mb / 27P
   512-Kbit (64 K 횞 8) Serial (SPI) nvSRAM
CY14B512Q1 CYPRESS-CY14B512Q1 Datasheet
1Mb / 27P
   512-Kbit (64 K 횞 8) Serial (SPI) nvSRAM
CY14MB064Q CYPRESS-CY14MB064Q_12 Datasheet
1Mb / 30P
   64-Kbit (8 K 횞 8) SPI nvSRAM
CY14MB064Q1B CYPRESS-CY14MB064Q1B Datasheet
913Kb / 28P
   64-Kbit (8 K 횞 8) SPI nvSRAM
CY14C512PA CYPRESS-CY14C512PA_13 Datasheet
1Mb / 42P
   512-Kbit (64 K x 8) SPI nvSRAM
CY14C512J CYPRESS-CY14C512J_12 Datasheet
1Mb / 30P
   512-Kbit (64 K 횞 8) Serial (I2C) nvSRAM
CY14B512Q1 CYPRESS-CY14B512Q1_13 Datasheet
1Mb / 27P
   512-Kbit (64 K x 8) Serial (SPI) nvSRAM
CY14C512PA CYPRESS-CY14C512PA_12 Datasheet
1Mb / 42P
   512-Kbit (64 K 횞 8) SPI nvSRAM with Real Time Clock
CY14B512P CYPRESS-CY14B512P Datasheet
1Mb / 36P
   512-Kbit (64 K 횞 8) Serial (SPI) nvSRAM with Real Time Clock
CY14B512P CYPRESS-CY14B512P_12 Datasheet
1Mb / 34P
   512-Kbit (64 K 횞 8) Serial (SPI) nvSRAM with Real Time Clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com