Electronic Components Datasheet Search |
|
CY8C20646A-24LTXIT Datasheet(PDF) 9 Page - Cypress Semiconductor |
|
CY8C20646A-24LTXIT Datasheet(HTML) 9 Page - Cypress Semiconductor |
9 / 47 page CY8C20X36A/46A/66A/96A/46AS/66AS Document Number: 001-54459 Rev. *O Page 9 of 47 Pinouts The CY8C20X36A/46A/66A/96A/46AS/66AS PSoC device is available in a variety of packages, which are listed and illustrated in the following tables. Every port pin (labeled with a “P”) is capable of Digital I/O and connection to the common analog bus. However, VSS, VDD, and XRES are not capable of Digital I/O. 16-pin QFN (12 Sensing Inputs)[4] Table 1. Pin Definitions – CY8C20236A, CY8C20246A, CY8C20246AS PSoC Device Pin No. Type Name Description Figure 2. CY8C20236A, CY8C20246A, CY8C20246AS Digital Analog 1 I/O I P2[5] Crystal output (XOut) 2 I/O I P2[3] Crystal input (XIn) 3 IOHR I P1[7] I2C SCL, SPI SS 4 IOHR I P1[5] I2C SDA, SPI MISO 5 IOHR I P1[3] SPI CLK 6 IOHR I P1[1] ISSP CLK[5], I2C SCL, SPI MOSI 7 Power VSS Ground connection 8 IOHR I P1[0] ISSP DATA[5], I2C SDA, SPI CLK[6] 9 IOHR I P1[2] 10 IOHR I P1[4] Optional external clock (EXTCLK) 11 Input XRES Active high external reset with internal pull-down 12 IOH I P0[4] 13 Power VDD Supply voltage 14 IOH I P0[7] 15 IOH I P0[3] Integrating input 16 IOH I P0[1] Integrating input LEGEND A = Analog, I = Input, O = Output, OH = 5 mA High Output Drive, R = Regulated Output. QFN ( Top View) AI, XOut, P2[5] AI,I2 C SCL, SPI SS, P1[7] AI,I2 C SDA, SPI MISO, P1[5] 1 2 3 4 11 10 9 P0[4] , AI P1[2] , AI AI, XIn, P2[3] P1[4] , EXTCLK, AI XRES 12 Notes 4. No Center Pad. 5. On power-up, the SDA(P1[0]) drives a strong high for 256 sleep clock cycles and drives resistive low for the next 256 sleep clock cycles. The SCL(P1[1]) line drives resistive low for 512 sleep clock cycles and both the pins transition to high impedance state. On reset, after XRES de-asserts, the SDA and the SCL lines drive resistive low for 8 sleep clock cycles and transition to high impedance state. Hence, during power-up or reset event, P1[1] and P1[0] may disturb the I2C bus. Use alternate pins if you encounter issues. 6. Alternate SPI clock. |
Similar Part No. - CY8C20646A-24LTXIT |
|
Similar Description - CY8C20646A-24LTXIT |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |