Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8C20646A-24LTXI Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY8C20646A-24LTXI
Description  1.8 V CapSense짰 Controller with SmartSense??Auto-tuning
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C20646A-24LTXI Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY8C20646A-24LTXI Datasheet HTML 1Page - Cypress Semiconductor CY8C20646A-24LTXI Datasheet HTML 2Page - Cypress Semiconductor CY8C20646A-24LTXI Datasheet HTML 3Page - Cypress Semiconductor CY8C20646A-24LTXI Datasheet HTML 4Page - Cypress Semiconductor CY8C20646A-24LTXI Datasheet HTML 5Page - Cypress Semiconductor CY8C20646A-24LTXI Datasheet HTML 6Page - Cypress Semiconductor CY8C20646A-24LTXI Datasheet HTML 7Page - Cypress Semiconductor CY8C20646A-24LTXI Datasheet HTML 8Page - Cypress Semiconductor CY8C20646A-24LTXI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 47 page
background image
CY8C20X36A/46A/66A/96A/46AS/66AS
Document Number: 001-54459 Rev. *O
Page 2 of 47
Logic Block Diagram
CAPSENSE
SYSTEM
1K/2K
SRAM
Interrupt
Controller
Sleep and
Watchdog
Multiple Clock Sources
Internal Low Speed Oscillator (ILO)
6/12/24 MHz Internal Main Oscillator
(IMO)
PSoC CORE
CPU Core (M8C)
Supervisory ROM (SROM)
8K/16K/32K Flash
Nonvolatile Memory
SYSTEM RESOURCES
SYSTEM BUS
Analog
Reference
SYSTEM BUS
Port 3
Port 2
Port 1
Port 0
CapSense
Module
Global Analog Interconnect
1.8/2.5/3V
LDO
Analog
Mux
Two
Comparators
I2C
Slave
SPI
Master/
Slave
POR
and
LVD
USB
System
Resets
Internal
Voltage
References
Three 16-Bit
Programmable
Timers
PWRSYS
(Regulator)
Port 4
Digital
Clocks
[2]
Note
2. Internal voltage regulator for internal circuitry


Similar Part No. - CY8C20646A-24LTXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C20646A-24LTXI CYPRESS-CY8C20646A-24LTXI Datasheet
922Kb / 38P
   CapSense Applications
CY8C20646A-24LTXI CYPRESS-CY8C20646A-24LTXI Datasheet
1Mb / 43P
   CapSense Applications Operating Range: 1.71 V to 5.5 V
CY8C20646A-24LTXI CYPRESS-CY8C20646A-24LTXI Datasheet
782Kb / 51P
   1.8 V Programmable CapSense짰 Controller with SmartSense??Auto-tuning 1??3 Buttons, 0?? Sliders
CY8C20646A-24LTXIT CYPRESS-CY8C20646A-24LTXIT Datasheet
922Kb / 38P
   CapSense Applications
CY8C20646A-24LTXIT CYPRESS-CY8C20646A-24LTXIT Datasheet
782Kb / 51P
   1.8 V Programmable CapSense짰 Controller with SmartSense??Auto-tuning 1??3 Buttons, 0?? Sliders
More results

Similar Description - CY8C20646A-24LTXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C20X37 CYPRESS-CY8C20X37 Datasheet
719Kb / 39P
   1.8 V CapSense짰 Controller with SmartSense??Auto-tuning ??31 Buttons, 6 Sliders
CY8C20XX6A CYPRESS-CY8C20XX6A_13 Datasheet
782Kb / 51P
   1.8 V Programmable CapSense짰 Controller with SmartSense??Auto-tuning 1??3 Buttons, 0?? Sliders
CY8C20XX7 CYPRESS-CY8C20XX7 Datasheet
689Kb / 43P
   1.8 V CapSense짰 Controller with SmartSense??Auto-tuning 31 Buttons, 6 Sliders, Proximity Sensors
CY8CMBR3002 CYPRESS-CY8CMBR3002 Datasheet
1Mb / 42P
   CapSense짰 Express??Controllers with SmartSense??Auto-tuning 16 Buttons, 2 Sliders, Proximity Sensors
CY8C20336H CYPRESS-CY8C20336H_12 Datasheet
524Kb / 35P
   Haptics Enabled CapSense짰 Controller
CY8CMBR2110 CYPRESS-CY8CMBR2110_13 Datasheet
1Mb / 71P
   CapSense짰 Express??10-Button Controller
CY8CMBR2044 CYPRESS-CY8CMBR2044_12 Datasheet
1,013Kb / 29P
   Four Button CapSense짰 Controller
logo
Analog Devices
AD8553ARMZ-R2 AD-AD8553ARMZ-R2 Datasheet
334Kb / 20P
   1.8 V to 5 V Auto-Zero, In-Amp with Shutdown
REV. A
AD8563 AD-AD8563 Datasheet
179Kb / 15P
   1.8 V to 5 V Auto-Zero, In-Amp with Shutdown
Rev. PrA
logo
Cypress Semiconductor
CY8CMBR2010 CYPRESS-CY8CMBR2010 Datasheet
1Mb / 33P
   CapSense짰 Express??10-Button Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com