Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY14C256Q Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY14C256Q
Description  256-Kbit (32 K 횞 8) SPI nvSRAM
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14C256Q Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY14C256Q_12 Datasheet HTML 7Page - Cypress Semiconductor CY14C256Q_12 Datasheet HTML 8Page - Cypress Semiconductor CY14C256Q_12 Datasheet HTML 9Page - Cypress Semiconductor CY14C256Q_12 Datasheet HTML 10Page - Cypress Semiconductor CY14C256Q_12 Datasheet HTML 11Page - Cypress Semiconductor CY14C256Q_12 Datasheet HTML 12Page - Cypress Semiconductor CY14C256Q_12 Datasheet HTML 13Page - Cypress Semiconductor CY14C256Q_12 Datasheet HTML 14Page - Cypress Semiconductor CY14C256Q_12 Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
CY14C256Q
CY14B256Q
CY14E256Q
Document Number: 001-65282 Rev. *E
Page 11 of 32
Figure 7. Read Status Register (RDSR) Instruction Timing
Figure 8. Fast Read Status Register (FAST_RDSR) Instruction Timing
CS
SCK
SO
0123456
7
SI
0000
0
1
0
0
1
HI-Z
0
12345
6
7
Data
LSB
D0
D1
D2
D3
D4
D5
D6
MSB
D7
Op-Code
CS
SCK
SO
0123456
7
SI
0000
1
0
0
1
HI-Z
8
9
10 11 12 13 14 15
0
Data
LSB
D0
D1
D2
D3
D4
D5
D6
MSB
D7
X
X
X
X
X
X
X
X
Dummy Byte
0
12345
6
7
Op-Code
Figure 9. Write Status Register (WRSR) Instruction Timing
CS
SCK
SO
0
1
2
3
4567
SI
0000
0
0
0
1
MSB
LSB
D2
D3
D7
HI-Z
0
12345
67
Opcode
Data in
X
X
X
X
X


Similar Part No. - CY14C256Q_12

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14C256Q CYPRESS-CY14C256Q Datasheet
1Mb / 33P
   256-Kbit (32 K x 8) SPI nvSRAM Infinite read, write, and RECALL cycles
More results

Similar Description - CY14C256Q_12

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B256Q1 CYPRESS-CY14B256Q1 Datasheet
1Mb / 26P
   256-Kbit (32 K 횞 8) Serial (SPI) nvSRAM
CY14U256LA CYPRESS-CY14U256LA Datasheet
499Kb / 22P
   256-Kbit (32 K 횞 8) nvSRAM
CY14B256LA CYPRESS-CY14B256LA_12 Datasheet
863Kb / 22P
   256-Kbit (32 K 횞 8) nvSRAM
CY14B256LA CYPRESS-CY14B256LA_11 Datasheet
790Kb / 22P
   256-Kbit (32 K 횞 8) nvSRAM
CY14E256LA CYPRESS-CY14E256LA_12 Datasheet
834Kb / 19P
   256-Kbit (32 K 횞 8) nvSRAM
CY14MC256J CYPRESS-CY14MC256J_12 Datasheet
1Mb / 30P
   256-Kbit (32 K 횞 8) Serial (I2C) nvSRAM
CY14C256PA CYPRESS-CY14C256PA_12 Datasheet
1Mb / 43P
   256-Kbit (32 K 횞 8) SPI nvSRAM with Real Time Clock
CY14B256Q1 CYPRESS-CY14B256Q1_13 Datasheet
1Mb / 29P
   256-Kbit (32 K x 8) Serial (SPI) nvSRAM
CY14B256P CYPRESS-CY14B256P Datasheet
2Mb / 36P
   256-Kbit (32 K 횞 8) Serial (SPI) with nvSRAM Real Time Clock
CY14MB064Q CYPRESS-CY14MB064Q_12 Datasheet
1Mb / 30P
   64-Kbit (8 K 횞 8) SPI nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com