Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY14B101J2-SXIT Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY14B101J2-SXIT
Description  1-Mbit (128 K 횞 8) Serial (I2C) nvSRAM
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14B101J2-SXIT Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY14B101J2-SXIT Datasheet HTML 3Page - Cypress Semiconductor CY14B101J2-SXIT Datasheet HTML 4Page - Cypress Semiconductor CY14B101J2-SXIT Datasheet HTML 5Page - Cypress Semiconductor CY14B101J2-SXIT Datasheet HTML 6Page - Cypress Semiconductor CY14B101J2-SXIT Datasheet HTML 7Page - Cypress Semiconductor CY14B101J2-SXIT Datasheet HTML 8Page - Cypress Semiconductor CY14B101J2-SXIT Datasheet HTML 9Page - Cypress Semiconductor CY14B101J2-SXIT Datasheet HTML 10Page - Cypress Semiconductor CY14B101J2-SXIT Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
CY14C101J
CY14B101J
CY14E101J
Document Number: 001-54050 Rev. *I
Page 7 of 31
Slave Device Address
Every slave device on an I2C bus has a device select address.
The first byte after START condition contains the slave device
address with which the master intends to communicate. The
seven MSBs are the device address and the LSB (R/W bit) is
used for indicating Read or Write operation. The CY14X101J
reserves two sets of upper 4 MSBs [7:4] in the slave device
address field for accessing Memory and Control Registers. The
accessing mechanism is described in Memory Slave Device.
The nvSRAM product provides two different functionalities:
Memory and Control Registers functions (such as serial number
and product ID). The two functions of the device are accessed
through different slave device addresses. The first four most
significant bits [7:4] in the device address register are used to
select between the nvSRAM functions.
Memory Slave Device
The nvSRAM device is selected for Read/Write if the master
issues the slave address as 1010b followed by two bits of device
select. If slave address sent by the master matches with the
Memory Slave device address then depending on the R/W bit of
the slave address, data is either read from (R/W = ‘1’) or written
to (R/W = ‘0’) the nvSRAM.
The address length for CY14X101J is 17 bits and thus it requires
3 address bytes to map the entire memory address location. To
save an extra byte for memory addressing, the 17th bit (A16) is
mapped to the slave address select bit (A0). The dedicated two
address bytes represent bit A0 to A15.
Control Registers Slave Device
The Control Registers Slave device includes the Serial Number,
Product ID, Memory Control and Command Register.
The nvSRAM Control Register Slave device is selected for
Read/Write if the master issues the Slave address as 0011b
followed by two bits of device select. Then, depending on the
R/W bit of the Slave address, data is either read from (R/W = ‘1’)
or written to (R/W = ‘0’) the device.
Table 1. Slave device Addressing
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
nvSRAM
Function Select
CY14X101J Slave Devices
1
0
1
0
Device Select ID
A16
R/W Selects Memory
Memory, 128 K × 8
0
0
1
1
Device Select ID
X
R/W
Selects Control
Registers
Control Registers
- Memory Control Register, 1 × 8
- Serial Number, 8 × 8
- Device ID, 4 × 8
- Command Register, 1 × 8
Figure 8. Memory Slave Device Address
handbook, halfpage
R/W
LSB
MSB
Slave ID
10
1
0
A2
A16
A1
Device
Select
MSB of
Address
Figure 9. Control Registers Slave Device Address
Table 2. Control Registers Map
Address
Description Read/Write
Details
0x00
Memory
Control
Register
Read/Write Contains
Block
Protect Bits and Serial
Number Lock bit
0x01
Serial Number
8 Bytes
Read/Write
(Read only
when SNL
is set)
Programmable Serial
Number. Locked by
setting
the
Serial
Number lock bit in the
Memory
Control
Register to ‘1’.
0x02
0x03
0x04
0x05
0x06
0x07
0x08
0x09
Device ID
Read only Device ID is factory
programmed
0x0A
0x0B
0x0C
0x0D
Reserved
Reserved Reserved
handbook, halfpage
R/W
LSB
MSB
Slave ID
00
1
1
A2
X
A1
Device
Select


Similar Part No. - CY14B101J2-SXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B101J2-SXIT CYPRESS-CY14B101J2-SXIT Datasheet
1Mb / 32P
   1 Mbit (128 K 횞 8) Serial (I2C) nvSRAM
CY14B101J2-SXIT CYPRESS-CY14B101J2-SXIT Datasheet
1Mb / 31P
   1-Mbit (128 K x 8) Serial (I2C) nvSRAM Infinite read, write, and RECALL cycles
CY14B101J2-SXIT CYPRESS-CY14B101J2-SXIT Datasheet
1Mb / 31P
   1-Mbit (128 K x 8) Serial (I2C) nvSRAM
More results

Similar Description - CY14B101J2-SXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14C101J CYPRESS-CY14C101J Datasheet
1Mb / 32P
   1 Mbit (128 K 횞 8) Serial (I2C) nvSRAM
CY14C101Q CYPRESS-CY14C101Q_12 Datasheet
1Mb / 33P
   1-Mbit (128 K 횞 8) Serial (SPI) nvSRAM
CY14V101Q3 CYPRESS-CY14V101Q3 Datasheet
1Mb / 24P
   1 Mbit (128 K 횞 8) Serial SPI nvSRAM
CY14C101J CYPRESS-CY14C101J_13 Datasheet
1Mb / 31P
   1-Mbit (128 K x 8) Serial (I2C) nvSRAM
CY14C101I CYPRESS-CY14C101I_12 Datasheet
1Mb / 41P
   1-Mbit (128 K 횞 8) Serial (I2C) nvSRAM with Real Time Clock
CY14B101LA CYPRESS-CY14B101LA_12 Datasheet
725Kb / 29P
   1-Mbit (128 K 횞 8/64 K 횞 16) nvSRAM
CY14B101LA CYPRESS-CY14B101LA_11 Datasheet
1,013Kb / 26P
   1-Mbit (128 K 횞 8/64 K 횞 16) nvSRAM
CY14B101Q1 CYPRESS-CY14B101Q1_13 Datasheet
1Mb / 27P
   1-Mbit (128 K x 8) Serial SPI nvSRAM
CY14B101P CYPRESS-CY14B101P_12 Datasheet
934Kb / 36P
   1-Mbit (128 K 횞 8) Serial SPI nvSRAM with Real Time Clock
CY14C101PA CYPRESS-CY14C101PA_12 Datasheet
1Mb / 43P
   1-Mbit (128 K 횞 8) Serial (SPI) nvSRAM with Real Time Clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com