Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY14C256PA Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY14C256PA
Description  256-Kbit (32 K 횞 8) SPI nvSRAM with Real Time Clock
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14C256PA Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY14C256PA_12 Datasheet HTML 1Page - Cypress Semiconductor CY14C256PA_12 Datasheet HTML 2Page - Cypress Semiconductor CY14C256PA_12 Datasheet HTML 3Page - Cypress Semiconductor CY14C256PA_12 Datasheet HTML 4Page - Cypress Semiconductor CY14C256PA_12 Datasheet HTML 5Page - Cypress Semiconductor CY14C256PA_12 Datasheet HTML 6Page - Cypress Semiconductor CY14C256PA_12 Datasheet HTML 7Page - Cypress Semiconductor CY14C256PA_12 Datasheet HTML 8Page - Cypress Semiconductor CY14C256PA_12 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 43 page
background image
CY14C256PA
CY14B256PA
CY14E256PA
Document Number: 001-65281 Rev. *E
Page 3 of 43
Pinout
Figure 1. 16-pin SOIC pinout
INT/SQW
WP
V
CAP
1
2
3
4
5
6
7
8
9
10
11
12
13
NC
16
15
14
V
CC
SO
SI
SCK
CS
HSB
HOLD
Top View
not to scale
VRTCbat
Xout
Xin
V
RTCcap
V
SS
Pin Definitions
Pin Name
I/O Type
Description
CS
Input
Chip select: Activates the device when pulled LOW. Driving this pin HIGH puts the device in low power
standby mode.
SCK
Input
Serial clock: Runs at speeds up to a maximum of fSCK. Serial input is latched at the rising edge of this
clock. Serial output is driven at the falling edge of the clock.
SI
Input
Serial input: Pin for input of all SPI instructions and data.
SO
Output
Serial output: Pin for output of data through SPI.
WP
Input
Write Protect: Implements hardware write protection in SPI.
HOLD
Input
HOLD pin: Suspends Serial Operation.
HSB
Input/Output Hardware STORE Busy: Output: Indicates busy status of nvSRAM when LOW. After each Hardware
and Software STORE operation HSB is driven HIGH for a short time (tHHHD) with standard output high
current and then a weak internal pull-up resistor keeps this pin HIGH (external pull-up resistor
connection optional).
Input: Hardware STORE implemented by pulling this pin LOW externally.
VCAP
Power supply AutoStore capacitor. Supplies power to the nvSRAM during power loss to STORE data from the SRAM
to nonvolatile elements. If AutoStore is not needed, this pin must be left as No Connect. It must never
be connected to ground.
VRTCcap
[2]
Power supply Capacitor backup for RTC: Left unconnected if VRTCbat is used.
VRTCbat
[2]
Power supply Battery backup for RTC: Left unconnected if VRTCcap is used.
Xout[2]
Output
Crystal output connection
Xin[2]
Input
Crystal input connection
INT/SQW
[2]
Output
Interrupt output/calibration/square wave. Programmable to respond to the clock alarm, the watchdog
timer, and the power monitor. Also programmable to either active HIGH (push or pull) or LOW (open
drain). In calibration mode, a 512 Hz square wave is driven out. In the square wave mode, you may
select a frequency of 1 Hz, 512 Hz, 4,096 Hz, or 32,768 Hz to be used as a continuous output.
NC
No connect
No connect. This pin is not connected to the die.
VSS
Power supply Ground
VCC
Power supply Power supply
Note
2. Left unconnected if RTC feature is not used.


Similar Part No. - CY14C256PA_12

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14C256PA CYPRESS-CY14C256PA_13 Datasheet
1Mb / 43P
   256-Kbit (32 K x 8) SPI nvSRAM with Real Time Clock
More results

Similar Description - CY14C256PA_12

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B256P CYPRESS-CY14B256P Datasheet
2Mb / 36P
   256-Kbit (32 K 횞 8) Serial (SPI) with nvSRAM Real Time Clock
CY14B256KA CYPRESS-CY14B256KA_12 Datasheet
934Kb / 27P
   256-Kbit (32 K 횞 8) nvSRAM with Real Time Clock
CY14B256KA CYPRESS-CY14B256KA_11 Datasheet
913Kb / 27P
   256-Kbit (32 K 횞 8) nvSRAM with Real Time Clock
CY14C256PA CYPRESS-CY14C256PA_13 Datasheet
1Mb / 43P
   256-Kbit (32 K x 8) SPI nvSRAM with Real Time Clock
CY14B256P CYPRESS-CY14B256P_13 Datasheet
2Mb / 37P
   256-Kbit (32 K x 8) Serial (SPI) nvSRAM with Real Time Clock
CY14B256P_1106 CYPRESS-CY14B256P_1106 Datasheet
1Mb / 36P
   256-Kbit (32 K x 8) Serial (SPI) nvSRAM with Real Time Clock
CY14C256I CYPRESS-CY14C256I_12 Datasheet
2Mb / 40P
   256-Kbit (32 K 횞 8) Serial (I2C) nvSRAM with Real Time Clock
CY14C064PA CYPRESS-CY14C064PA_12 Datasheet
1Mb / 43P
   64-Kbit (8 K 횞 8) SPI nvSRAM with Real Time Clock
CY14C256Q CYPRESS-CY14C256Q_12 Datasheet
1Mb / 32P
   256-Kbit (32 K 횞 8) SPI nvSRAM
CY14C512PA CYPRESS-CY14C512PA_12 Datasheet
1Mb / 42P
   512-Kbit (64 K 횞 8) SPI nvSRAM with Real Time Clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com