Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY14C101I Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY14C101I
Description  1-Mbit (128 K 횞 8) Serial (I2C) nvSRAM with Real Time Clock
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14C101I Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY14C101I_12 Datasheet HTML 6Page - Cypress Semiconductor CY14C101I_12 Datasheet HTML 7Page - Cypress Semiconductor CY14C101I_12 Datasheet HTML 8Page - Cypress Semiconductor CY14C101I_12 Datasheet HTML 9Page - Cypress Semiconductor CY14C101I_12 Datasheet HTML 10Page - Cypress Semiconductor CY14C101I_12 Datasheet HTML 11Page - Cypress Semiconductor CY14C101I_12 Datasheet HTML 12Page - Cypress Semiconductor CY14C101I_12 Datasheet HTML 13Page - Cypress Semiconductor CY14C101I_12 Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 41 page
background image
PRELIMINARY
CY14C101I
CY14B101I
CY14E101I
Document Number: 001-54391 Rev. *G
Page 10 of 41
Hardware RECALL (Power Up)
During power-up, when VCC crosses VSWITCH, an automatic
RECALL sequence is initiated that transfers the content of
nonvolatile memory to the SRAM. The data may have been
previously stored on the nonvolatile memory through a STORE
sequence.
A Power Up RECALL cycle takes tFA time to complete and the
memory access is disabled during this time. HSB pin can be
used to detect the ready status of the device.
Write Operation
The last bit of the slave device address indicates a read or a write
operation. In case of a write operation, the slave device address
is followed by the memory or register address and data. A write
operation continues as long as a STOP or Repeated START
condition is generated by the master or if a NACK is issued by
the nvSRAM.
A NACK is issued from the nvSRAM under the following
conditions:
1. A valid Device ID is not received.
2. A write (burst write) access to a protected memory block
address returns a NACK from nvSRAM after the data byte is
received. However, the address counter is set to this address
and the following current read operation starts from this
address.
3. A write/random read access to an invalid or out-of-bound
memory address returns a NACK from the nvSRAM after the
address is received. The address counter remains unchanged
in such a case.
After a NACK is sent out from the nvSRAM, the write operation
is terminated and any data on the SDA line is ignored till a STOP
or a Repeated START condition is generated by the master.
For example, consider a case where the burst write access is
performed on Control Register Slave address 0x01 for writing the
serial number and continued to the address 0x09, which is a
read-only register. The device returns a NACK and address
counter is not incremented. A following read operation is started
from the address 0x09. Further, any write operation which starts
from a write protected address (say, 0x09) is responded by the
nvSRAM with a NACK after the data byte is sent and set the
address counter to this address. A following read operation starts
from the address 0x09 in this case also.
Note In case you try to read/write access an address that does
not exist (for example 0x0D in Control Register Slave or 0x3F in
RTC registers), nvSRAM responds with a NACK immediately
after the out-of-bound address is transmitted. The address
counter remains unchanged and holds the previous successful
read or write operation address.
A write operation is performed internally with no delay after the
eighth bit of data is transmitted. If a write operation is not
intended, the master must terminate the write operation before
the eighth clock cycle by generating a STOP or Repeated
START condition.
More details on write instructions are provided in the section
Memory Slave Access.
Read Operation
If the last bit of the slave device address is ‘1’, a read operation
is assumed and the nvSRAM takes control of the SDA line
immediately after the slave device address byte is sent out by
the master. The read operation starts from the current address
location (the location following the previous successful write or
read operation). When the last address is reached, the address
counter loops back to the first address.
In case of the Control Register Slave, whenever a burst read is
performed such that it flows to a non-existent address, the reads
operation loops back to 0x00. This is applicable, in particular, for
the Command Register.
Read operation can be ended using the following methods:
1. The master issues a NACK on the ninth clock cycle followed
by a STOP or a Repeated START condition on the tenth clock
cycle.
2. The master generates a STOP or Repeated START condition
on the ninth clock cycle.
More details on write instruction are provided in the section
Memory Slave Access.
Memory Slave Access
The following sections describe the data transfer sequence
required to perform read or write operations from nvSRAM.
Write nvSRAM
Each write operation consists of a slave address being
transmitted after the start condition. The last bit of slave address
must be set as ‘0’ to indicate a Write operation. The master may
write one byte of data or continue writing multiple consecutive
address locations while the internal address counter keeps
incrementing automatically. The address register is reset to
0x00000 after the last address in memory is accessed. The write
operation continues till a STOP or Repeated START condition is
generated by the master or a NACK is issued by the nvSRAM.
A write operation is executed only after nvSRAM receives all the
eight data bits. The nvSRAM sends an ACK signal after a
successful write operation. A write operation may be terminated
by the master by generating a STOP condition or a Repeated
START operation. If the master desires to abort the current write
operation without altering the memory contents, this should be
done using a START/STOP condition prior to the eighth data bit.
If the master tries to access a write protected memory address
on the nvSRAM, a NACK is returned after the data byte intended
to write the protected address is transmitted and address counter
will not be incremented. Similarly, in a burst mode write
operation, a NACK is returned when the data byte that attempts
to write a protected memory location and the address counter is
not incremented.


Similar Part No. - CY14C101I_12

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14C101I CYPRESS-CY14C101I_13 Datasheet
1Mb / 42P
   1-Mbit (128 K x 8) Serial (I2C) nvSRAM with Real Time Clock
More results

Similar Description - CY14C101I_12

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B101P CYPRESS-CY14B101P_12 Datasheet
934Kb / 36P
   1-Mbit (128 K 횞 8) Serial SPI nvSRAM with Real Time Clock
CY14C101PA CYPRESS-CY14C101PA_12 Datasheet
1Mb / 43P
   1-Mbit (128 K 횞 8) Serial (SPI) nvSRAM with Real Time Clock
CY14C101PA CYPRESS-CY14C101PA Datasheet
1Mb / 44P
   1-Mbit (128 K 횞 8) Serial (SPI) nvSRAM with Real Time Clock
CY14C101I CYPRESS-CY14C101I_13 Datasheet
1Mb / 42P
   1-Mbit (128 K x 8) Serial (I2C) nvSRAM with Real Time Clock
CY14B101KA CYPRESS-CY14B101KA_12 Datasheet
707Kb / 34P
   1-Mbit (128 K 횞 8/64 K 횞 16) nvSRAM with Real Time Clock
CY14C101J CYPRESS-CY14C101J Datasheet
1Mb / 32P
   1 Mbit (128 K 횞 8) Serial (I2C) nvSRAM
CY14C101J CYPRESS-CY14C101J_12 Datasheet
1Mb / 31P
   1-Mbit (128 K 횞 8) Serial (I2C) nvSRAM
CY14C101PA_1105 CYPRESS-CY14C101PA_1105 Datasheet
1Mb / 44P
   1-Mbit (128 K x 8) Serial (SPI) nvSRAM with Real Time Clock
CY14B101P CYPRESS-CY14B101P_13 Datasheet
1Mb / 36P
   1-Mbit (128 K x 8) Serial SPI nvSRAM with Real Time Clock
CY14C101PA CYPRESS-CY14C101PA_13 Datasheet
1Mb / 43P
   1-Mbit (128 K x 8) Serial (SPI) nvSRAM with Real Time Clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com