Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY14B512P-SFXI Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY14B512P-SFXI
Description  512-Kbit (64 K 횞 8) Serial (SPI) nvSRAM with Real Time Clock
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14B512P-SFXI Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY14B512P-SFXI Datasheet HTML 1Page - Cypress Semiconductor CY14B512P-SFXI Datasheet HTML 2Page - Cypress Semiconductor CY14B512P-SFXI Datasheet HTML 3Page - Cypress Semiconductor CY14B512P-SFXI Datasheet HTML 4Page - Cypress Semiconductor CY14B512P-SFXI Datasheet HTML 5Page - Cypress Semiconductor CY14B512P-SFXI Datasheet HTML 6Page - Cypress Semiconductor CY14B512P-SFXI Datasheet HTML 7Page - Cypress Semiconductor CY14B512P-SFXI Datasheet HTML 8Page - Cypress Semiconductor CY14B512P-SFXI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
CY14B512P
Document Number: 001-53872 Rev. *H
Page 3 of 34
Pinouts
Figure 1. 16-pin SOIC pinout
INT
WP
V
CAP
1
2
3
4
5
6
7
8
9
10
11
12
13
NC
16
15
14
V
CC
SO
SI
SCK
CS
HSB
HOLD
Top View
not to scale
VRTCbat
Xout
Xin
V
RTCcap
V
SS
Pin Definitions
Pin Name
I/O Type
Description
CS
Input
Chip select. Activates the device when pulled LOW. Driving this pin HIGH puts the device in low power
standby mode.
SCK
Input
Serial clock. Runs at speeds up to maximum of fSCK. Serial input is latched at the rising edge of this
clock. Serial output is driven at the falling edge of the clock.
SI
Input
Serial input. Pin for input of all SPI instructions and data.
SO
Output
Serial output. Pin for output of data through SPI.
WP
Input
Write protect. Implements hardware write protection in SPI.
HOLD
Input
HOLD pin. Suspends serial operation.
HSB
Input/Output Hardware STORE busy:
Output: Indicates busy status of nvSRAM when LOW. After each Hardware and Software STORE
operation HSB is driven HIGH for a short time (tHHHD) with standard output high current and then a weak
internal pull-up resistor keeps this pin HIGH (an external pull-up resistor connection is optional).
Input: Hardware STORE implemented by pulling this pin LOW externally.
VCAP
Power supply AutoStore capacitor. Supplies power to the nvSRAM during power loss to STORE data from the SRAM
to nonvolatile elements. If AutoStore is not needed, this pin must be left as ‘no connect’. It must never
be connected to ground.
VRTCcap[2] Power supply Capacitor backup for RTC. Left unconnected if VRTCbat is used.
VRTCbat[2] Power supply Battery backup for RTC. Left unconnected if VRTCcap is used.
Xout[2]
Output
Crystal output connection. Drives crystal on start up.
Xin[2]
Input
Crystal input connection. For 32.768 kHz crystal.
INT
[2]
Output
Interrupt output. Programmable to respond to the clock alarm, the watchdog timer, and the power
monitor. It is also programmable to either active HIGH (push or pull) or LOW (open drain).
NC
No connect No connect. This pin is not connected to the die.
VSS
Power supply Ground.
VCC
Power supply Power supply (2.7 V to 3.6 V).
Note
2. Left unconnected if RTC feature is not used.


Similar Part No. - CY14B512P-SFXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B512P-SFXI CYPRESS-CY14B512P-SFXI Datasheet
1Mb / 36P
   512-Kbit (64 K 횞 8) Serial (SPI) nvSRAM with Real Time Clock
CY14B512P-SFXI CYPRESS-CY14B512P-SFXI Datasheet
1Mb / 35P
   512-Kbit (64 K x 8) Serial (SPI) nvSRAM with Real Time Clock
CY14B512P-SFXIT CYPRESS-CY14B512P-SFXIT Datasheet
1Mb / 36P
   512-Kbit (64 K 횞 8) Serial (SPI) nvSRAM with Real Time Clock
CY14B512P-SFXIT CYPRESS-CY14B512P-SFXIT Datasheet
1Mb / 35P
   512-Kbit (64 K x 8) Serial (SPI) nvSRAM with Real Time Clock
More results

Similar Description - CY14B512P-SFXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B512P CYPRESS-CY14B512P Datasheet
1Mb / 36P
   512-Kbit (64 K 횞 8) Serial (SPI) nvSRAM with Real Time Clock
CY14C512PA CYPRESS-CY14C512PA_12 Datasheet
1Mb / 42P
   512-Kbit (64 K 횞 8) SPI nvSRAM with Real Time Clock
CY14C512I CYPRESS-CY14C512I_12 Datasheet
1Mb / 40P
   512-Kbit (64 K 횞 8) Serial (I2C) nvSRAM with Real Time Clock
CY14B512P CYPRESS-CY14B512P_13 Datasheet
1Mb / 35P
   512-Kbit (64 K x 8) Serial (SPI) nvSRAM with Real Time Clock
CY14C064PA CYPRESS-CY14C064PA_12 Datasheet
1Mb / 43P
   64-Kbit (8 K 횞 8) SPI nvSRAM with Real Time Clock
CY14B512Q1 CYPRESS-CY14B512Q1_12 Datasheet
1Mb / 27P
   512-Kbit (64 K 횞 8) Serial (SPI) nvSRAM
CY14B512Q1 CYPRESS-CY14B512Q1 Datasheet
1Mb / 27P
   512-Kbit (64 K 횞 8) Serial (SPI) nvSRAM
CY14B256P CYPRESS-CY14B256P Datasheet
2Mb / 36P
   256-Kbit (32 K 횞 8) Serial (SPI) with nvSRAM Real Time Clock
CY14C512Q CYPRESS-CY14C512Q_12 Datasheet
1Mb / 32P
   512-Kbit (64 K 횞 8) SPI nvSRAM
CY14C512I CYPRESS-CY14C512I_13 Datasheet
2Mb / 41P
   512-Kbit (64 K x 8) Serial (I2C) nvSRAM with Real Time Clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com