Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8C21634-24LTXIT Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY8C21634-24LTXIT
Description  PSoC짰 Programmable System-on-Chip?
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C21634-24LTXIT Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY8C21634-24LTXIT Datasheet HTML 1Page - Cypress Semiconductor CY8C21634-24LTXIT Datasheet HTML 2Page - Cypress Semiconductor CY8C21634-24LTXIT Datasheet HTML 3Page - Cypress Semiconductor CY8C21634-24LTXIT Datasheet HTML 4Page - Cypress Semiconductor CY8C21634-24LTXIT Datasheet HTML 5Page - Cypress Semiconductor CY8C21634-24LTXIT Datasheet HTML 6Page - Cypress Semiconductor CY8C21634-24LTXIT Datasheet HTML 7Page - Cypress Semiconductor CY8C21634-24LTXIT Datasheet HTML 8Page - Cypress Semiconductor CY8C21634-24LTXIT Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 50 page
background image
CY8C21634, CY8C21534, CY8C21434
CY8C21334, CY8C21234
PSoC® Programmable System-on-Chip™
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document Number: 38-12025 Rev. *Y
Revised July 26, 2012
PSoC® Programmable System-on-Chip™
Features
Powerful Harvard-architecture processor
M8C processor speeds up to 24 MHz
Low power at high speed
Operating voltage: 2.4 V to 5.25 V
Operating voltages down to 1.0 V using on-chip switch mode
pump (SMP)
Industrial temperature range: –40 °C to +85 °C
Advanced peripherals (PSoC® blocks)
Four analog Type E PSoC blocks provide:
• Two comparators with digital-to-analog converter (DAC)
references
• Single or dual 10-bit 28 channel analog-to-digital
converters (ADC)
Four digital PSoC blocks provide:
• 8- to 32-bit timers, counters, and pulse width modulators
(PWMs)
• Cyclical redundancy check (CRC) and pseudo random
sequence (PRS) modules
• Full-duplex universal asynchronous receiver transmitter
(UART), serial peripheral interface (SPI) master or slave
• Connectable to all general purpose I/O (GPIO) pins
Complex peripherals by combining blocks
Flexible on-chip memory
8 KB flash program storage 50,000 erase/write cycles
512 bytes static random access memory (SRAM) data
storage
In-system serial programming (ISSP)
Partial flash updates
Flexible protection modes
EEPROM emulation in flash
Complete development tools
Free development software (PSoC Designer™)
Full-featured, in-circuit emulator (ICE) and programmer
Full-speed emulation
Complex breakpoint structure
128-KB trace memory
Precision, programmable clocking
Internal ±2.5% 24- / 48-MHz main oscillator
Internal oscillator for watchdog and sleep
Programmable pin configurations
25-mA sink, 10-mA source on all GPIOs
Pull-up, pull-down, high Z, strong, or open-drain drive modes
on all GPIOs
Up to eight analog inputs on GPIOs
Configurable interrupt on all GPIOs
Versatile analog mux
Common internal analog bus
Simultaneous connection of I/O combinations
Capacitive sensing application capability
Additional system resources
I2C master, slave, and multi-master to 400 kHz
Watchdog and sleep timers
User-configurable low-voltage detection (LVD)
Integrated supervisory circuit
On-chip precision voltage reference
Logic Block Diagram


Similar Part No. - CY8C21634-24LTXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C21634-24LTXIT CYPRESS-CY8C21634-24LTXIT Datasheet
1Mb / 43P
   PSoC짰 Mixed-Signal Array
More results

Similar Description - CY8C21634-24LTXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C24633 CYPRESS-CY8C24633_10 Datasheet
1Mb / 51P
   PSoC짰 Programmable System-on-Chip
CY8C28243 CYPRESS-CY8C28243_13 Datasheet
2Mb / 80P
   PSoC짰 Programmable System-on-Chip?
CY8C3244LTI-123T CYPRESS-CY8C3244LTI-123T Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C5888LTQ-LP097 CYPRESS-CY8C5888LTQ-LP097 Datasheet
738Kb / 52P
   PSoC짰 Programmable System-on-Chip
PSOC4200DS CYPRESS-PSOC4200DS Datasheet
633Kb / 28P
   Programmable System-on-Chip (PSoC짰)
CY8C3245LTI-163T CYPRESS-CY8C3245LTI-163T Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C3246LTI-149 CYPRESS-CY8C3246LTI-149 Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C24633-24PVXIT CYPRESS-CY8C24633-24PVXIT Datasheet
738Kb / 52P
   PSoC짰 Programmable System-on-Chip
CY8C24994 CYPRESS-CY8C24994 Datasheet
1Mb / 46P
   PSoC짰 Programmable System-on-Chip?
PSOC4200D CYPRESS-PSOC4200D Datasheet
620Kb / 28P
   Programmable System-on-Chip (PSoC짰)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com