Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8CMBR2044-24LKXI Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY8CMBR2044-24LKXI
Description  Four Button CapSense짰 Controller
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8CMBR2044-24LKXI Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY8CMBR2044-24LKXI Datasheet HTML 1Page - Cypress Semiconductor CY8CMBR2044-24LKXI Datasheet HTML 2Page - Cypress Semiconductor CY8CMBR2044-24LKXI Datasheet HTML 3Page - Cypress Semiconductor CY8CMBR2044-24LKXI Datasheet HTML 4Page - Cypress Semiconductor CY8CMBR2044-24LKXI Datasheet HTML 5Page - Cypress Semiconductor CY8CMBR2044-24LKXI Datasheet HTML 6Page - Cypress Semiconductor CY8CMBR2044-24LKXI Datasheet HTML 7Page - Cypress Semiconductor CY8CMBR2044-24LKXI Datasheet HTML 8Page - Cypress Semiconductor CY8CMBR2044-24LKXI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
CY8CMBR2044
Document Number: 001-57451 Rev. *E
Page 3 of 29
Pinout
Table 1. Pin Diagram and Definitions – CY8CMBR2044
Pin
Label
Type [2]
Description
If Unused
1
GPO1
DO
GPO activated by CS1
Leave
open
2
GPO0
DO
GPO activated by CS0
Leave
open
3
Toggle/
FSS
AI
Controls FSS and Toggle
ON/OFF features
Ground
4
Delay
AI
Controls LED ON Time. For
details refer to Table 2 on page 6
Ground
5
CS0
AIO
CapSense input, controls GPO0
or serial debug data out
Ground
6
CS1
AIO
CapSense input, controls GPO1
or serial debug data out
Ground
7VSS
PGround
8
CS2
AIO
CapSense input, controls GPO2
or serial debug data out
Ground
9
ARST
AIDO
Controls Button Auto Reset
Leave
open
10
CS3
AIO
CapSense input, controls GPO3
or serial debug data out
Ground
11
XRES
DI
Device reset, active high, with
internal pull down
Leave
open
12
ScanRate
/
Sleep
AI
Controls scan rate and deep
sleep
Ground
13
VDD
P
Power
14
GPO3
DO
GPO activated by CS3
Leave
open
15
CMOD
AI
External modulator capacitor,
connect a 2.2 nF (±10%) to
ground
16
GPO2
DO
GPO activated by CS2
Leave
open
QFN
(Top View)
GPO1
Toggle/FSS
Delay
1
2
3
4
11
10
9
ScanRate/Sleep
ARST
GPO0
CS3
XRES
12
Note
2. AI – Analog Input, AIO – Analog Input / Output, AIDO – Analog Input / Digital Output, DI – Digital Input, DO – Digital Output, P – Power


Similar Part No. - CY8CMBR2044-24LKXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8CMBR2044-24LKXI CYPRESS-CY8CMBR2044-24LKXI Datasheet
1Mb / 26P
   Capacitive Button Controllers
CY8CMBR2044-24LKXIT CYPRESS-CY8CMBR2044-24LKXIT Datasheet
1Mb / 26P
   Capacitive Button Controllers
More results

Similar Description - CY8CMBR2044-24LKXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8CMBR2110 CYPRESS-CY8CMBR2110_13 Datasheet
1Mb / 71P
   CapSense짰 Express??10-Button Controller
CY8CMBR2010 CYPRESS-CY8CMBR2010 Datasheet
1Mb / 33P
   CapSense짰 Express??10-Button Controller
CY8CMBR2010 CYPRESS-CY8CMBR2010_12 Datasheet
1Mb / 31P
   CapSense짰 Express??10-Button Controller
CY8CMBR2110 CYPRESS-CY8CMBR2110 Datasheet
1Mb / 68P
   CapSense짰 Express??10-Button Controller
CY8CMBR2016 CYPRESS-CY8CMBR2016 Datasheet
1Mb / 28P
   CapSense짰 Express??16 Button Matrix Controller
CY8C20110 CYPRESS-CY8C20110_13 Datasheet
1Mb / 46P
   CapSense짰 Express??Button Capacitive Controllers
CY8C20110 CYPRESS-CY8C20110_12 Datasheet
1Mb / 43P
   CapSense짰 Express??Button Capacitive Controllers
CY8C20336H CYPRESS-CY8C20336H_12 Datasheet
524Kb / 35P
   Haptics Enabled CapSense짰 Controller
CY8C20111 CYPRESS-CY8C20111_12 Datasheet
1Mb / 44P
   CapSense짰 Express????One Button and Two Button Capacitive Controllers
logo
Molex Electronics Ltd.
130126-0016 MOLEX11-130126-0016 Datasheet
23Kb / 1P
   Watertite Four Button Pendant Enclosure
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com