Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8C21323-24PVXI Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY8C21323-24PVXI
Description  PSoC짰 Programmable System-on-Chip?
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C21323-24PVXI Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY8C21323-24PVXI Datasheet HTML 7Page - Cypress Semiconductor CY8C21323-24PVXI Datasheet HTML 8Page - Cypress Semiconductor CY8C21323-24PVXI Datasheet HTML 9Page - Cypress Semiconductor CY8C21323-24PVXI Datasheet HTML 10Page - Cypress Semiconductor CY8C21323-24PVXI Datasheet HTML 11Page - Cypress Semiconductor CY8C21323-24PVXI Datasheet HTML 12Page - Cypress Semiconductor CY8C21323-24PVXI Datasheet HTML 13Page - Cypress Semiconductor CY8C21323-24PVXI Datasheet HTML 14Page - Cypress Semiconductor CY8C21323-24PVXI Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
CY8C21123, CY8C21223, CY8C21323
Document Number: 38-12022 Rev. *U
Page 11 of 44
24-Pin Part Pinout
Table 6. Pin Definitions – CY8C21323 24-Pin QFN[5]
Pin
No.
Type
Pin
Name
Description
Figure 7. CY8C21323 24-Pin QFN
Digital
Analog
1
I/O
I
P0[1]
Analog column mux input
2
Power
SMP
SMP connection to required external
components
3
Power
VSS
Ground connection
4
I/O
P1[7]
I2C SCL
5
I/O
P1[5]
I2C SDA
6
I/O
P1[3]
7
I/O
P1[1]
I2C SCL, ISSP-SCLK[3]
8
NC
No connection. Pin must be left floating
9
Power
VSS
Ground connection
10
I/O
P1[0]
I2C SDA, ISSP-SDATA[3]
11
I/O
P1[2]
12
I/O
P1[4]
Optional (EXTCLK) input
13
I/O
P1[6]
14
Input
XRES
Active high external reset with internal
pull-down
15
NC
No connection. Pin must be left floating
16
I/O
I
P0[0]
Analog column mux input
17
I/O
I
P0[2]
Analog column mux input
18
I/O
I
P0[4]
Analog column mux input
19
I/O
I
P0[6]
Analog column mux input
20
Power
VDD
Supply voltage
21
Power
VSS
Ground connection
22
I/O
I
P0[7]
Analog column mux input
23
I/O
I
P0[5]
Analog column mux input
24
I/O
I
P0[3]
Analog column mux input
LEGEND A = Analog, I = Input, and O = Output.
QFN
(Top View)
A, I, P0[1]
SMP
VSS
I2C SCL, P1[7]
I2C SDA, P1[5]
P1[3]
1
2
3
4
5
6
18
17
16
15
14
13
P0[4], A, I
P0[2], A, I
NC
XRES
P1[6]
P0[0], A, I
Note
5. The center pad on the QFN package must be connected to ground (VSS) for best mechanical, thermal, and electrical performance. If not connected to ground, it
must be electrically floated and not connected to any other signal.


Similar Part No. - CY8C21323-24PVXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C21323-24PVXI CYPRESS-CY8C21323-24PVXI Datasheet
956Kb / 37P
   PSoC짰 Mixed Signal Array
CY8C21323-24PVXI CYPRESS-CY8C21323-24PVXI Datasheet
968Kb / 36P
   PSoC Programmable System-on-Chip
CY8C21323-24PVXIT CYPRESS-CY8C21323-24PVXIT Datasheet
956Kb / 37P
   PSoC짰 Mixed Signal Array
CY8C21323-24PVXIT CYPRESS-CY8C21323-24PVXIT Datasheet
968Kb / 36P
   PSoC Programmable System-on-Chip
More results

Similar Description - CY8C21323-24PVXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C24633 CYPRESS-CY8C24633_10 Datasheet
1Mb / 51P
   PSoC짰 Programmable System-on-Chip
CY8C21234 CYPRESS-CY8C21234_12 Datasheet
1Mb / 50P
   PSoC짰 Programmable System-on-Chip?
CY8C28243 CYPRESS-CY8C28243_13 Datasheet
2Mb / 80P
   PSoC짰 Programmable System-on-Chip?
CY8C3244LTI-123T CYPRESS-CY8C3244LTI-123T Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C5888LTQ-LP097 CYPRESS-CY8C5888LTQ-LP097 Datasheet
738Kb / 52P
   PSoC짰 Programmable System-on-Chip
PSOC4200DS CYPRESS-PSOC4200DS Datasheet
633Kb / 28P
   Programmable System-on-Chip (PSoC짰)
CY8C3245LTI-163T CYPRESS-CY8C3245LTI-163T Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C3246LTI-149 CYPRESS-CY8C3246LTI-149 Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C24633-24PVXIT CYPRESS-CY8C24633-24PVXIT Datasheet
738Kb / 52P
   PSoC짰 Programmable System-on-Chip
CY8C24994 CYPRESS-CY8C24994 Datasheet
1Mb / 46P
   PSoC짰 Programmable System-on-Chip?
PSOC4200D CYPRESS-PSOC4200D Datasheet
620Kb / 28P
   Programmable System-on-Chip (PSoC짰)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com