Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8C20446AS-24LQXIT Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY8C20446AS-24LQXIT
Description  1.8 V CapSense짰 Controller with SmartSense??Auto-tuning
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C20446AS-24LQXIT Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY8C20446AS-24LQXIT Datasheet HTML 1Page - Cypress Semiconductor CY8C20446AS-24LQXIT Datasheet HTML 2Page - Cypress Semiconductor CY8C20446AS-24LQXIT Datasheet HTML 3Page - Cypress Semiconductor CY8C20446AS-24LQXIT Datasheet HTML 4Page - Cypress Semiconductor CY8C20446AS-24LQXIT Datasheet HTML 5Page - Cypress Semiconductor CY8C20446AS-24LQXIT Datasheet HTML 6Page - Cypress Semiconductor CY8C20446AS-24LQXIT Datasheet HTML 7Page - Cypress Semiconductor CY8C20446AS-24LQXIT Datasheet HTML 8Page - Cypress Semiconductor CY8C20446AS-24LQXIT Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 47 page
background image
CY8C20X36A/46A/66A/96A/46AS/66AS
Document Number: 001-54459 Rev. *O
Page 5 of 47
Analog Multiplexer System
The Analog Mux Bus can connect to every GPIO pin. Pins are
connected to the bus individually or in any combination. The bus
also connects to the analog system for analysis with the
CapSense block comparator.
Switch control logic enables selected pins to precharge
continuously under hardware control. This enables capacitive
measurement for applications such as touch sensing. Other
multiplexer applications include:
Complex capacitive sensing interfaces, such as sliders and
touchpads.
Chip-wide mux that allows analog input from any I/O pin.
Crosspoint connection between any I/O pin combinations.
Additional System Resources
System resources provide additional capability, such as
configurable
USB
and
I2C
slave,
SPI
master/slave
communication interface, three 16-bit programmable timers, and
various system resets supported by the M8C.
These system resources provide additional capability useful to
complete systems. Additional resources include low voltage
detection and power on reset. The merits of each system
resource are listed here:
The
I2C
slave/SPI
master-slave
module
provides
50/100/400 kHz
communication
over
two
wires.
SPI
communication over three or four wires runs at speeds of
46.9 kHz to 3 MHz (lower for a slower system clock).
Low-voltage detection (LVD) interrupts can signal the
application of falling voltage levels, while the advanced
power-on-reset (POR) circuit eliminates the need for a system
supervisor.
An internal reference provides an absolute reference for
capacitive sensing.
A register-controlled bypass mode allows the user to disable
the LDO regulator.


Similar Part No. - CY8C20446AS-24LQXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C20446AS-24LQXIT CYPRESS-CY8C20446AS-24LQXIT Datasheet
782Kb / 51P
   1.8 V Programmable CapSense짰 Controller with SmartSense??Auto-tuning 1??3 Buttons, 0?? Sliders
More results

Similar Description - CY8C20446AS-24LQXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C20X37 CYPRESS-CY8C20X37 Datasheet
719Kb / 39P
   1.8 V CapSense짰 Controller with SmartSense??Auto-tuning ??31 Buttons, 6 Sliders
CY8C20XX6A CYPRESS-CY8C20XX6A_13 Datasheet
782Kb / 51P
   1.8 V Programmable CapSense짰 Controller with SmartSense??Auto-tuning 1??3 Buttons, 0?? Sliders
CY8C20XX7 CYPRESS-CY8C20XX7 Datasheet
689Kb / 43P
   1.8 V CapSense짰 Controller with SmartSense??Auto-tuning 31 Buttons, 6 Sliders, Proximity Sensors
CY8CMBR3002 CYPRESS-CY8CMBR3002 Datasheet
1Mb / 42P
   CapSense짰 Express??Controllers with SmartSense??Auto-tuning 16 Buttons, 2 Sliders, Proximity Sensors
CY8C20336H CYPRESS-CY8C20336H_12 Datasheet
524Kb / 35P
   Haptics Enabled CapSense짰 Controller
CY8CMBR2110 CYPRESS-CY8CMBR2110_13 Datasheet
1Mb / 71P
   CapSense짰 Express??10-Button Controller
CY8CMBR2044 CYPRESS-CY8CMBR2044_12 Datasheet
1,013Kb / 29P
   Four Button CapSense짰 Controller
logo
Analog Devices
AD8553ARMZ-R2 AD-AD8553ARMZ-R2 Datasheet
334Kb / 20P
   1.8 V to 5 V Auto-Zero, In-Amp with Shutdown
REV. A
AD8563 AD-AD8563 Datasheet
179Kb / 15P
   1.8 V to 5 V Auto-Zero, In-Amp with Shutdown
Rev. PrA
logo
Cypress Semiconductor
CY8CMBR2010 CYPRESS-CY8CMBR2010 Datasheet
1Mb / 33P
   CapSense짰 Express??10-Button Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com