Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C09099V-7AXI Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY7C09099V-7AXI
Description  3.3 V 32 K/64 K/128 K 횞 8/9 Synchronous Dual-Port Static RAM
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C09099V-7AXI Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY7C09099V-7AXI Datasheet HTML 3Page - Cypress Semiconductor CY7C09099V-7AXI Datasheet HTML 4Page - Cypress Semiconductor CY7C09099V-7AXI Datasheet HTML 5Page - Cypress Semiconductor CY7C09099V-7AXI Datasheet HTML 6Page - Cypress Semiconductor CY7C09099V-7AXI Datasheet HTML 7Page - Cypress Semiconductor CY7C09099V-7AXI Datasheet HTML 8Page - Cypress Semiconductor CY7C09099V-7AXI Datasheet HTML 9Page - Cypress Semiconductor CY7C09099V-7AXI Datasheet HTML 10Page - Cypress Semiconductor CY7C09099V-7AXI Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
CY7C09089V/99V
CY7C09179V/99V
Document #: 38-06043 Rev. *F
Page 7 of 28
Selection Guide
Description
CY7C09179V
-6[10]
CY7C09099V
-7[10]
CY7C09199V
-9
CY7C09089V/99V
CY7C09179V
-12
fMAX2 (MHz) (Pipelined)
100
83
67
50
Max. Access Time (ns) (Clock to Data,
Pipelined)
6.5
7.5
9
12
Typical Operating Current ICC (mA)
175
155
135
115
Typical Standby Current for ISB1 (mA)
(Both Ports TTL Level)
25
25
20
20
Typical Standby Current for ISB3 (A)
(Both Ports CMOS Level)
10
10
10
10
Pin Definitions
Left Port
Right Port
Description
A0L–A16L
A0R–A16R
Address Inputs (A0–A14 for 32K; A0–A15 for 64K; and A0–A16 for 128K devices).
ADSL
ADSR
Address Strobe Input. Used as an address qualifier. This signal should be asserted LOW to
access the part using an externally supplied address. Asserting this signal LOW also loads
the burst counter with the address present on the address pins.
CE0L, CE1L
CE0R, CE1R
Chip Enable Input. To select either the left or right port, both CE0 AND CE1 must be asserted
to their active states (CE0  VIL and CE1 VIH).
CLKL
CLKR
Clock Signal. This input can be free running or strobed. Maximum clock input rate is fMAX.
CNTENL
CNTENR
Counter Enable Input. Asserting this signal LOW increments the burst address counter of its
respective port on each rising edge of CLK. CNTEN is disabled if ADS or CNTRST are asserted
LOW.
CNTRSTL
CNTRSTR
Counter Reset Input. Asserting this signal LOW resets the burst address counter of its
respective port to zero. CNTRST is not disabled by asserting ADS or CNTEN.
I/O0L–I/O8L
I/O0R–I/O8R
Data Bus Input/Output (I/O0–I/O7 for ×8 devices; I/O0–I/O8 for ×9 devices).
OEL
OER
Output Enable Input. This signal must be asserted LOW to enable the I/O data pins during
read operations.
R/WL
R/WR
Read/Write Enable Input. This signal is asserted LOW to write to the dual port memory array.
For read operations, assert this pin HIGH.
FT/PIPEL
FT/PIPER
Flow-Through/Pipelined Select Input. For flow-through mode operation, assert this pin LOW.
For pipelined mode operation, assert this pin HIGH.
GND
Ground Input.
NC
No Connect.
VCC
Power Input.
Note
10. See page 9 and page 10 for Load Conditions.
[+] Feedback


Similar Part No. - CY7C09099V-7AXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C09099V-7AXI CYPRESS-CY7C09099V-7AXI Datasheet
535Kb / 18P
   3.3V 32K/64K/128K x 8/9 Synchronous Dual-Port Static RAM
CY7C09099V-7AXI CYPRESS-CY7C09099V-7AXI Datasheet
663Kb / 28P
   3.3 V 32 K/64 K/128 K x 8/9 Synchronous Dual-Port Static RAM
More results

Similar Description - CY7C09099V-7AXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C09089V CYPRESS-CY7C09089V_11 Datasheet
663Kb / 28P
   3.3 V 32 K/64 K/128 K x 8/9 Synchronous Dual-Port Static RAM
CY7C09089V99V CYPRESS-CY7C09089V99V Datasheet
652Kb / 28P
   3.3 V 32 K/64 K/128 K 횞 8/9
CY7C0851V CYPRESS-CY7C0851V Datasheet
661Kb / 39P
   FLEx36??3.3 V 32 K / 64 K / 128 K / 256 K 횞 36 Synchronous Dual-Port RAM
CY7C09269V CYPRESS-CY7C09269V_12 Datasheet
480Kb / 22P
   3.3 V 16 K / 32 K / 64 K 횞 16 / 18 Synchronous Dual-Port Static RAM
CY7C09159AV CYPRESS-CY7C09159AV_11 Datasheet
434Kb / 19P
   3.3-V 8 K 횞 9 Synchronous Dual Port Static RAM
CY7C027V CYPRESS-CY7C027V_13 Datasheet
641Kb / 24P
   3.3 V 32 K / 64 K 횞 16 / 18 Dual-Port Static RAM
CY7C006A CYPRESS-CY7C006A_12 Datasheet
703Kb / 22P
   32 K/16 K 횞 8, 16 K 횞 9 Dual-Port Static RAM
CY7C09349AV CYPRESS-CY7C09349AV_12 Datasheet
351Kb / 20P
   3.3 V 4 K/8 K 횞 18 Synchronous Dual Port Static RAM
CY7C09569V CYPRESS-CY7C09569V_12 Datasheet
688Kb / 32P
   3.3 V 16 K / 32 K 횞 36 FLEx36짰 Synchronous Dual-Port Static RAM
CY7C0831AV CYPRESS-CY7C0831AV_12 Datasheet
526Kb / 31P
   FLEx18??3.3 V 128 K / 256 K / 512 K 횞 18 Synchronous Dual-Port RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com