Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1474V25-200BGC Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY7C1474V25-200BGC
Description  72-Mbit (2 M 횞 36/4 M 횞 18/1 M 횞 72) Pipelined SRAM with NoBL??Architecture
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1474V25-200BGC Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY7C1474V25-200BGC Datasheet HTML 6Page - Cypress Semiconductor CY7C1474V25-200BGC Datasheet HTML 7Page - Cypress Semiconductor CY7C1474V25-200BGC Datasheet HTML 8Page - Cypress Semiconductor CY7C1474V25-200BGC Datasheet HTML 9Page - Cypress Semiconductor CY7C1474V25-200BGC Datasheet HTML 10Page - Cypress Semiconductor CY7C1474V25-200BGC Datasheet HTML 11Page - Cypress Semiconductor CY7C1474V25-200BGC Datasheet HTML 12Page - Cypress Semiconductor CY7C1474V25-200BGC Datasheet HTML 13Page - Cypress Semiconductor CY7C1474V25-200BGC Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
CY7C1470V25
CY7C1472V25
CY7C1474V25
Document Number: 38-05290 Rev. *O
Page 10 of 38
Functional Overview
The
CY7C1470V25/CY7C1472V25/CY7C1474V25
are
synchronous-pipelined burst NoBL SRAMs designed specifically
to eliminate wait states during write/read transitions. All
synchronous inputs pass through input registers controlled by
the rising edge of the clock. The clock signal is qualified with the
clock enable input signal (CEN). If CEN is HIGH, the clock signal
is not recognized and all internal states are maintained. All
synchronous operations are qualified with CEN. All data outputs
pass through output registers controlled by the rising edge of the
clock. Maximum access delay from the clock rise (tCO) is 3.0 ns
(200-MHz device).
Accesses can be initiated by asserting all three chip enables
(CE1, CE2, CE3) active at the rising edge of the clock. If clock
enable (CEN) is active LOW and ADV/LD is asserted LOW, the
address presented to the device will be latched. The access can
either be a read or write operation, depending on the status of
the write enable (WE). BW[x] can be used to conduct byte write
operations.
Write operations are qualified by the write enable (WE). All writes
are simplified with on-chip synchronous self-timed write circuitry.
Three synchronous chip enables (CE1, CE2, CE3) and an
asynchronous output enable (OE) simplify depth expansion. All
operations (reads, writes, and deselects) are pipelined. ADV/LD
should be driven LOW once the device has been deselected in
order to load a new address for the next operation.
Single Read Accesses
A read access is initiated when the following conditions are
satisfied at clock rise: (1) CEN is asserted LOW, (2) CE1, CE2,
and CE3 are all asserted active, (3) the write enable input signal
WE is deasserted HIGH, and (4) ADV/LD is asserted LOW. The
address presented to the address inputs is latched into the
address register and presented to the memory core and control
logic. The control logic determines that a read access is in
progress and allows the requested data to propagate to the input
of the output register. At the rising edge of the next clock the
requested data is allowed to propagate through the output
register and onto the data bus within 3.0 ns (200-MHz device)
provided OE is active LOW. After the first clock of the read
access the output buffers are controlled by OE and the internal
control logic. OE must be driven LOW in order for the device to
drive out the requested data. During the second clock, a
subsequent operation (read/write/deselect) can be initiated.
Deselecting the device is also pipelined. Therefore, when the
SRAM is deselected at clock rise by one of the chip enable
signals, its output will tri-state following the next clock rise.
Burst Read Accesses
The CY7C1470V25/CY7C1472V25/CY7C1474V25 have an
on-chip burst counter that allows the user the ability to supply a
single address and conduct up to four reads without reasserting
the address inputs. ADV/LD must be driven LOW in order to load
a new address into the SRAM, as described in Single Read
Accesses. The sequence of the burst counter is determined by
the MODE input signal. A LOW input on MODE selects a linear
burst mode, a HIGH selects an interleaved burst sequence. Both
burst counters use A0 and A1 in the burst sequence, and will
wrap-around when incremented sufficiently. A HIGH input on
ADV/LD will increment the internal burst counter regardless of
the state of chip enables inputs or WE. WE is latched at the
beginning of a burst cycle. Therefore, the type of access (read
or write) is maintained throughout the burst sequence.
Single Write Accesses
Write accesses are initiated when the following conditions are
satisfied at clock rise: (1) CEN is asserted LOW, (2) CE1, CE2,
and CE3 are all asserted active, and (3) the write signal WE is
asserted LOW. The address presented to the address inputs is
loaded into the address register. The write signals are latched
into the control logic block.
On the subsequent clock rise the data lines are automatically
tri-stated regardless of the state of the OE input signal. This
allows the external logic to present the data on DQ and DQP
TMS
Test mode
select
synchronous
This pin controls the test access port state machine. Sampled on the rising edge of TCK.
TCK
JTAG clock Clock input to the JTAG circuitry.
VDD
Power supply Power supply inputs to the core of the device.
VDDQ
I/O power
supply
Power supply for the I/O circuitry.
VSS
Ground
Ground for the device. Should be connected to ground of the system.
NC
No connects. This pin is not connected to the die.
NC/144M,
NC/288M,
NC/576M,
NC/1G
These pins are not connected. They will be used for expansion to the 144M, 288M, 576M and 1G
densities.
ZZ
Input-
asynchronous
ZZ “sleep” input. This active HIGH input places the device in a non-time critical “sleep” condition with
data integrity preserved. For normal operation, this pin has to be LOW or left floating. ZZ pin has an
internal pull-down.
Pin Definitions (continued)
Pin Name
I/O Type
Pin Description


Similar Part No. - CY7C1474V25-200BGC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1474V25-200BGC CYPRESS-CY7C1474V25-200BGC Datasheet
382Kb / 27P
   72-Mbit(2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBL??Architecture
CY7C1474V25-200BGC CYPRESS-CY7C1474V25-200BGC Datasheet
517Kb / 28P
   72-Mbit(2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBL Architecture
CY7C1474V25-200BGC CYPRESS-CY7C1474V25-200BGC Datasheet
878Kb / 31P
   72-Mbit (2 M x 36/4 M x 18/1 M x 72) Pipelined SRAM with NoBL Architecture
CY7C1474V25-200BGC CYPRESS-CY7C1474V25-200BGC Datasheet
506Kb / 39P
   72-Mbit (2 M × 36/4 M × 18/1 M × 72) Pipelined SRAM with NoBL™ Architecture
June 27, 2013
More results

Similar Description - CY7C1474V25-200BGC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1460BV25 CYPRESS-CY7C1460BV25 Datasheet
721Kb / 30P
   36-Mbit (1 M 횞 36/2 M 횞 18) Pipelined SRAM with NoBL??Architecture
CY7C1460AV33 CYPRESS-CY7C1460AV33_12 Datasheet
1,000Kb / 31P
   36-Mbit (1 M 횞 36/2 M 횞 18) Pipelined SRAM with NoBL??Architecture
CY7C1470BV33 CYPRESS-CY7C1470BV33_13 Datasheet
1Mb / 34P
   72-Mbit (2 M x 36/4 M 횞 18/1 M x 72) Pipelined SRAM with NoBL??Architecture
CY7C1480BV33 CYPRESS-CY7C1480BV33_12 Datasheet
1,015Kb / 33P
   72-Mbit (2 M 횞 36/4 M 횞 18) Pipelined Sync SRAM
CY7C1471V33 CYPRESS-CY7C1471V33_12 Datasheet
680Kb / 22P
   72-Mbit (2 M 횞 36) Flow-Through SRAM with NoBL??Architecture
CY7C1370DV25 CYPRESS-CY7C1370DV25_12 Datasheet
774Kb / 30P
   18-Mbit (512 K 횞 36/1 M 횞 18) Pipelined SRAM with NoBL??Architecture
CY7C1372D CYPRESS-CY7C1372D_12 Datasheet
968Kb / 31P
   18-Mbit (512 K 횞 36/1 M 횞 18) Pipelined SRAM with NoBL??Architecture
CY7C1461AV33 CYPRESS-CY7C1461AV33_12 Datasheet
442Kb / 24P
   36-Mbit (1 M 횞 36/2 M 횞 18) Flow-Through SRAM with NoBL??Architecture
CY7C1484BV25 CYPRESS-CY7C1484BV25 Datasheet
709Kb / 21P
   72-Mbit (2 M 횞 36) Pipelined DCD Sync SRAM
CY7C1484BV33 CYPRESS-CY7C1484BV33 Datasheet
923Kb / 30P
   72-Mbit (2 M 횞 36) Pipelined DCD Sync SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com