Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1471V33 Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY7C1471V33
Description  72-Mbit (2 M 횞 36) Flow-Through SRAM with NoBL??Architecture
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1471V33 Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY7C1471V33_12 Datasheet HTML 2Page - Cypress Semiconductor CY7C1471V33_12 Datasheet HTML 3Page - Cypress Semiconductor CY7C1471V33_12 Datasheet HTML 4Page - Cypress Semiconductor CY7C1471V33_12 Datasheet HTML 5Page - Cypress Semiconductor CY7C1471V33_12 Datasheet HTML 6Page - Cypress Semiconductor CY7C1471V33_12 Datasheet HTML 7Page - Cypress Semiconductor CY7C1471V33_12 Datasheet HTML 8Page - Cypress Semiconductor CY7C1471V33_12 Datasheet HTML 9Page - Cypress Semiconductor CY7C1471V33_12 Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
CY7C1471V33
Document Number: 38-05288 Rev. *N
Page 6 of 22
Functional Overview
The CY7C1471V33 is synchronous flow through burst SRAMs
designed specifically to eliminate wait states during write-read
transitions. All synchronous inputs pass through input registers
controlled by the rising edge of the clock. The clock signal is
qualified with the clock enable input signal (CEN). If CEN is
HIGH, the clock signal is not recognized and all internal states
are maintained. All synchronous operations are qualified with
CEN. Maximum access delay from the clock rise (tCDV) is 6.5 ns
(133-MHz device).
Accesses can be initiated by asserting all three chip enables
(CE1, CE2, CE3) active at the rising edge of the clock. If (CEN)
is active LOW and ADV/LD is asserted LOW, the address
presented to the device is latched. The access can either be a
read or write operation, depending on the status of the write
enable (WE). Byte write select (BWX) can be used to conduct
byte write operations.
Write operations are qualified by the write enable (WE). All writes
are simplified with on-chip synchronous self timed write circuitry.
Three synchronous chip enables (CE1, CE2, CE3) and an
asynchronous output enable (OE) simplify depth expansion. All
operations (reads, writes, and deselects) are pipelined. ADV/LD
must be driven LOW after the device is deselected to load a new
address for the next operation.
Single Read Accesses
A read access is initiated when these conditions are satisfied at
clock rise:
CEN is asserted LOW
CE1, CE2, and CE3 are all asserted active
WE is deasserted HIGH
ADV/LD is asserted LOW.
The address presented to the address inputs is latched into the
address register and presented to the memory array and control
logic. The control logic determines that a read access is in
progress and allows the requested data to propagate to the
output buffers. The data is available within 6.5 ns (133-MHz
device) provided OE is active LOW. After the first clock of the
read access, the output buffers are controlled by OE and the
internal control logic. OE must be driven LOW to drive out the
requested data. On the subsequent clock, another operation
(read/write/deselect) can be initiated. When the SRAM is
deselected at clock rise by one of the chip enable signals, output
is be tri-stated immediately.
Burst Read Accesses
The CY7C1471V33 have an on-chip burst counter that enables
the user to supply a single address and conduct up to four reads
without reasserting the address inputs. ADV/LD must be driven
LOW to load a new address into the SRAM, as described in the
Single Read Accesses section. The sequence of the burst
counter is determined by the MODE input signal. A LOW input
on MODE selects a linear burst mode, a HIGH selects an
interleaved burst sequence. Both burst counters use A0 and A1
in the burst sequence, and wraps around when incremented
sufficiently. A HIGH input on ADV/LD increments the internal
burst counter regardless of the state of chip enable inputs or WE.
WE is latched at the beginning of a burst cycle. Therefore, the
type of access (read or write) is maintained throughout the burst
sequence.
Single Write Accesses
Write accesses are initiated when the following conditions are
satisfied at clock rise: (1) CEN is asserted LOW, (2) CE1, CE2,
and CE3 are all asserted active, and (3) WE is asserted LOW.
The address presented to the address bus is loaded into the
Address Register. The Write signals are latched into the Control
Logic block. The data lines are automatically tri-stated
regardless of the state of the OE input signal. This allows the
external logic to present the data on DQs and DQPX.
On the next clock rise the data presented to DQs and DQPX (or
a subset for Byte Write operations, see Truth Table for
Read/Write on page 9 for details) inputs is latched into the device
and
the
write
is
complete.
Additional
accesses
(read/write/deselect) can be initiated on this cycle.
The data written during the write operation is controlled by BWX
signals. The CY7C1471V33 provides Byte Write capability that
is described in the Truth Table for Read/Write on page 9. The
input WE with the selected BWX input selectively writes to only
the desired bytes. Bytes not selected during a byte write
operation remain unaltered. A synchronous self timed write
mechanism has been provided to simplify the write operations.
Byte
write
capability
is
included
to
greatly
simplify
read/modify/write sequences, which can be reduced to simple
byte write operations.
Because the CY7C1471V33 are common I/O devices, data must
not be driven into the device while the outputs are active. The
output enable (OE) can be deasserted HIGH before presenting
data to the DQs and DQPX inputs. Doing so tri-states the output
drivers. As a safety precaution, DQs and DQPX are automatically
tri-stated during the data portion of a write cycle, regardless of
the state of OE.
Burst Write Accesses
The CY7C1471V33 have an on-chip burst counter that enables
the user to supply a single address and conduct up to four write
operations without reasserting the address inputs. ADV/LD must
be driven LOW to load the initial address, as described in the
Single Write Accesses section. When ADV/LD is driven HIGH on
the subsequent clock rise, the chip enables (CE1, CE2, and CE3)
and WE inputs are ignored and the burst counter is incremented.
The correct BWX inputs must be driven in each cycle of the burst
write to write the correct bytes of data.
Sleep Mode
The ZZ input pin is an asynchronous input. Asserting ZZ places
the SRAM in a power conservation “sleep” mode. Two clock
cycles are required to enter into or exit from this “sleep” mode.
While in this mode, data integrity is guaranteed. Accesses
pending when entering the “sleep” mode are not considered valid
nor is the completion of the operation guaranteed. The device
must be deselected before entering the “sleep” mode. CE1, CE2,
and CE3, must remain inactive for the duration of tZZREC after the
ZZ input returns LOW.


Similar Part No. - CY7C1471V33_12

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1471V33-100AXC CYPRESS-CY7C1471V33-100AXC Datasheet
375Kb / 29P
   72-Mbit (2M x 36/4M x 18/1M x 72) Flow-Through SRAM with NoBL Architecture
CY7C1471V33-100BZC CYPRESS-CY7C1471V33-100BZC Datasheet
375Kb / 29P
   72-Mbit (2M x 36/4M x 18/1M x 72) Flow-Through SRAM with NoBL Architecture
CY7C1471V33-100BZXC CYPRESS-CY7C1471V33-100BZXC Datasheet
375Kb / 29P
   72-Mbit (2M x 36/4M x 18/1M x 72) Flow-Through SRAM with NoBL Architecture
CY7C1471V33-117AXC CYPRESS-CY7C1471V33-117AXC Datasheet
1Mb / 32P
   72-Mbit (2M x 36/4M x 18/1M x 72) Flow-Through SRAM with NoBL??Architecture
CY7C1471V33-117AXI CYPRESS-CY7C1471V33-117AXI Datasheet
1Mb / 32P
   72-Mbit (2M x 36/4M x 18/1M x 72) Flow-Through SRAM with NoBL??Architecture
More results

Similar Description - CY7C1471V33_12

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1471V33 CYPRESS-CY7C1471V33_13 Datasheet
698Kb / 23P
   72-Mbit (2 M x 36) Flow-Through SRAM with NoBL??Architecture
CY7C1471V25 CYPRESS-CY7C1471V25_13 Datasheet
691Kb / 23P
   72-Mbit (2 M x 36) Flow-Through SRAM with NoBL??Architecture
CY7C1461AV33 CYPRESS-CY7C1461AV33_12 Datasheet
442Kb / 24P
   36-Mbit (1 M 횞 36/2 M 횞 18) Flow-Through SRAM with NoBL??Architecture
CY7C1371S CYPRESS-CY7C1371S Datasheet
898Kb / 29P
   18-Mbit (512K 횞 36) Flow-Through SRAM with NoBL??Architecture
CY7C1481BV33 CYPRESS-CY7C1481BV33 Datasheet
951Kb / 32P
   72-Mbit (2 M 횞 36) Flow-Through SRAM
CY7C1481BV25 CYPRESS-CY7C1481BV25 Datasheet
709Kb / 21P
   72-Mbit (2 M 횞 36) Flow-Through SRAM
CY7C1461KV33 CYPRESS-CY7C1461KV33 Datasheet
2Mb / 23P
   36-Mbit (1M 횞 36/2M 횞 18) Flow-Through SRAM with NoBL??Architecture
CY7C1470V25 CYPRESS-CY7C1470V25_12 Datasheet
854Kb / 38P
   72-Mbit (2 M 횞 36/4 M 횞 18/1 M 횞 72) Pipelined SRAM with NoBL??Architecture
CY7C1351G CYPRESS-CY7C1351G_12 Datasheet
550Kb / 20P
   4-Mbit (128 K 횞 36) Flow-Through SRAM with NoBL??Architecture
CY7C1371D CYPRESS-CY7C1371D_12 Datasheet
1Mb / 37P
   18-Mbit (512 K 횞 36/1 M 횞 18) Flow-Through SRAM with NoBL??Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com