Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZTA30MG Datasheet(PDF) 4 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # ZTA30MG
Description  ceramic resonator
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

ZTA30MG Datasheet(HTML) 4 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  ZTA30MG Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd ZTA30MG Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd ZTA30MG Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd ZTA30MG Datasheet HTML 4Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
http://www.luguang.cn
Email: lge@luguang.cn
SHENZHEN LUGUANG ELECTRONIC TECHNOLOGY CO.,LTD.
4
5
PHYSICAL AND ENVIRONMENTAL CHARACTERISTICS
(Continued from the preceding page)
No
Item
Condition of Test
Performance
Requirements
5.9
5.9.1
5.9.2
Terminal
Strength
Terminal
Pulling
Terminal
Bending
Force of 5N is applied to each lead in axial
direction for 10±1 sec.
When force of 5N is applied to each lead in
axial direction,the lead shall folded up 90°
from the axial direction and folded back to
the axial direction. The speed of folding
shall be each 3 seconds.
No visible damage
and it shall fulfill
the
specifications
in Table 1.
Table 1
Item
Specification after test
Oscillation Frequency Change
Δfosc/fosc (%)max
±0.3(Refer to the initial value)
Resonant Impedance
Ro(Ω)max
30
Note : The limits in the above table are referenced to the initial
measurements.
6.
REVIEW OF SPECIFICATIONS
When something gets doubtful with this specifications, we shall
jointly work to get an agreement.


Similar Part No. - ZTA30MG

ManufacturerPart #DatasheetDescription
logo
AEL Crystals Ltd
ZTA3.00MG AEL-ZTA3.00MG Datasheet
155Kb / 1P
   Ceramic Resonators
logo
EUROQUARTZ limited
ZTA3.0MG EUROQUARTZ-ZTA3.0MG Datasheet
49Kb / 1P
   CERAMIC RESONATORS
ZTA3.49MG EUROQUARTZ-ZTA3.49MG Datasheet
49Kb / 1P
   CERAMIC RESONATORS
logo
AEL Crystals Ltd
ZTA3.49MG AEL-ZTA3.49MG Datasheet
155Kb / 1P
   Ceramic Resonators
ZTA3.50MG AEL-ZTA3.50MG Datasheet
155Kb / 1P
   Ceramic Resonators
More results

Similar Description - ZTA30MG

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
ZTTCR419MG LUGUANG-ZTTCR419MG Datasheet
239Kb / 10P
   ceramic resonator
ZTTCV200MX LUGUANG-ZTTCV200MX Datasheet
431Kb / 8P
   ceramic resonator
CRB455E LUGUANG-CRB455E Datasheet
167Kb / 2P
   Ceramic Resonator
ZTA8.0MT LUGUANG-ZTA8.0MT Datasheet
160Kb / 3P
   Ceramic Resonator
logo
MMD Components
MZTAC1 MMD-MZTAC1_12 Datasheet
164Kb / 2P
   Ceramic Resonator
MZTT MMD-MZTT_12 Datasheet
148Kb / 1P
   Ceramic Resonator
MZTTC1 MMD-MZTTC1_12 Datasheet
211Kb / 2P
   Ceramic Resonator
logo
ECS, Inc.
ZTT-20.00MX ECS-ZTT-20.00MX Datasheet
223Kb / 1P
   Ceramic Resonator
logo
Shenzhen Luguang Electr...
ZTTCC3.58MG LUGUANG-ZTTCC3.58MG Datasheet
231Kb / 9P
   ceramic resonator
ZTTWS4.00MG LUGUANG-ZTTWS4.00MG Datasheet
205Kb / 7P
   ceramic resonator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com