Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1440AV33-167AXC Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY7C1440AV33-167AXC
Description  36-Mbit (1 M 횞 36) Pipelined Sync SRAM
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1440AV33-167AXC Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY7C1440AV33-167AXC Datasheet HTML 6Page - Cypress Semiconductor CY7C1440AV33-167AXC Datasheet HTML 7Page - Cypress Semiconductor CY7C1440AV33-167AXC Datasheet HTML 8Page - Cypress Semiconductor CY7C1440AV33-167AXC Datasheet HTML 9Page - Cypress Semiconductor CY7C1440AV33-167AXC Datasheet HTML 10Page - Cypress Semiconductor CY7C1440AV33-167AXC Datasheet HTML 11Page - Cypress Semiconductor CY7C1440AV33-167AXC Datasheet HTML 12Page - Cypress Semiconductor CY7C1440AV33-167AXC Datasheet HTML 13Page - Cypress Semiconductor CY7C1440AV33-167AXC Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
CY7C1440AV33
Document Number: 38-05383 Rev. *K
Page 10 of 33
Truth Table for Read/Write
The truth table for Read/Write for CY7C1440AV33 follows. [8, 9, 10]
Function (CY7C1440AV33)
GW
BWE
BWD
BWC
BWB
BWA
Read
H
H
X
X
X
X
Read
H
L
HH
HH
Write byte A – (DQA and DQPA)H
L
H
H
H
L
Write byte B – (DQB and DQPB)H
L
H
H
L
H
Write bytes B, A
H
L
H
H
L
L
Write byte C – (DQC and DQPC)H
L
H
L
H
H
Write bytes C, A
H
L
H
L
H
L
Write bytes C, B
H
L
H
L
L
H
Write bytes C, B, A
H
L
H
L
L
L
Write byte D – (DQD and DQPD)H
L
L
H
H
H
Write bytes D, A
H
L
L
H
H
L
Write bytes D, B
H
L
L
H
L
H
Write bytes D, B, A
H
L
L
H
L
L
Write bytes D, C
H
L
L
L
H
H
Write bytes D, C, A
H
L
L
L
H
L
Write bytes D, C, B
H
L
L
L
L
H
Write all bytes
H
LLL
LL
Write all bytes
L
X
X
X
X
X
Notes
8. The DQ pins are controlled by the current cycle and the OE signal. OE is asynchronous and is not sampled with the clock.
9. BWx represents any byte write signal. To enable any byte write BWx, a Logic LOW signal should be applied at clock rise. Any number of bye writes can be enabled
at the same time for any given write.
10. Table only lists a partial listing of the byte write combinations. Any combination of BWX is valid. Appropriate write will be done based on which byte write is active.


Similar Part No. - CY7C1440AV33-167AXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1440AV33-167AXC CYPRESS-CY7C1440AV33-167AXC Datasheet
392Kb / 27P
   36-Mbit (1M x 36/2M x 18/512K x 72) Pipelined Sync SRAM
CY7C1440AV33-167AXC CYPRESS-CY7C1440AV33-167AXC Datasheet
581Kb / 31P
   36-Mbit (1M x 36/2M x 18/512K x 72) Pipelined Sync SRAM
More results

Similar Description - CY7C1440AV33-167AXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1444AV33 CYPRESS-CY7C1444AV33_12 Datasheet
603Kb / 23P
   36-Mbit (1 M 횞 36) Pipelined DCD Sync SRAM
CY7C1440KV25 CYPRESS-CY7C1440KV25 Datasheet
2Mb / 30P
   36-Mbit (1M 횞 36) Pipelined Sync SRAM
CY7C1484BV25 CYPRESS-CY7C1484BV25 Datasheet
709Kb / 21P
   72-Mbit (2 M 횞 36) Pipelined DCD Sync SRAM
CY7C1484BV33 CYPRESS-CY7C1484BV33 Datasheet
923Kb / 30P
   72-Mbit (2 M 횞 36) Pipelined DCD Sync SRAM
CY7C1444KV33 CYPRESS-CY7C1444KV33 Datasheet
1Mb / 22P
   36-Mbit (1M 횞 36/2M 횞 18) Pipelined DCD Sync SRAM
CY7C1480BV33 CYPRESS-CY7C1480BV33_12 Datasheet
1,015Kb / 33P
   72-Mbit (2 M 횞 36/4 M 횞 18) Pipelined Sync SRAM
CY7C1386D CYPRESS-CY7C1386D_12 Datasheet
687Kb / 34P
   18-Mbit (512 K 횞 36/1 M 횞 18) Pipelined DCD Sync SRAM
CY7C1347G CYPRESS-CY7C1347G_12 Datasheet
538Kb / 25P
   4-Mbit (128 K 횞 36) Pipelined Sync SRAM
CY7C1440KV33 CYPRESS-CY7C1440KV33 Datasheet
3Mb / 33P
   36-Mbit (1M 횞 36/2M 횞 18) Pipelined Sync SRAM (With ECC)
CY7C1460BV25 CYPRESS-CY7C1460BV25 Datasheet
721Kb / 30P
   36-Mbit (1 M 횞 36/2 M 횞 18) Pipelined SRAM with NoBL??Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com