Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMBJ5.0CA Datasheet(PDF) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # SMBJ5.0CA
Description  600Watts Surface Mount Transient Voltage Suppressor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

SMBJ5.0CA Datasheet(HTML) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  SMBJ5.0CA Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd SMBJ5.0CA Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd SMBJ5.0CA Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Part
Number
(Uni)
Part
Number
(Bi)
Breakdown
Voltage
VBR (Volts) @ IT
Maximum
Reverse
Leakage
IR @ VR
(µA)
Maximum
Clamping
Voltage
VC @ IPP
(Volts)
Maximum
Peak Pulse
Current
IPP
(A)
ELECTRICAL SPECIFICATION @ Tamb 25°C
SMBJ5.0A
5.0
6.40
7.00
10
9.2
65.3
800
SMBJ6.0A
SMBJ6.0CA
6.0
6.67
7.37
10
10.3
58.3
800
SMBJ6.5A
SMBJ6.5CA
6.5
7.22
7.98
10
11.2
53.6
500
SMBJ7.0A
SMBJ7.0CA
7.0
7.78
8.60
10
12.0
50.0
200
SMBJ7.5A
SMBJ7.5CA
7.5
8.33
9.21
1
12.9
46.6
100
SMBJ8.0A
SMBJ8.0CA
8.0
8.89
9.83
1
13.6
44.2
50
SMBJ8.5A
SMBJ8.5CA
8.5
9.44
10.40
1
14.4
41.7
20
SMBJ9.0A
SMBJ9.0CA
9.0
10.00
11.10
1
15.4
39.0
10
SMBJ10A
SMBJ10CA
10.0
11.10
12.30
1
17.0
35.3
5
SMBJ11A
SMBJ11CA
11.0
12.20
13.50
1
18.2
33.0
5
SMBJ12A
SMBJ12CA
12.0
13.30
14.70
1
19.9
30.2
5
SMBJ13A
SMBJ13CA
13.0
14.40
15.90
1
21.5
28.0
5
SMBJ14A
SMBJ14CA
14.0
15.60
17.20
1
23.2
25.9
5
SMBJ15A
SMBJ15CA
15.0
16.70
18.50
1
24.4
24.6
5
SMBJ16A
SMBJ16CA
16.0
17.80
19.70
1
26.0
23.1
5
SMBJ17A
SMBJ17CA
17.0
18.90
20.90
1
27.6
21.8
5
SMBJ18A
SMBJ18CA
18.0
20.00
22.10
1
29.2
20.6
5
SMBJ20A
SMBJ20CA
20.0
22.20
24.50
1
32.4
18.6
5
SMBJ22A
SMBJ22CA
22.0
24.40
26.90
1
35.5
16.9
5
SMBJ24A
SMBJ24CA
24.0
26.70
29.50
1
38.9
15.5
5
SMBJ26A
SMBJ26CA
26.0
28.90
31.90
1
42.1
14.3
5
SMBJ28A
SMBJ28CA
28.0
31.10
34.40
1
45.4
13.3
5
SMBJ30A
SMBJ30CA
30.0
33.30
36.80
1
48.4
12.4
5
SMBJ33A
SMBJ33CA
33.0
36.70
40.60
1
53.3
11.3
5
SMBJ36A
SMBJ36CA
36.0
40.00
44.20
1
58.1
10.4
5
SMBJ40A
SMBJ40CA
40.0
44.40
49.10
1
64.5
9.3
5
SMBJ43A
SMBJ43CA
43.0
47.80
52.80
1
69.4
8.7
5
SMBJ45A
SMBJ45CA
45.0
50.00
55.30
1
72.7
8.3
5
SMBJ48A
SMBJ48CA
48.0
53.30
58.90
1
77.4
7.8
5
SMBJ51A
SMBJ51CA
51.0
56.70
62.70
1
82.4
7.3
5
SMBJ54A
SMBJ54CA
54.0
60.00
66.30
1
87.1
6.9
5
SMBJ58A
SMBJ58CA
58.0
64.40
71.20
1
93.6
6.5
5
SMBJ60A
SMBJ60CA
60.0
66.70
73.70
1
96.8
6.2
5
SMBJ64A
SMBJ64CA
64.0
71.10
78.60
1
103.0
5.9
5
SMBJ70A
SMBJ70CA
70.0
77.80
86.00
1
113.0
5.3
5
SMBJ75A
SMBJ75CA
75.0
83.30
92.10
1
121.0
5.0
5
SMBJ78A
SMBJ78CA
78.0
86.70
95.80
1
126.0
4.8
5
SMBJ85A
SMBJ85CA
85.0
94.40
104.00
1
137.0
4.4
5
SMBJ90A
SMBJ90CA
90.0
100.00
111.00
1
146.0
4.1
5
SMBJ100A
SMBJ100CA
100.0
111.00
123.00
1
162.0
3.7
5
SMBJ110A
SMBJ110CA
110.0
122.00
135.00
1
177.0
3.4
5
SMBJ120A
SMBJ120CA
120.0
133.00
147.00
1
193.0
3.1
5
SMBJ130A
SMBJ130CA
130.0
144.00
159.00
1
209.0
2.9
5
SMBJ150A
SMBJ150CA
150.0
167.00
185.00
1
243.0
2.5
5
SMBJ160A
SMBJ160CA
160.0
178.00
197.00
1
259.0
2.3
5
SMBJ170A
SMBJ170CA
170.0
189.00
209.00
1
275.0
2.2
5
SMBJ180A
SMBJ180CA
180.0
201.00
222.00
1
292.0
2.1
5
SMBJ200A
SMBJ200CA
200.0
224.00
247.00
1
324.0
1.9
5
SMBJ220A
SMBJ220CA
220.0
246.00
272.00
1
356.0
1.7
5
SMBJ250A
SMBJ250CA
250.0
279.00
309.00
1
405.0
1.5
5
SMBJ300A
SMBJ300CA
300.0
335.00
371.00
1
486.0
1.3
5
SMBJ350A
SMBJ350CA
350.0
391.00
432.00
1
567.0
1.1
5
SMBJ400A
SMBJ400CA
400.0
447.00
494.00
1
648.0
0.9
5
SMBJ440A
SMBJ440CA
440.0
492.00
543.00
1
713.0
0.9
5
Reverse
Stand off
Voltage
VR
(Volts)
MIN
MAX
For bidirectional type having Vrwm of 10 volts and less, the IR limit is double.
For parts without A , the VBR is + 10%
Test
Current
IT (mA)
SMBJ Series
600Watts Surface Mount Transient Voltage Suppressor
SMBJ5.0CA
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - SMBJ5.0CA

ManufacturerPart #DatasheetDescription
logo
Bytes
SMBJ5.0CA BYTES-SMBJ5.0CA Datasheet
338Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
DAESAN ELECTRONIC CORP.
SMBJ5.0CA DAESAN-SMBJ5.0CA Datasheet
348Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Socay Electornics Co., ...
SMBJ5.0CA SOCAY-SMBJ5.0CA Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
SeCoS Halbleitertechnol...
SMBJ5.0CA SECOS-SMBJ5.0CA Datasheet
422Kb / 4P
   600W Peak Power Surface Mount TVS
logo
Zowie Technology Corpor...
SMBJ5.0CA ZOWIE-SMBJ5.0CA Datasheet
294Kb / 3P
   GLASS PASSIVATED SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - SMBJ5.0CA

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
SMB68 LUGUANG-SMB68 Datasheet
164Kb / 4P
   600Watts Surface Mount Transient Voltage Suppressor
SMAJ5.0 LUGUANG-SMAJ5.0_1 Datasheet
192Kb / 4P
   600Watts Surface Mount Transient Voltage Suppressor
logo
DONGGUAN YOU FENG WEI E...
P6SMBF6.8A YFWDIODE-P6SMBF6.8A Datasheet
89Kb / 4P
   Surface mounttransient voltage suppressor power 600watts
P6KE6.8-DO15 YFWDIODE-P6KE6.8-DO15 Datasheet
544Kb / 4P
   600WATTS TRANSIENT VOLTAGE SUPPRESSOR 6.8 TO 440 VOLTS
logo
Nanjing International G...
P6KE6.8 DGNJDZ-P6KE6.8 Datasheet
83Kb / 4P
   600WATTS TRANSIENT VOLTAGE SUPPRESSOR 6.8 TO 440 VOLTS
logo
EIC discrete Semiconduc...
SMBJ50 EIC-SMBJ50 Datasheet
110Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
3.0SMCJ11 EIC-3.0SMCJ11 Datasheet
58Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
3.0SMCJ11C EIC-3.0SMCJ11C Datasheet
57Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com