Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1069AV33-10ZXC Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY7C1069AV33-10ZXC
Description  2 M 횞 8 Static RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1069AV33-10ZXC Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY7C1069AV33-10ZXC Datasheet HTML 1Page - Cypress Semiconductor CY7C1069AV33-10ZXC Datasheet HTML 2Page - Cypress Semiconductor CY7C1069AV33-10ZXC Datasheet HTML 3Page - Cypress Semiconductor CY7C1069AV33-10ZXC Datasheet HTML 4Page - Cypress Semiconductor CY7C1069AV33-10ZXC Datasheet HTML 5Page - Cypress Semiconductor CY7C1069AV33-10ZXC Datasheet HTML 6Page - Cypress Semiconductor CY7C1069AV33-10ZXC Datasheet HTML 7Page - Cypress Semiconductor CY7C1069AV33-10ZXC Datasheet HTML 8Page - Cypress Semiconductor CY7C1069AV33-10ZXC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
CY7C1069AV33
Document Number: 38-05255 Rev. *J
Page 3 of 12
Selection Guide
Description
–10
Unit
Maximum access time
10
ns
Maximum operating current
275
mA
Maximum CMOS standby current
50
mA
Pin Configuration
Figure 1. 54-pin TSOP II [1, 2]
Top View
WE
1
2
3
4
5
6
7
8
9
10
11
14
31
32
36
35
34
33
37
40
39
38
12
13
41
43
42
16
15
29
30
A5
A6
A7
A8
A0
A1
OE
VSS
A17
I/O7
A2
CE1
I/O0
I/O1
A3
A4
18
17
20
19
27
28
25
26
22
21
23
24
I/O2
I/O3
A16
A15
VCC
I/O6
NC
I/O5
I/O4
A14
A13
A12
A11
A9
A10
CE2
44
46
45
47
50
49
48
51
53
52
54
VSS
VCC
A19
A18
VCC
VCC
VSS
DNU
VSS
NC
VCC
VSS
NC
NC
NC
NC
NC
NC
NC
NC
A20
Notes
1. NC pins are not connected on the die.
2. DNU pins have to be left floating or tied to VSS to ensure proper application.
[+] Feedback


Similar Part No. - CY7C1069AV33-10ZXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1069AV33-10ZXC CYPRESS-CY7C1069AV33-10ZXC Datasheet
398Kb / 9P
   2M x 8 Static RAM
More results

Similar Description - CY7C1069AV33-10ZXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62177EV30 CYPRESS-CY62177EV30 Datasheet
516Kb / 14P
   32-Mbit (2 M 횞 16 / 4 M 횞 8) Static RAM
CY62177ESL CYPRESS-CY62177ESL Datasheet
488Kb / 16P
   32-Mbit (2 M 횞 16/4 M 횞 8) Static RAM
CY62167E CYPRESS-CY62167E_10 Datasheet
491Kb / 15P
   16-Mbit (1 M 횞 16 / 2 M 횞 8) Static RAM
CY62167EV30 CYPRESS-CY62167EV30_12 Datasheet
360Kb / 19P
   16-Mbit (1 M 횞 16 / 2 M 횞 8) Static RAM
CY62177EV18 CYPRESS-CY62177EV18 Datasheet
363Kb / 17P
   32-Mbit (2 M 횞 16 / 4 M 횞 8) Static RAM
CY7C1089DV33 CYPRESS-CY7C1089DV33_12 Datasheet
263Kb / 11P
   64-Mbit (8 M 횞 8) Static RAM
CY62177DV30 CYPRESS-CY62177DV30_12 Datasheet
266Kb / 13P
   32-Mbit (2 M 횞 16) Static RAM
CY62256N CYPRESS-CY62256N_11 Datasheet
596Kb / 14P
   256K (32K 횞 8) Static RAM
logo
Winbond
W24257S-70LL-TR WINBOND-W24257S-70LL-TR Datasheet
557Kb / 10P
   32K 횞 8 CMOS STATIC RAM
logo
Cypress Semiconductor
CY62138EV30 CYPRESS-CY62138EV30_12 Datasheet
494Kb / 16P
   2-Mbit (256 K 횞 8) MoBL Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com