Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1856B-M50+R Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # DS1856B-M50+R
Description  Dual, Temperature-Controlled Resistors with Calibrated Monitors and Password Protection
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1856B-M50+R Datasheet(HTML) 1 Page - Maxim Integrated Products

  DS1856B-M50+R Datasheet HTML 1Page - Maxim Integrated Products DS1856B-M50+R Datasheet HTML 2Page - Maxim Integrated Products DS1856B-M50+R Datasheet HTML 3Page - Maxim Integrated Products DS1856B-M50+R Datasheet HTML 4Page - Maxim Integrated Products DS1856B-M50+R Datasheet HTML 5Page - Maxim Integrated Products DS1856B-M50+R Datasheet HTML 6Page - Maxim Integrated Products DS1856B-M50+R Datasheet HTML 7Page - Maxim Integrated Products DS1856B-M50+R Datasheet HTML 8Page - Maxim Integrated Products DS1856B-M50+R Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
Dual, Temperature-Controlled Resistors with
Calibrated Monitors and Password Protection
1
For pricing, delivery, and ordering information, please contact Maxim Direct
at 1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
General Description
The DS1856M dual, temperature-controlled, nonvolatile
(NV) variable resistors with three monitors consists of
two 256-position, linear, variable resistors; three analog
monitor inputs (MON1, MON2, MON3); and a direct-to-
digital temperature sensor. The device provides an
ideal method for setting and temperature-compensating
bias voltages and currents in control applications using
minimal circuitry. The variable resistor settings are
stored in EEPROM memory and can be accessed over
the 2-wire serial bus.
The DS1856M includes 128 bytes of EEPROM memory
at A2h slave address, Table 00/01. The DS1856M also
includes three-levels of password protection. The
DS1856-01 includes 256 bytes of A0h EEPROM memo-
ry. The DS1856B-M50+ and DS1856E-M50+ are drop-
in replacements for the DS1856B-050+ and
DS1866E-050+, respectively. The enhancements
include 256 bytes of EEPROM at A0h; selectable
MON2, MON3 references; and a 13-bit ADC. These are
backward
compatible
by
default
with
the
DS1856B-050+/DS1856E-050+.
Applications
Optical Transceivers
Optical Transponders
Instrumentation and Industrial Controls
RF Power Amps
Diagnostic Monitoring
Features
♦ SFF-8472 Compatible
♦ 13-Bit ADC
♦ Two Linear, 256-Position, Nonvolatile
Temperature-Controlled Variable Resistors with
2°C Resolution
♦ Three Levels of Security
♦ Access to Monitoring and ID Information
Configurable with Separate Device Addresses
♦ 2-Wire Serial Interface
♦ Two Buffers with TTL/CMOS-Compatible Inputs
and Open-Drain Outputs
♦ Operates from a 3.3V or 5V Supply
♦ -40°C to +95°C Operating Temperature Range
19-6395; Rev 0; 7/12
EVALUATION
KIT
AVAILABLE
SDA
1
2
3
4
5
6
7
8
16
0.1
μF
15
14
13
12
11
10
9
SCL
OUT1
IN1
OUT2
IN2
N.C.
GND
VCC
H1
L1
H0
L0
MON3
MON2
MON1
Rx POWER*
DIAGNOSTIC
INPUTS
TO LASER
MODULATION
CONTROL
TO LASER BIAS
CONTROL
DECOUPLING
CAPACITOR
Tx POWER*
Tx BIAS*
*SATISFIES SFF-8472 COMPATIBILITY
VCC
VCC = 3.3V
4.7k
Ω
4.7k
Ω
Tx-FAULT
LOS
2-WIRE
INTERFACE
DS1856M
Typical Operating Circuit
Ordering Information appears at end of data sheet.


Similar Part No. - DS1856B-M50+R

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1856B-002 MAXIM-DS1856B-002 Datasheet
469Kb / 31P
   Dual, Temperature-Controlled Resistors with Internally Calibrated Monitors and Password Protection
Rev 1; 4/05
DS1856B-002/R MAXIM-DS1856B-002/R Datasheet
469Kb / 31P
   Dual, Temperature-Controlled Resistors with Internally Calibrated Monitors and Password Protection
Rev 1; 4/05
DS1856B-002/T MAXIM-DS1856B-002/T Datasheet
469Kb / 31P
   Dual, Temperature-Controlled Resistors with Internally Calibrated Monitors and Password Protection
Rev 1; 4/05
DS1856B-002R MAXIM-DS1856B-002R Datasheet
469Kb / 31P
   Dual, Temperature-Controlled Resistors with Internally Calibrated Monitors and Password Protection
Rev 1; 4/05
DS1856B-002T MAXIM-DS1856B-002T Datasheet
469Kb / 31P
   Dual, Temperature-Controlled Resistors with Internally Calibrated Monitors and Password Protection
Rev 1; 4/05
More results

Similar Description - DS1856B-M50+R

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1856 MAXIM-DS1856 Datasheet
469Kb / 31P
   Dual, Temperature-Controlled Resistors with Internally Calibrated Monitors and Password Protection
Rev 1; 4/05
DS1859 MAXIM-DS1859 Datasheet
446Kb / 10P
   Dual, Temperature-Controlled Resistors with Internally Calibrated Monitors
Rev 1; 11/03
DS1857 MAXIM-DS1857 Datasheet
815Kb / 22P
   Dual Temperature-Controlled Resistors with External Temperature Input and Monitors
Rev 1; 6/04
DS1858 MAXIM-DS1858 Datasheet
784Kb / 22P
   Dual Temperature-Controlled Resistors with Three Monitors
Rev 0; 1/03
DS1854 MAXIM-DS1854 Datasheet
792Kb / 22P
   Dual Temperature-Controlled Resistors with Two Monitors
Rev 0; 1/03
logo
STMicroelectronics
M24LR64-R_1006 STMICROELECTRONICS-M24LR64-R_1006 Datasheet
1Mb / 128P
   64 Kbit EEPROM with password protection & dual interface
logo
List of Unclassifed Man...
SFM4100 ETC2-SFM4100 Datasheet
464Kb / 9P
   Calibrated and temperature compensated
logo
Amphenol Corporation
T9602 AMPHENOL-T9602 Datasheet
295Kb / 4P
   Fully calibrated and temperature compensated
logo
Maxim Integrated Produc...
MAX6615 MAXIM-MAX6615 Datasheet
231Kb / 20P
   Dual-Channel Temperature Monitors and Fan-Speed Controllers with Thermistor Inputs
Rev 1; 7/05
MAX6615 MAXIM-MAX6615_08 Datasheet
191Kb / 20P
   Dual-Channel Temperature Monitors and Fan-Speed Controllers with Thermistor Inputs
Rev 2; 10/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com