Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1886T+ Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # DS1886T+
Description  SFP and PON ONU Controller with Digital LDD Interface
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1886T+ Datasheet(HTML) 1 Page - Maxim Integrated Products

  DS1886T+ Datasheet HTML 1Page - Maxim Integrated Products DS1886T+ Datasheet HTML 2Page - Maxim Integrated Products DS1886T+ Datasheet HTML 3Page - Maxim Integrated Products DS1886T+ Datasheet HTML 4Page - Maxim Integrated Products DS1886T+ Datasheet HTML 5Page - Maxim Integrated Products DS1886T+ Datasheet HTML 6Page - Maxim Integrated Products DS1886T+ Datasheet HTML 7Page - Maxim Integrated Products DS1886T+ Datasheet HTML 8Page - Maxim Integrated Products DS1886T+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 92 page
background image
DS1886
SFP and PON ONU Controller
with Digital LDD Interface
1
General Description
The DS1886 controls and monitors all functions for SFF,
SFP, and SFP+ modules including all SFF-8472 func-
tionality for GPON/EPON and 10G PON ONU applica-
tions. The combination of the DS1886 with the MAX3710
supports all transmitter and receiver functionality. The
DS1886 includes modulation current control and APC set-
point control with tracking error adjustment. It continually
monitors RSSI for LOS generation. A 13-bit analog-to-
digital converter (ADC) monitors VCC, temperature, laser
bias, laser modulation, and receive power to meet all
monitoring requirements. Receive power measurement
is differential with support for common mode to VCC. A
9-bit digital-to-analog converter (DAC) is included with
temperature compensation for APD bias control.
Applications
SFF, SFP, and PON ONU Modules
Features
S
Meets All SFF-8472 Control and Monitoring
Requirements
S
Companion Controller for the MAX3710 Laser
Driver/Limiting Amplifier and MAX3945 Limiting
Amplifier
S
MAX3710/DS1886 Combination Supports
Broad Spectrum of Continuous Mode and PON
Applications Up to 2.5GHz
S
Temperature Lookup Table (LUT) to Compensate
for APC Tracking Error and Dual Closed-Loop
Variables
S
Three Laser Control Modes
Dual Closed Loop: Laser Bias and Laser
Modulation Are Automatically Controlled with
Multiple LUTs to Compensate Dual Closed-Loop
Calibration Points
APC Loop: Laser Bias Automatically Controlled,
Laser Modulation Controlled by Temperature LUT
Open Loop: Laser Bias and Laser Modulation
Are Controlled by Temperature LUTs
S
13-Bit ADC
Laser Bias, Laser Power, and Receive Power
Support Internal and External Calibration
Differential Receive Power Input
Scalable Dynamic Range
Internal Direct-to-Digital Temperature Sensor
Alarm and Warning Flags for All Monitored
Channels
S
10-Bit DAC with Temperature Compensation for
APD Bias
S
Digital I/O Pins: Transmit Disable Input/Output,
Rate Select Input, LOS Input/Output, Transmit
Fault Input/Output, and IN1 Status Monitor and
Fault input
S
Comprehensive Fault Measurement System with
Maskable Alarm/Warnings
S
Flexible Password Scheme Provides Three Levels
of Security
S
256-Byte A0h and 128-Byte Upper A2h EEPROM
S
I2C-Compatible Interface
S
3-Wire Master to Communicate with the MAX3710/
MAX3711 Laser Driver/Limiting Amplifier and
MAX3945 Limiting Amplifier
19-6259; Rev 1; 8/12
Ordering Information appears at end of data sheet.
For pricing, delivery, and ordering information, please contact Maxim Direct
at 1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.


Similar Part No. - DS1886T+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1886T++ MAXIM-DS1886T+ Datasheet
3Mb / 92P
   SFP and PON ONU Controller with Digital LDD Interface
Rev 0; 3/12
DS1886T+T MAXIM-DS1886T+T Datasheet
3Mb / 92P
   SFP and PON ONU Controller with Digital LDD Interface
Rev 0; 3/12
More results

Similar Description - DS1886T+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1886 MAXIM-DS1886 Datasheet
3Mb / 92P
   SFP and PON ONU Controller with Digital LDD Interface
Rev 0; 3/12
DS1886 MAXIM-DS1886_V01 Datasheet
3Mb / 92P
   SFP and PON ONU Controller with Digital LDD Interface
19-6259; Rev 1; 8/12
DS1884 MAXIM-DS1884 Datasheet
2Mb / 92P
   SFP and PON ONU Controller with Digital LDD Interface
19-5928; Rev 1; 7/11
DS1878 MAXIM-DS1878 Datasheet
1Mb / 101P
   SFP Controller with Digital LDD Interface
Rev 1; 8/11
DS1874 MAXIM-DS1874 Datasheet
1Mb / 88P
   SFP Controller with Digital LDD Interface
Rev 0; 6/09
DS1873 MAXIM-DS1873 Datasheet
1Mb / 85P
   SFP Controller with Analog LDD Interface
Rev 0; 9/09
DS1876 MAXIM-DS1876 Datasheet
2Mb / 69P
   SFP Controller with Dual LDD Interface
Rev 0; 2/10
DS1876 MAXIM-DS1876_V01 Datasheet
2Mb / 69P
   SFP Controller with Dual LDD Interface
19-5153; Rev 0; 2/10
DS1875 MAXIM-DS1875 Datasheet
1Mb / 92P
   PON Triplexer and SFP Controller
Rev 1; 10/08
logo
Finisar Corporation.
FTGN2117P2CUN FINISAR-FTGN2117P2CUN Datasheet
438Kb / 1P
   Pluggable SFP ONU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com