Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1856B-M50+ Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # DS1856B-M50+
Description  Dual, Temperature-Controlled Resistors with Calibrated Monitors and Password Protection
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1856B-M50+ Datasheet(HTML) 5 Page - Maxim Integrated Products

  DS1856B-M50+ Datasheet HTML 1Page - Maxim Integrated Products DS1856B-M50+ Datasheet HTML 2Page - Maxim Integrated Products DS1856B-M50+ Datasheet HTML 3Page - Maxim Integrated Products DS1856B-M50+ Datasheet HTML 4Page - Maxim Integrated Products DS1856B-M50+ Datasheet HTML 5Page - Maxim Integrated Products DS1856B-M50+ Datasheet HTML 6Page - Maxim Integrated Products DS1856B-M50+ Datasheet HTML 7Page - Maxim Integrated Products DS1856B-M50+ Datasheet HTML 8Page - Maxim Integrated Products DS1856B-M50+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
Dual, Temperature-Controlled Resistors with
Calibrated Monitors and Password Protection
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (°C)
85
60
35
10
-15
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0.3
-40
VCC = 5.5V
SDA = SCL = VCC
VCC = 2.85V
SUPPLY CURRENT vs. SUPPLY VOLTAGE
VCC (V)
3.85
4.85
3.35
4.35
5.35
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0
2.85
SDA = SCL = VCC
-40°C
+25°C
+95°C
RESISTANCE vs. SETTING
SETTING (DEC)
100
200
50
150
250
5
10
15
20
25
30
35
40
45
50
0
0
50kI VERSION
ACTIVE SUPPLY CURRENT
vs. SCL FREQUENCY
SCL FREQUENCY (kHz)
300
200
100
720
740
760
780
800
700
0
400
SDA = VCC
RESISTOR 0 INL (LSB) vs. SETTING
SETTING (DEC)
250
25 50 75 100 125 150 175 200 225
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1.0
-1.0
0
RESISTOR 0 DNL (LSB) vs. SETTING
SETTING (DEC)
250
25 50 75 100 125 150 175 200 225
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1.0
-1.0
0
RESISTOR 1 INL (LSB) vs. SETTING
SETTING (DEC)
250
25 50 75 100 125 150 175 200 225
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1.0
-1.0
0
RESISTOR 1 DNL (LSB) vs. SETTING
SETTING (DEC)
250
25 50 75 100 125 150 175 200 225
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1.0
-1.0
0
RESISTANCE
vs. POWER-UP VOLTAGE
POWER-UP VOLTAGE (V)
23
4
1
30
20
40
50
60
70
80
90
100
110
120
0
10
05
PROGRAMMED
RESISTANCE
(80h)
>1M
Ω
5
Typical Operating Characteristics
(VCC = 5.0V, TA = +25°C, unless otherwise noted.)


Similar Part No. - DS1856B-M50+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1856B-002 MAXIM-DS1856B-002 Datasheet
469Kb / 31P
   Dual, Temperature-Controlled Resistors with Internally Calibrated Monitors and Password Protection
Rev 1; 4/05
DS1856B-002/R MAXIM-DS1856B-002/R Datasheet
469Kb / 31P
   Dual, Temperature-Controlled Resistors with Internally Calibrated Monitors and Password Protection
Rev 1; 4/05
DS1856B-002/T MAXIM-DS1856B-002/T Datasheet
469Kb / 31P
   Dual, Temperature-Controlled Resistors with Internally Calibrated Monitors and Password Protection
Rev 1; 4/05
DS1856B-002R MAXIM-DS1856B-002R Datasheet
469Kb / 31P
   Dual, Temperature-Controlled Resistors with Internally Calibrated Monitors and Password Protection
Rev 1; 4/05
DS1856B-002T MAXIM-DS1856B-002T Datasheet
469Kb / 31P
   Dual, Temperature-Controlled Resistors with Internally Calibrated Monitors and Password Protection
Rev 1; 4/05
More results

Similar Description - DS1856B-M50+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1856 MAXIM-DS1856 Datasheet
469Kb / 31P
   Dual, Temperature-Controlled Resistors with Internally Calibrated Monitors and Password Protection
Rev 1; 4/05
DS1859 MAXIM-DS1859 Datasheet
446Kb / 10P
   Dual, Temperature-Controlled Resistors with Internally Calibrated Monitors
Rev 1; 11/03
DS1857 MAXIM-DS1857 Datasheet
815Kb / 22P
   Dual Temperature-Controlled Resistors with External Temperature Input and Monitors
Rev 1; 6/04
DS1858 MAXIM-DS1858 Datasheet
784Kb / 22P
   Dual Temperature-Controlled Resistors with Three Monitors
Rev 0; 1/03
DS1854 MAXIM-DS1854 Datasheet
792Kb / 22P
   Dual Temperature-Controlled Resistors with Two Monitors
Rev 0; 1/03
logo
STMicroelectronics
M24LR64-R_1006 STMICROELECTRONICS-M24LR64-R_1006 Datasheet
1Mb / 128P
   64 Kbit EEPROM with password protection & dual interface
logo
List of Unclassifed Man...
SFM4100 ETC2-SFM4100 Datasheet
464Kb / 9P
   Calibrated and temperature compensated
logo
Amphenol Corporation
T9602 AMPHENOL-T9602 Datasheet
295Kb / 4P
   Fully calibrated and temperature compensated
logo
Maxim Integrated Produc...
MAX6615 MAXIM-MAX6615 Datasheet
231Kb / 20P
   Dual-Channel Temperature Monitors and Fan-Speed Controllers with Thermistor Inputs
Rev 1; 7/05
MAX6615 MAXIM-MAX6615_08 Datasheet
191Kb / 20P
   Dual-Channel Temperature Monitors and Fan-Speed Controllers with Thermistor Inputs
Rev 2; 10/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com