Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCM69P817ZP2.5R Datasheet(PDF) 8 Page - Motorola, Inc

Part # MCM69P817ZP2.5R
Description  256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM69P817ZP2.5R Datasheet(HTML) 8 Page - Motorola, Inc

Back Button MCM69P817ZP2.5R Datasheet HTML 4Page - Motorola, Inc MCM69P817ZP2.5R Datasheet HTML 5Page - Motorola, Inc MCM69P817ZP2.5R Datasheet HTML 6Page - Motorola, Inc MCM69P817ZP2.5R Datasheet HTML 7Page - Motorola, Inc MCM69P817ZP2.5R Datasheet HTML 8Page - Motorola, Inc MCM69P817ZP2.5R Datasheet HTML 9Page - Motorola, Inc MCM69P817ZP2.5R Datasheet HTML 10Page - Motorola, Inc MCM69P817ZP2.5R Datasheet HTML 11Page - Motorola, Inc MCM69P817ZP2.5R Datasheet HTML 12Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
MCM69P817
8
MOTOROLA FAST SRAM
AC OPERATING CONDITIONS AND CHARACTERISTICS
(3.6 V
≥ VDD ≥ 3.135 V, 70°C ≥ TA ≥ 0°C, Unless Otherwise Noted)
Input Timing Measurement Reference Level
1.5 V
. . . . . . . . . . . . . . .
Input Pulse Levels
0 to 3.0 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input Slew Rate (See Figure 3)
1.0 V/ns
. . . . . . . . . . . . . . . . . . . . . . . .
Output Timing Reference Level
1.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . .
Output Load
See Figure 2 Unless Otherwise Noted
. . . . . . . . . . . . . .
Output Rise/Fall Times (Max)
2.0 ns
. . . . . . . . . . . . . . . . . . . . . . . . . . .
READ/WRITE CYCLE TIMING (See Notes 1 and 2)
P
Sb l
MCM69P817–2.5
200 MHz
MCM69P817–3
180 MHz
MCM69P817–3.5
166 MHz
Ui
N
Parameter
Symbol
Min
Max
Min
Max
Min
Max
Unit
Notes
Cycle Time
tKHKH
5
5.5
6
ns
Clock High Pulse Width
tKHKL
2.2
2.5
2.7
ns
3, 4
Clock Low Pulse Width
tKLKH
2.2
2.5
2.7
ns
3, 4
Clock Access Time
tKHQV
2.5
3
3.5
ns
3
Output Enable to Output Valid
tGLQV
3.5
3.5
3.8
ns
3
Clock High to Output Active
tKHQX1
0
0
0
ns
3, 5, 6
Clock High to Output Change
tKHQX2
1.5
1.5
1.5
ns
3, 6
Output Enable to Output Active
tGLQX
0
0
0
ns
3, 5, 6
Output Disable to Q High–Z
tGHQZ
3.5
3.5
3.8
ns
3, 5, 6
Clock High to Q High–Z
tKHQZ
1.5
5
1.5
5.5
1.5
6
ns
3, 5, 6
Setup Times:
Address
Data In
Write
Chip Enable
ADSP, ADSC, ADV
tADKH
tDVKH
tWVKH
tEVKH
tADSKH
0.5
0.5
0.5
0.5
1.5
0.5
0.5
0.5
0.5
1.5
0.5
0.5
0.5
0.5
1.5
ns
3
Hold Times:
Address
ADSP, ADSC, ADV
Data In
Write
Chip Enable
tKHAX
tKHADSX
tKHDX
tKHWX
tKHEX
1.0
1.0
1.0
ns
3
NOTES:
1. Write is defined as either any SBx and SW low or SGW is low. Chip Enable is defined as SE1 low, SE2 high and SE3 low whenever ADSP
or ADSC is asserted.
2. All read and write cycle timings are referenced from K or G.
3. Tested per AC Test Load, Figure 2.
4. In order to reduce test correlation issues and to reduce the effects of application specific input edge rate variations on correlation between
data sheet parameters and actual system performance, FSRAM AC parametric specifications are always specified at VDDQ/2. In some
design exercises, it is desirable to evaluate timing using other reference levels. Since the maximum test input edge rate is known and is given
in the AC Test Conditions section of the data sheet as 1 V/ns, one can easily interpolate timing values to other reference levels.
5. Measured at
± 200 mV from steady state.
6. This parameter is sampled and not 100% tested.


Similar Part No. - MCM69P817ZP2.5R

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM69P818 MOTOROLA-MCM69P818 Datasheet
179Kb / 16P
   256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69P818ZP3.5 MOTOROLA-MCM69P818ZP3.5 Datasheet
179Kb / 16P
   256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69P818ZP3.5R MOTOROLA-MCM69P818ZP3.5R Datasheet
179Kb / 16P
   256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69P818ZP3.8 MOTOROLA-MCM69P818ZP3.8 Datasheet
179Kb / 16P
   256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69P818ZP3.8R MOTOROLA-MCM69P818ZP3.8R Datasheet
179Kb / 16P
   256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
More results

Similar Description - MCM69P817ZP2.5R

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM69P819 MOTOROLA-MCM69P819 Datasheet
274Kb / 20P
   256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69P818 MOTOROLA-MCM69P818 Datasheet
179Kb / 16P
   256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69P618C MOTOROLA-MCM69P618C Datasheet
205Kb / 12P
   64K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM63P736 MOTOROLA-MCM63P736 Datasheet
315Kb / 20P
   128K x 36 and 256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM63P737K MOTOROLA-MCM63P737K Datasheet
395Kb / 20P
   128K x 36 and 256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM63P837 MOTOROLA-MCM63P837 Datasheet
719Kb / 30P
   256K x 36 and 512K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69F817 MOTOROLA-MCM69F817 Datasheet
175Kb / 16P
   256K x 18 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
MCM69F819 MOTOROLA-MCM69F819 Datasheet
274Kb / 20P
   256K x 18 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
MCM63P733A MOTOROLA-MCM63P733A Datasheet
238Kb / 16P
   128K x 32 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM63P531 MOTOROLA-MCM63P531 Datasheet
334Kb / 16P
   32K x 32 Bit Pipelined BurstRAM Synchronous Fast Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com