Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCM69L736AZP9.5R Datasheet(PDF) 9 Page - Motorola, Inc

Part # MCM69L736AZP9.5R
Description  4M Late Write HSTL
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM69L736AZP9.5R Datasheet(HTML) 9 Page - Motorola, Inc

Back Button MCM69L736AZP9.5R Datasheet HTML 5Page - Motorola, Inc MCM69L736AZP9.5R Datasheet HTML 6Page - Motorola, Inc MCM69L736AZP9.5R Datasheet HTML 7Page - Motorola, Inc MCM69L736AZP9.5R Datasheet HTML 8Page - Motorola, Inc MCM69L736AZP9.5R Datasheet HTML 9Page - Motorola, Inc MCM69L736AZP9.5R Datasheet HTML 10Page - Motorola, Inc MCM69L736AZP9.5R Datasheet HTML 11Page - Motorola, Inc MCM69L736AZP9.5R Datasheet HTML 12Page - Motorola, Inc MCM69L736AZP9.5R Datasheet HTML 13Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
MCM69L736A
•MCM69L818A
9
MOTOROLA FAST SRAM
AC INPUT CHARACTERISTICS
Parameter
Symbol
Min
Max
Notes
AC Input Logic High (See Figure 4)
VIH (ac)
Vref + 200 mV
AC Input Logic Low (See Figures 2 and 4)
VIL (ac)
Vref – 200 mV
1
Input Reference Peak to Peak ac Voltage
Vref (ac)
5% Vref (dc)
2
Clock Input Differential Voltage
Vdif (ac)
400 mV
VDDQ + 600 mV
3
NOTES:
1. Inputs may undershoot to – 0.5 V (peak) for up to 20% tKHKH (e.g., 2 ns at a clock cycle time of 10 ns).
2. Although considerable latitude in the selection of the nominal dc value (i.e., rms value) of Vref is supported, the peak to peak ac component
superimposed on Vref may not exceed 5% of the dc component of Vref.
3. Minimum instantaneous differential input voltage required for differential input clock operation.
VOH
VSS
50%
100%
20% tKHKH
Figure 2. Undershoot Voltage
CROSSING POINT
VDDQ
VSS
VTR
VDIF
VCP
VCM*
Figure 3. Differential Inputs/Common Mode Input Voltage
*VCM, the Common Mode Input Voltage, equals VTR – ((VTR – VCP)/2).
VIH(ac)
Vref
VIL(ac)
Figure 4. Differential Inputs/Common Mode Input Voltage


Similar Part No. - MCM69L736AZP9.5R

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM69L735 MOTOROLA-MCM69L735 Datasheet
182Kb / 16P
   128K x 36 Bit Data Latch BurstRAM Synchronous Fast Static RAM
MCM69L735ZP6 MOTOROLA-MCM69L735ZP6 Datasheet
182Kb / 16P
   128K x 36 Bit Data Latch BurstRAM Synchronous Fast Static RAM
MCM69L735ZP6.5 MOTOROLA-MCM69L735ZP6.5 Datasheet
182Kb / 16P
   128K x 36 Bit Data Latch BurstRAM Synchronous Fast Static RAM
MCM69L735ZP6.5R MOTOROLA-MCM69L735ZP6.5R Datasheet
182Kb / 16P
   128K x 36 Bit Data Latch BurstRAM Synchronous Fast Static RAM
MCM69L735ZP6R MOTOROLA-MCM69L735ZP6R Datasheet
182Kb / 16P
   128K x 36 Bit Data Latch BurstRAM Synchronous Fast Static RAM
More results

Similar Description - MCM69L736AZP9.5R

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM69R736A MOTOROLA-MCM69R736A Datasheet
224Kb / 20P
   4M Late Write HSTL
MCM69R736C MOTOROLA-MCM69R736C Datasheet
520Kb / 20P
   4M Late Write HSTL
MCM63R836A MOTOROLA-MCM63R836A Datasheet
385Kb / 21P
   8M Late Write HSTL
MCM69L737A MOTOROLA-MCM69L737A Datasheet
211Kb / 20P
   4M Late Write LVTTL
MCM69R737A MOTOROLA-MCM69R737A Datasheet
212Kb / 20P
   4M Late Write LVTTL
MCM69R738C MOTOROLA-MCM69R738C Datasheet
511Kb / 20P
   4M Late Write 2.5 V I/O
MCM69L738A MOTOROLA-MCM69L738A Datasheet
212Kb / 20P
   4M Late Write 2.5 V I/O
MCM69R738A MOTOROLA-MCM69R738A Datasheet
213Kb / 20P
   4M Late Write 2.5 V I/O
logo
GSI Technology
GS8171DW36AC GSI-GS8171DW36AC Datasheet
1,007Kb / 33P
   18Mb 誇1x1Dp HSTL I/O Double Late Write SigmaRAM
logo
NEC
UPD4443362 NEC-UPD4443362 Datasheet
113Kb / 16P
   4M-BIT CMOS SYNCHRONOUS FAST STATIC RAM 128K-WORD BY 36-BIT HSTL INTERFACE / REGISTER-REGISTER / LATE WRITE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com