Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1620KV18-250BZXC Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7C1620KV18-250BZXC
Description  144-Mbit DDR II SRAM Two-Word Burst Architecture
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1620KV18-250BZXC Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7C1620KV18-250BZXC Datasheet HTML 1Page - Cypress Semiconductor CY7C1620KV18-250BZXC Datasheet HTML 2Page - Cypress Semiconductor CY7C1620KV18-250BZXC Datasheet HTML 3Page - Cypress Semiconductor CY7C1620KV18-250BZXC Datasheet HTML 4Page - Cypress Semiconductor CY7C1620KV18-250BZXC Datasheet HTML 5Page - Cypress Semiconductor CY7C1620KV18-250BZXC Datasheet HTML 6Page - Cypress Semiconductor CY7C1620KV18-250BZXC Datasheet HTML 7Page - Cypress Semiconductor CY7C1620KV18-250BZXC Datasheet HTML 8Page - Cypress Semiconductor CY7C1620KV18-250BZXC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
CY7C1618KV18, CY7C1620KV18
144-Mbit DDR II SRAM Two-Word
Burst Architecture
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document Number: 001-44274 Rev. *H
Revised August 6, 2012
144-Mbit DDR II SRAM Two-Word Burst Architecture
Features
144-Mbit density (8 M × 18, 8 M × 36)
333 MHz clock for high bandwidth
Two-word burst for reducing address bus frequency
Double data rate (DDR) interfaces (data transferred at
666 MHz) at 333 MHz
Two input clocks (K and K) for precise DDR timing
SRAM uses rising edges only
Two input clocks for output data (C and C) to minimize clock
skew and flight time mismatches
Echo clocks (CQ and CQ) simplify data capture in high-speed
systems
Synchronous internally self-timed writes
DDR II operates with 1.5-cycle read latency when DOFF is
asserted high
Operates similar to DDR I device with one cycle read latency
when DOFF is asserted low
1.8-V core power supply with high-speed transceiver logic
(HSTL) inputs and outputs
Variable drive HSTL output buffers
Expanded HSTL output voltage (1.4 V–VDD)
Supports both 1.5-V and 1.8-V I/O supply
Available in 165-ball fine-pitch ball grid array (FBGA) package
(15 × 17 × 1.4 mm)
Offered in Pb-free packages
JTAG 1149.1 compatible test access port
Phase locked loop (PLL) for accurate data placement
Configuration
CY7C1618KV18 – 8 M × 18
CY7C1620KV18 – 4 M × 36
Functional Description
The
CY7C1618KV18,
and
CY7C1620KV18
are
1.8-V
synchronous pipelined SRAM equipped with DDR II architecture.
The DDR II consists of an SRAM core with advanced
synchronous peripheral circuitry and a 1-bit burst counter.
Addresses for read and write are latched on alternate rising
edges of the input (K) clock. Write data is registered on the rising
edges of both K and K. Read data is driven on the rising edges
of C and C if provided, or on the rising edge of K and K if C/C are
not provided. On CY7C1618KV18 and CY7C1620KV18, the
burst counter takes in the least significant bit of the external
address and bursts two 18-bit words in the case of
CY7C1618KV18 and two 36-bit words in the case of
CY7C1620KV18 sequentially into or out of the device.
Asynchronous inputs include an output impedance matching
input (ZQ). Synchronous data outputs (Q, sharing the same
physical pins as the data inputs D) are tightly matched to the two
output echo clocks CQ/CQ, eliminating the need for separately
capturing data from each individual DDR SRAM in the system
design. Output data clocks (C/C) enable maximum system
clocking and data synchronization flexibility.
All synchronous inputs pass through input registers controlled by
the K or K input clocks. All data outputs pass through output
registers controlled by the C or C (or K or K in a single clock
domain) input clocks. Writes are conducted with on-chip
synchronous self-timed write circuitry.
Selection Guide
Description
333 MHz
300 MHz
250 MHz
Unit
Maximum operating frequency
333
300
250
MHz
Maximum operating current
× 18
650
610
Not Offered
mA
× 36
790
Not Offered
660


Similar Part No. - CY7C1620KV18-250BZXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1620KV18-250BZXC CYPRESS-CY7C1620KV18-250BZXC Datasheet
753Kb / 32P
   144-Mbit DDR II SRAM Two-Word Burst Architecture
More results

Similar Description - CY7C1620KV18-250BZXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1618KV18 CYPRESS-CY7C1618KV18 Datasheet
753Kb / 32P
   144-Mbit DDR II SRAM Two-Word Burst Architecture
CY7C1623KV18 CYPRESS-CY7C1623KV18 Datasheet
773Kb / 28P
   144-Mbit DDR-II SIO SRAM Two-Word Burst Architecture
CY7C1625KV18 CYPRESS-CY7C1625KV18 Datasheet
894Kb / 33P
   144-Mbit QDR짰 II SRAM Two-Word Burst Architecture
CY7C1518AV18 CYPRESS-CY7C1518AV18_11 Datasheet
1Mb / 29P
   72-Mbit DDR-II SRAM Two-Word Burst Architecture
CY7C1418KV18 CYPRESS-CY7C1418KV18_12 Datasheet
1Mb / 31P
   36-Mbit DDR II SRAM Two-Word Burst Architecture
CY7C1316KV18 CYPRESS-CY7C1316KV18 Datasheet
1,019Kb / 32P
   18-Mbit DDR II SRAM Two-Word Burst Architecture
CY7C1648KV18 CYPRESS-CY7C1648KV18_12 Datasheet
857Kb / 30P
   144-Mbit DDR II SRAM Two-Word Burst Architecture (2.0 Cycle Read Latency)
CY7C1668KV18 CYPRESS-CY7C1668KV18 Datasheet
771Kb / 30P
   144-Mbit DDR II SRAM Two-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C1648KV18 CYPRESS-CY7C1648KV18 Datasheet
783Kb / 29P
   144-Mbit DDR II SRAM Two-Word Burst Architecture (2.0 Cycle Read Latency)
CY7C1523KV18 CYPRESS-CY7C1523KV18_13 Datasheet
792Kb / 28P
   72-Mbit DDR II SIO SRAM Two-Word Burst Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com