Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C131-25NXC Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY7C131-25NXC
Description  1 K 횞 8 Dual-Port Static RAM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C131-25NXC Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY7C131-25NXC Datasheet HTML 2Page - Cypress Semiconductor CY7C131-25NXC Datasheet HTML 3Page - Cypress Semiconductor CY7C131-25NXC Datasheet HTML 4Page - Cypress Semiconductor CY7C131-25NXC Datasheet HTML 5Page - Cypress Semiconductor CY7C131-25NXC Datasheet HTML 6Page - Cypress Semiconductor CY7C131-25NXC Datasheet HTML 7Page - Cypress Semiconductor CY7C131-25NXC Datasheet HTML 8Page - Cypress Semiconductor CY7C131-25NXC Datasheet HTML 9Page - Cypress Semiconductor CY7C131-25NXC Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
CY7C130, CY7C130A
CY7C131, CY7C131A
Document Number: 38-06002 Rev. *H
Page 6 of 22
Capacitance[10]
Parameter
Description
Test Conditions
Max
Unit
CIN
Input capacitance
TA = 25 C, f = 1 MHz,
VCC = 5.0 V
15
pF
COUT
Output capacitance
10
pF
Figure 4. AC Test Loads and Waveforms
3.0 V
5 V
OUTPUT
R1 893
R2
347
30 pF
INCLUDING
JIGAND
SCOPE
GND
90%
90%
10%
 5ns
5ns
5 V
OUTPUT
R1 893
R2
347
5pF
INCLUDING
JIGAND
SCOPE
(a)
(b)
OUTPUT
1.40 V
Equivalent to:
THÉVENIN EQUIVALENT
5 V
281
30
pF
BUSY
OR
INT
BUSY Output Load
(CY7C130/CY7C131 ONLY)
10%
ALL INPUT PULSES
250


Similar Part No. - CY7C131-25NXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C131-25NXC CYPRESS-CY7C131-25NXC Datasheet
570Kb / 19P
   1K x 8 Dual-Port Static RAM
More results

Similar Description - CY7C131-25NXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C131E CYPRESS-CY7C131E Datasheet
347Kb / 19P
   1 K / 2 K 횞 8 Dual-port Static RAM
CY7C006A CYPRESS-CY7C006A_13 Datasheet
613Kb / 22P
   16 K 횞 8 Dual-Port Static RAM
CY7C006A CYPRESS-CY7C006A_12 Datasheet
703Kb / 22P
   32 K/16 K 횞 8, 16 K 횞 9 Dual-Port Static RAM
CY7C144AV CYPRESS-CY7C144AV_12 Datasheet
557Kb / 21P
   3.3 V 8 K / 16 K 횞 8 Asynchronous Dual-Port Static RAM
CY7C1019DV-3310VXI CYPRESS-CY7C1019DV-3310VXI Datasheet
553Kb / 16P
   1-Mbit (128 K 횞 8) Static RAM
CY7C1019CV33 CYPRESS-CY7C1019CV33_12 Datasheet
463Kb / 13P
   1-Mbit (128 K 횞 8) Static RAM
CY62128ELL-45ZXIT CYPRESS-CY62128ELL-45ZXIT Datasheet
970Kb / 19P
   1-Mbit (128 K 횞 8) Static RAM
CY7C131E CYPRESS-CY7C131E_13 Datasheet
390Kb / 20P
   1 K / 2 K x 8 Dual-port Static RAM
CY7C09159AV CYPRESS-CY7C09159AV_11 Datasheet
434Kb / 19P
   3.3-V 8 K 횞 9 Synchronous Dual Port Static RAM
CY7C09349AV CYPRESS-CY7C09349AV_12 Datasheet
351Kb / 20P
   3.3 V 4 K/8 K 횞 18 Synchronous Dual Port Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com