Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SZ5562 Datasheet(PDF) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # SZ5562
Description  3W Silicon Zener Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

SZ5562 Datasheet(HTML) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  SZ5562 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd SZ5562 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd SZ5562 Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ELECTRICAL CHARACTERISTICS
Rating at = 25
°C ambient temperature unless otherwise specified
Nominal Zener
Maximum Zener
Maximum Reverse
Maximum DC
TYPE
Voltage
Impedance
Leakage Current
Zener Current
VZ @ IZT
IZT
ZZT @ IZT
ZZK @ IZK
IZK
IR @ VR
IZM
(V)
(mA)
(Ω)
(Ω)
(mA)
(
µA)
(V)
(mA)
3.9
192
4.5
400
1.0
80
1.0
630
4.3
174
4.5
400
1.0
30
1.0
590
4.7
160
4.0
500
1.0
20
1.0
550
5.1
147
3.5
550
1.0
5.0
1.0
520
5.6
134
2.5
600
1.0
5.0
2.0
480
6.2
121
1.5
700
1.0
5.0
3.0
435
6.8
110
2.0
700
1.0
50
4.0
393
7.5
100
2.0
700
0.5
50
5.0
360
8.2
91
2.3
700
0.5
50
6.0
330
9.1
82
2.5
700
0.5
50
7.0
297
10
75
3.5
700
0.3
50
7.6
270
11
68
4.0
700
0.25
50
8.4
225
12
63
4.5
700
0.25
1.0
9.1
246
13
58
4.5
700
0.25
0.5
9.1
208
14
53
5.0
700
0.25
0.5
10.6
193
15
50
5.5
700
0.25
0.5
11.4
180
16
47
5.5
700
0.25
0.5
12.2
169
17
44
6.0
750
0.25
0.5
13.0
159
18
42
6.0
750
0.25
0.5
13.7
150
19
40
7.0
750
0.25
0.5
14.4
142
20
37
7.0
750
0.25
0.5
15.2
135
22
34
8.0
750
0.25
0.5
16.7
123
24
31
9.0
750
0.25
0.5
18.2
112
27
28
10
750
0.25
0.5
20.6
100
28
27
12
750
0.25
0.5
21.0
96
30
25
16
1000
0.25
0.5
22.5
90
33
23
20
1000
0.25
0.5
25.1
82
36
21
22
1000
0.25
0.5
27.4
75
39
19
28
1000
0.25
0.5
29.7
69
43
17
33
1500
0.25
0.5
32.7
63
47
16
38
1500
0.25
0.5
35.6
57
51
15
45
1500
0.25
0.5
38.8
53
56
13
50
2000
0.25
0.5
42.6
48
62
12
55
2000
0.25
0.5
47.1
44
68
11
70
2000
0.25
0.5
51.7
40
75
10
85
2000
0.25
0.5
56.0
36
82
9.1
95
3000
0.25
0.5
62.2
33
91
8.2
115
3000
0.25
0.5
69.2
30
100
7.5
160
3000
0.25
0.5
76.0
27
SZ55 Series
3W Silicon Zener Diodes
SZ553Z
SZ554D
SZ554H
SZ55
5B
SZ555G
SZ556C
SZ556I
SZ557F
SZ558C
SZ559B
SZ5510
SZ5511
SZ5512
SZ5513
SZ5514
SZ5515
SZ5516
SZ5517
SZ5518
SZ5519
SZ5520
SZ5522
SZ5524
SZ5527
SZ5528
SZ5530
SZ5533
SZ5536
SZ5539
SZ5543
SZ5547
SZ5551
SZ5556
SZ5562
SZ5568
SZ5575
SZ5582
SZ5591
SZ55B0
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - SZ5562

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SZ5562 EIC-SZ5562 Datasheet
28Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
SZ5562 EIC-SZ5562 Datasheet
47Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
SUNMATE electronic Co.,...
SZ5562 SUNMATE-SZ5562 Datasheet
80Kb / 2P
   3 Watts Surface Mount Zener Diodes
More results

Similar Description - SZ5562

ManufacturerPart #DatasheetDescription
logo
Jinan Jing Heng Electro...
3EZ200D5 JINGHENG-3EZ200D5 Datasheet
70Kb / 2P
   3W SILICON PLANAR ZENER DIODES
logo
Shanghai Leiditech Elec...
1SMB5913A LEIDITECH-1SMB5913A Datasheet
478Kb / 2P
   Zener Diodes 3W
logo
Taiwan Semiconductor Co...
1SMB5926 TSC-1SMB5926_15 Datasheet
218Kb / 6P
   3W, 11V - 200V Surface Mount Silicon Zener Diodes
logo
Diotech Company.
1N5913B DIOTECH-1N5913B Datasheet
1Mb / 4P
   3W SILICON ZENER DIODE
logo
Jinan Gude Electronic D...
3EZ3.9D5 JGD-3EZ3.9D5 Datasheet
150Kb / 2P
   3W SILICON ZENER DIODE
logo
Diotech Company.
1SMB5913B DIOTECH-1SMB5913B Datasheet
735Kb / 2P
   3W SURFACE MOUNT SILICON ZENER DIODE
logo
EIC discrete Semiconduc...
BZX55C2V4 EIC-BZX55C2V4 Datasheet
28Kb / 2P
   SILICON ZENER DIODES
logo
Central Semiconductor C...
CMPZDC2V4 CENTRAL-CMPZDC2V4_15 Datasheet
395Kb / 2P
   SILICON ZENER DIODES
logo
EIC discrete Semiconduc...
2EZ100D10 EIC-2EZ100D10_07 Datasheet
96Kb / 3P
   SILICON ZENER DIODES
logo
Pan Jit International I...
1SMB3EZ6.8 PANJIT-1SMB3EZ6.8 Datasheet
305Kb / 4P
   SILICON ZENER DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com