Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C026A-20AXC Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY7C026A-20AXC
Description  16K x 16 Dual-Port Static RAM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C026A-20AXC Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY7C026A-20AXC Datasheet HTML 1Page - Cypress Semiconductor CY7C026A-20AXC Datasheet HTML 2Page - Cypress Semiconductor CY7C026A-20AXC Datasheet HTML 3Page - Cypress Semiconductor CY7C026A-20AXC Datasheet HTML 4Page - Cypress Semiconductor CY7C026A-20AXC Datasheet HTML 5Page - Cypress Semiconductor CY7C026A-20AXC Datasheet HTML 6Page - Cypress Semiconductor CY7C026A-20AXC Datasheet HTML 7Page - Cypress Semiconductor CY7C026A-20AXC Datasheet HTML 8Page - Cypress Semiconductor CY7C026A-20AXC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
CY7C026A
Document #: 38-06046 Rev. *G
Page 3 of 21
Selection Guide
Parameter
CY7C026A
-15
CY7C026A
-20
Unit
Maximum access time
15
20
ns
Typical operating current
190
180
mA
Typical standby current for ISB1 (Both ports TTL level)
50
45
mA
Typical standby current for ISB3 (Both ports CMOS level)
0.05
0.05
mA
1
3
2
92 91 90
84
85
87 86
88
89
83 82 81
76
78 77
79
80
93
94
95
96
97
98
99
100
59
60
61
67
66
64
65
63
62
68
69
70
75
73
74
72
71
NC
NC
NC
A6L
A5L
A4L
INTL
A2L
A0L
GND
M/S
A0R
A1R
A1L
A3L
BUSYR
INTR
A2R
A3R
A4R
A5R
NC
NC
NC
BUSYL
58
57
56
55
54
53
52
51
CY7C026A (16K x 16)
NC
NC
NC
NC
I/O10L
I/O11L
I/O15L
I/O13L
I/O14L
GND
I/O0R
VCC
I/O3R
GND
I/O12L
I/O1R
I/O2R
I/O4R
I/O5R
I/O6R
NC
NC
NC
NC
VCC
17
16
15
9
10
12
11
13
14
8
7
6
4
5
18
19
20
21
22
23
24
25
34 35 36
42
41
39 40
38
37
43 44 45
50
48 49
47
46
33
32
31
30
29
28
27
26


Similar Part No. - CY7C026A-20AXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C026A-20AXC CYPRESS-CY7C026A-20AXC Datasheet
469Kb / 18P
   16K x 16/18 Dual-Port Static RAM
More results

Similar Description - CY7C026A-20AXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C026A CYPRESS-CY7C026A Datasheet
360Kb / 17P
   16K x 16/18 Dual-Port Static RAM
CY7C026A CYPRESS-CY7C026A_05 Datasheet
469Kb / 18P
   16K x 16/18 Dual-Port Static RAM
logo
Integrated Device Techn...
IDT7026S IDT-IDT7026S Datasheet
239Kb / 18P
   HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM
IDT7026S IDT-IDT7026S_15 Datasheet
685Kb / 18P
   HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM
IDT70261S IDT-IDT70261S_18 Datasheet
203Kb / 20P
   HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V261 RENESAS-70V261 Datasheet
264Kb / 19P
   HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
Jun.04.21
logo
Integrated Device Techn...
IDT70V261S IDT-IDT70V261S Datasheet
153Kb / 17P
   HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
IDT70V261S IDT-IDT70V261S_12 Datasheet
338Kb / 17P
   HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
IDT70V26S IDT-IDT70V26S_17 Datasheet
175Kb / 17P
   HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
IDT70V261S IDT-IDT70V261S_17 Datasheet
190Kb / 17P
   HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com