Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C006A-20JXC Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY7C006A-20JXC
Description  32 K/16 K 횞 8, 16 K 횞 9 Dual-Port Static RAM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C006A-20JXC Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY7C006A-20JXC Datasheet HTML 5Page - Cypress Semiconductor CY7C006A-20JXC Datasheet HTML 6Page - Cypress Semiconductor CY7C006A-20JXC Datasheet HTML 7Page - Cypress Semiconductor CY7C006A-20JXC Datasheet HTML 8Page - Cypress Semiconductor CY7C006A-20JXC Datasheet HTML 9Page - Cypress Semiconductor CY7C006A-20JXC Datasheet HTML 10Page - Cypress Semiconductor CY7C006A-20JXC Datasheet HTML 11Page - Cypress Semiconductor CY7C006A-20JXC Datasheet HTML 12Page - Cypress Semiconductor CY7C006A-20JXC Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
CY7C006A/CY7C007A
CY7C016A/CY7C017A
Document Number: 38-06045 Rev. *F
Page 9 of 22
Switching Characteristics
Over the Operating Range[14]
Parameter
Description
CY7C006A
CY7C007A
CY7C016A
CY7C017A
Unit
–12[15]
–15
–20
Min
Max
Min
Max
Min
Max
READ CYCLE
tRC
Read Cycle Time
12
15
20
ns
tAA
Address to Data Valid
12
15
20
ns
tOHA
Output Hold From Address Change
3
3
3
ns
tACE[16]
CE LOW to Data Valid
12
15
20
ns
tDOE
OE LOW to Data Valid
8
10
12
ns
tLZOE[17, 18, 19] OE LOW to Low Z
3
3
3
ns
tHZOE[17, 18, 19] OE HIGH to High Z
10
10
12
ns
tLZCE[17, 18, 19] CE LOW to Low Z
3
3
3
ns
tHZCE[17, 18, 19] CE HIGH to High Z
10
10
12
ns
tPU[19]
CE LOW to Power-Up
0
0
0
ns
tPD[19]
CE HIGH to Power-Down
12
15
20
ns
WRITE CYCLE
tWC
Write Cycle Time
12
15
20
ns
tSCE[16]
CE LOW to Write End
10
12
15
ns
tAW
Address Valid to Write End
10
12
15
ns
tHA
Address Hold From Write End
0
0
0
ns
tSA[16]
Address Set-Up to Write Start
0
0
0
ns
tPWE
Write Pulse Width
10
12
15
ns
tSD
Data Set-Up to Write End
10
10
15
ns
tHD[22]
Data Hold From Write End
0
0
0
ns
tHZWE[18, 19]
R/W LOW to High Z
10
10
12
ns
tLZWE[18, 19]
R/W HIGH to Low Z
3
3
3
ns
tWDD[20]
Write Pulse to Data Delay
25
30
45
ns
tDDD[20]
Write Data Valid to Read Data Valid
20
25
30
ns
BUSY TIMING[21]
tBLA
BUSY LOW from Address Match
12
15
20
ns
tBHA
BUSY HIGH from Address Mismatch
12
15
20
ns
Notes:
14. Test conditions assume signal transition time of 3 ns or less, timing reference levels of 1.5 V, input pulse levels of 0 to 3.0 V, and output loading of the specified
IOI/IOH and 30-pF load capacitance.
15. See page 7 for Load Conditions.
16. To access RAM, CE = L, SEM = H. To access semaphore, CE = H and SEM = L. Either condition must be valid for the entire tSCE time.
17. At any given temperature and voltage condition for any given device, tHZCE is less than tLZCE and tHZOE is less than tLZOE.
18. Test conditions used are Load 3.
19. This parameter is guaranteed but not tested.
20. For information on port-to-port delay through RAM cells from writing port to reading port, refer to Read Timing with Busy waveform.
21. Test conditions used are Load 2.
22. For 15 ns industrial parts tHD Min. is 0.5 ns.
[+] Feedback


Similar Part No. - CY7C006A-20JXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C006A-20JXC CYPRESS-CY7C006A-20JXC Datasheet
613Kb / 22P
   16 K 횞 8 Dual-Port Static RAM
More results

Similar Description - CY7C006A-20JXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1020CV33 CYPRESS-CY7C1020CV33_10 Datasheet
465Kb / 13P
   512 K (32 K 횞 16) Static RAM
CY7C1020CV33 CYPRESS-CY7C1020CV33_12 Datasheet
465Kb / 13P
   512 K (32 K 횞 16) Static RAM
CY7C006A CYPRESS-CY7C006A_13 Datasheet
613Kb / 22P
   16 K 횞 8 Dual-Port Static RAM
CYDC128B16 CYPRESS-CYDC128B16_11 Datasheet
689Kb / 29P
   1.8 V 4 K/8 K/16 K 횞 16 and 8 K/16 K 횞 8 ConsuMoBL Dual-Port Static RAM
CY7C09269V CYPRESS-CY7C09269V_12 Datasheet
480Kb / 22P
   3.3 V 16 K / 32 K / 64 K 횞 16 / 18 Synchronous Dual-Port Static RAM
CY62256NLL-70SNXCT CYPRESS-CY62256NLL-70SNXCT Datasheet
450Kb / 16P
   256 K (32 K 횞 8) Static RAM
CY7C199D-10VXIT CYPRESS-CY7C199D-10VXIT Datasheet
476Kb / 14P
   256 K (32 K 횞 8) Static RAM
CY7C144AV CYPRESS-CY7C144AV_12 Datasheet
557Kb / 21P
   3.3 V 8 K / 16 K 횞 8 Asynchronous Dual-Port Static RAM
CY7C027V CYPRESS-CY7C027V_13 Datasheet
641Kb / 24P
   3.3 V 32 K / 64 K 횞 16 / 18 Dual-Port Static RAM
CY7C1020CV26 CYPRESS-CY7C1020CV26_10 Datasheet
390Kb / 11P
   512 Kb (32 K 횞 16) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com