Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SZ5520 Datasheet(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # SZ5520
Description  3W Silicon Zener Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

SZ5520 Datasheet(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  SZ5520 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd SZ5520 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd SZ5520 Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Complete Voltage Range 3.9 to 200 Volts
High peak reverse power dissipation
High reliability
Low leakage current
Case : SMA (DO-241AC) Molded plastic
Epoxy : UL94V-O rate flame retardant
Polarity : Color band denotes cathode end
Mounting position : Any
Weight : 0.064 gram
Rating
Symbol
Value
Unit
DC Power Dissipation at TL = 75 °C (Note1)
PD
3.0
Watts
Maximum Forward Voltage at IF = 200 mA
VF
1.5
Volts
Maximum Thermal Resistance Junction to Ambient Air (Note2)
RθJA
60
K / W
Junction Temperature Range
TJ
- 55 to + 175
°C
Storage Temperature Range
Ts
- 55 to + 175
°C
Note : (1) TL = Lead temperature at 3/8 " (9.5mm) from body
(2) Valid provided that leads are kept at ambient temperature at a distance of 10 mm from case.
0
40
80
120
160
200
TL, LEAD TEMPERATURE (
°C)
1
2
3
4
5
L = LEAD LENGTH
TO HEAT SINK
Fig. 1 Power Temperature Derating Curve
0
L = 1/8"
L = 3/8"
L = 1"
SZ55 Series
3W Silicon Zener Diodes
Features
Mechanical Data
Maximum Ratings and Electrical Characteristics
Rating at 25oC ambient temperature unless otherwise specified.
Dimensions in inches and (millimeters)
SMA/DO-214AC
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - SZ5520

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SZ5520 EIC-SZ5520 Datasheet
28Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
SZ5520 EIC-SZ5520 Datasheet
47Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
SUNMATE electronic Co.,...
SZ5520 SUNMATE-SZ5520 Datasheet
80Kb / 2P
   3 Watts Surface Mount Zener Diodes
More results

Similar Description - SZ5520

ManufacturerPart #DatasheetDescription
logo
Jinan Jing Heng Electro...
3EZ200D5 JINGHENG-3EZ200D5 Datasheet
70Kb / 2P
   3W SILICON PLANAR ZENER DIODES
logo
Shanghai Leiditech Elec...
1SMB5913A LEIDITECH-1SMB5913A Datasheet
478Kb / 2P
   Zener Diodes 3W
logo
Taiwan Semiconductor Co...
1SMB5926 TSC-1SMB5926_15 Datasheet
218Kb / 6P
   3W, 11V - 200V Surface Mount Silicon Zener Diodes
logo
Diotech Company.
1N5913B DIOTECH-1N5913B Datasheet
1Mb / 4P
   3W SILICON ZENER DIODE
logo
Jinan Gude Electronic D...
3EZ3.9D5 JGD-3EZ3.9D5 Datasheet
150Kb / 2P
   3W SILICON ZENER DIODE
logo
Diotech Company.
1SMB5913B DIOTECH-1SMB5913B Datasheet
735Kb / 2P
   3W SURFACE MOUNT SILICON ZENER DIODE
logo
EIC discrete Semiconduc...
BZX55C2V4 EIC-BZX55C2V4 Datasheet
28Kb / 2P
   SILICON ZENER DIODES
logo
Central Semiconductor C...
CMPZDC2V4 CENTRAL-CMPZDC2V4_15 Datasheet
395Kb / 2P
   SILICON ZENER DIODES
logo
EIC discrete Semiconduc...
2EZ100D10 EIC-2EZ100D10_07 Datasheet
96Kb / 3P
   SILICON ZENER DIODES
logo
Pan Jit International I...
1SMB3EZ6.8 PANJIT-1SMB3EZ6.8 Datasheet
305Kb / 4P
   SILICON ZENER DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com