Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

USF1005FC Datasheet(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # USF1005FC
Description  Super Fast Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

USF1005FC Datasheet(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  USF1005FC Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd USF1005FC Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
3
2
PIN
10.2± 0.2
4.0± 0.3
2.6± 0.15
1.4± 0.1
0.6± 0.1
4.5± 0.2
3.1
+0.2
-0.1
2.6± 0.2
0.6± 0.1
2
3
1
Maximum recurrent peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
@TC=95°C (Note 1)
Peak forward surge current
superimposed on rated load @TJ=125°C
Maximum instantaneous
forward voltage at 5.0A (Note 2)
Maximum DC reverse current
@TA=25°C
at rated DC blocking voltage
@TA=125°C
Operating junction temperature range
Storage temperature range
8.3ms single half sine-wave
UNITS
V
V
V
A
A
V
μA
°C
VRRM
VRMS
VDC
50
100
100
70
35
50
I(AV)
IFSM
VF
IR
TJ
TSTG
10
80
1.3
5.0
-55---+150
-55---+150
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified.
Reverse Voltage: 50 - 600V
Forward Current: 10A
Case: JEDEC ITO-220AB, molded plastic over
Polarity: As marked
Weight: 0.06 ounce, 1.67 gram
Terminals: Matte tin plated leads
ITO-220AB
1. Averaged over any 20ms period.
°C
Maximum reverse recovery time (Note 3)
3. Measured with IF= 0.5A, IR= 1A, Irr= 0.25A.
trr
300
210
300
600
420
600
Parameter
Symbol
Dimensions in millimeters
NOTES:
2. Pulse test:300
μs pulse width,1% duty cycle.
200
200
140
0.98
ns
05FC
10FC
20FC
30FC
60FC
40FC
400
400
280
USF10
USF10 USF10
USF10 USF10
USF10
1.7
150
Ultrafast recovery times
Low forward voltage drop
The plastic material carries U/L recognition 94V-0
Component in accordance to RoHS 2002/95/EC
High ESD tolerance:18KV(IEC61000-4-2,Human Body)
Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate by 20%.
Mounting Position: Any
Low switching losses,high efficiency
and WEEE 2002/96/EC
Solder Dip 260°C ,10 seconds
500
350
500
50FC
USF10
30
USF1005FC-USF1060FC
Super Fast Rectifiers
Features
Mechanical Data
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - USF1005FC

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
USF1010 LUGUANG-USF1010 Datasheet
177Kb / 2P
   Super Fast Rectifiers
logo
Diode Semiconductor Kor...
USF1010 DSK-USF1010 Datasheet
188Kb / 2P
   SUPER FAST RECTIFIERS
logo
Shenzhen Luguang Electr...
USF1010C LUGUANG-USF1010C Datasheet
177Kb / 2P
   Super Fast Rectifiers
logo
Diode Semiconductor Kor...
USF1010C DSK-USF1010C Datasheet
189Kb / 2P
   SUPER FAST RECTIFIERS
logo
Shenzhen Luguang Electr...
USF1010F LUGUANG-USF1010F Datasheet
178Kb / 2P
   Super Fast Rectifiers
More results

Similar Description - USF1005FC

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
31DF1 BILIN-31DF1 Datasheet
55Kb / 2P
   SUPER FAST RECTIFIERS
BYV26A BILIN-BYV26A Datasheet
54Kb / 2P
   SUPER FAST RECTIFIERS
RL4A BILIN-RL4A Datasheet
55Kb / 2P
   SUPER FAST RECTIFIERS
logo
HY ELECTRONIC CORP.
SF801 HY-SF801 Datasheet
94Kb / 2P
   SUPER FAST RECTIFIERS
logo
Bruckewell Technology L...
SF3060PT BWTECH-SF3060PT Datasheet
171Kb / 3P
   Super Fast Rectifiers
logo
Leshan Radio Company
SF14 LRC-SF14_15 Datasheet
201Kb / 7P
   Super Fast Rectifiers
SF21 LRC-SF21_15 Datasheet
207Kb / 7P
   Super Fast Rectifiers
SF27 LRC-SF27_15 Datasheet
208Kb / 7P
   Super Fast Rectifiers
logo
Shenzhen Luguang Electr...
USF1610C LUGUANG-USF1610C Datasheet
178Kb / 2P
   Super Fast Rectifiers
logo
SeCoS Halbleitertechnol...
SF11 SECOS-SF11_15 Datasheet
151Kb / 2P
   Super Fast Rectifiers
SF31 SECOS-SF31_15 Datasheet
151Kb / 2P
   Super Fast Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com