Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SL4025BN Datasheet(PDF) 4 Page - System Logic Semiconductor

Part # SL4025BN
Description  Triple 3-Input NOR Gate
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

SL4025BN Datasheet(HTML) 4 Page - System Logic Semiconductor

  SL4025BN Datasheet HTML 1Page - System Logic Semiconductor SL4025BN Datasheet HTML 2Page - System Logic Semiconductor SL4025BN Datasheet HTML 3Page - System Logic Semiconductor SL4025BN Datasheet HTML 4Page - System Logic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SL4025B
System Logic
Semiconductor
SLS
AC ELECTRICAL CHARACTERISTICS(C
L=50pF, RL=200k
Ω, Input t
r=tf=20 ns)
VCC
Guaranteed Limit
Symbol
Parameter
V
≥-55°C
25
°C
≤125°C
Unit
tPLH, tPHL
Maximum Propagation Delay, Input A, B or C to
Output Y (Figure 1)
5.0
10
15
250
120
90
250
120
90
500
240
180
ns
tTLH, tTHL
Maximum Output Transition Time, Any Output
(Figure 1)
5.0
10
15
200
100
80
200
100
80
400
200
160
ns
CIN
Maximum Input Capacitance
-
7.5
pF
Figure 1. Switching Waveforms
EXPANDED LOGIC DIAGRAM
(1/3 of the Device)


Similar Part No. - SL4025BN

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL4020B SLS-SL4020B Datasheet
59Kb / 6P
   14 Stage Ripple-Carry Binary Counter/Divider
SL4020BD SLS-SL4020BD Datasheet
59Kb / 6P
   14 Stage Ripple-Carry Binary Counter/Divider
SL4020BN SLS-SL4020BN Datasheet
59Kb / 6P
   14 Stage Ripple-Carry Binary Counter/Divider
SL4023B SLS-SL4023B Datasheet
30Kb / 4P
   Triple 3-Input NAND Gate
SL4023BD SLS-SL4023BD Datasheet
30Kb / 4P
   Triple 3-Input NAND Gate
More results

Similar Description - SL4025BN

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN74HC27A INTEGRAL-IN74HC27A Datasheet
181Kb / 5P
   Triple 3-Input NOR Gate
logo
List of Unclassifed Man...
IW4025B ETC1-IW4025B Datasheet
209Kb / 5P
   Triple 3-Input NOR Gate
logo
Toshiba Semiconductor
TC74VHC27F TOSHIBA-TC74VHC27F_12 Datasheet
204Kb / 8P
   Triple 3-Input NOR Gate
logo
NXP Semiconductors
74ALS27 PHILIPS-74ALS27 Datasheet
88Kb / 7P
   Triple 3-Input NOR gate
1991 Feb 08
logo
Fairchild Semiconductor
74VHC27 FAIRCHILD-74VHC27 Datasheet
102Kb / 8P
   Triple 3-Input NOR Gate
DM74AS27 FAIRCHILD-DM74AS27 Datasheet
46Kb / 4P
   Triple 3-Input NOR Gate
logo
Toshiba Semiconductor
TC74VHC27F TOSHIBA-TC74VHC27F_V01 Datasheet
279Kb / 7P
   Triple 3-Input NOR Gate
2019-01-31
logo
Fairchild Semiconductor
DM74ALS27 FAIRCHILD-DM74ALS27 Datasheet
46Kb / 4P
   Triple 3-Input NOR Gate
logo
Toshiba Semiconductor
TC74VHC27F TOSHIBA-TC74VHC27F Datasheet
189Kb / 5P
   TRIPLE 3-INPUT NOR GATE
logo
Motorola, Inc
SN54LS27 MOTOROLA-SN54LS27 Datasheet
122Kb / 4P
   TRIPLE 3-INPUT NOR GATE
logo
STMicroelectronics
M54HCT27 STMICROELECTRONICS-M54HCT27 Datasheet
232Kb / 9P
   TRIPLE 3-INPUT NOR GATE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com