Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPX2931CM1-3.5 Datasheet(PDF) 7 Page - Sipex Corporation

Part # SPX2931CM1-3.5
Description  100mA Low Dropout Voltage Regulator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX2931CM1-3.5 Datasheet(HTML) 7 Page - Sipex Corporation

  SPX2931CM1-3.5 Datasheet HTML 1Page - Sipex Corporation SPX2931CM1-3.5 Datasheet HTML 2Page - Sipex Corporation SPX2931CM1-3.5 Datasheet HTML 3Page - Sipex Corporation SPX2931CM1-3.5 Datasheet HTML 4Page - Sipex Corporation SPX2931CM1-3.5 Datasheet HTML 5Page - Sipex Corporation SPX2931CM1-3.5 Datasheet HTML 6Page - Sipex Corporation SPX2931CM1-3.5 Datasheet HTML 7Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
7
Date: 05/25/04
SPX2931 100mA Low Dropout Voltage Regulator
© Copyright 2004 Sipex Corporation
H
E
e
e1
D
D1
1
2
3
1.40
1.50
1.60
Dimensions in (mm)
3 PIN SOT-89
0.36
0.42
0.48
4.40
4.50
4.60
A
b1
C
D
H
E
L
MIN
NOM MAX
1.40
1.60
1.75
3.94
-
4.25
e
e1
Ø1.0
C
5º(2x)
bb1
b
Ro.15
8º(2x)
b
0.41
0.47
0.53
0.38
0.40
0.43
D1
1.45
1.50
1.55
2.90
3.00
3.10
2.40
2.50
2.60
0.80
-
1.20
L
3 PIN SOT-89
PACKAGE: 3PIN SOT-89


Similar Part No. - SPX2931CM1-3.5

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX2931 SIPEX-SPX2931 Datasheet
85Kb / 8P
   100mA Low Dropout Voltage Regulator
SPX2931AM1-3.3 SIPEX-SPX2931AM1-3.3 Datasheet
85Kb / 8P
   100mA Low Dropout Voltage Regulator
SPX2931AM1-3.3/TR SIPEX-SPX2931AM1-3.3/TR Datasheet
85Kb / 8P
   100mA Low Dropout Voltage Regulator
SPX2931AM1-3.5 SIPEX-SPX2931AM1-3.5 Datasheet
85Kb / 8P
   100mA Low Dropout Voltage Regulator
SPX2931AM1-3.5/TR SIPEX-SPX2931AM1-3.5/TR Datasheet
85Kb / 8P
   100mA Low Dropout Voltage Regulator
More results

Similar Description - SPX2931CM1-3.5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
LP2950 MICREL-LP2950 Datasheet
135Kb / 14P
   100mA Low-Dropout Voltage Regulator
logo
Sipex Corporation
SPX2931 SIPEX-SPX2931 Datasheet
85Kb / 8P
   100mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS2931 ADMOS-AMS2931_08 Datasheet
78Kb / 9P
   100mA LOW DROPOUT VOLTAGE REGULATOR
logo
Micrel Semiconductor
LP2950 MICREL-LP2950_08 Datasheet
929Kb / 17P
   100mA Low-Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
LP2950 ADMOS-LP2950 Datasheet
142Kb / 14P
   100mA LOW DROPOUT VOLTAGE REGULATOR
logo
List of Unclassifed Man...
LM2931 ETC-LM2931 Datasheet
87Kb / 8P
   100mA Low Dropout Voltage Regulator
logo
SHANGHAI BELLING CO., L...
BL2950 BELLING-BL2950_17 Datasheet
659Kb / 10P
   100mA Low -Dropout Voltage Regulator
logo
Linear Dimensions Semic...
LND2931 LINEAR_DIMENSIONS-LND2931 Datasheet
125Kb / 5P
   100mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
LP2950 ADMOS-LP2950_1 Datasheet
137Kb / 14P
   100mA LOW DROPOUT VOLTAGE REGULATOR
AMS116 ADMOS-AMS116 Datasheet
113Kb / 7P
   100mA LOW DROPOUT VOLTAGE REGULATOR
logo
GTM CORPORATION
GLP2950 GTM-GLP2950 Datasheet
238Kb / 3P
   100mA LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com