Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DO-214AA Datasheet(PDF) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # DO-214AA
Description  Surface Mount Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

DO-214AA Datasheet(HTML) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  DO-214AA Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd DO-214AA Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1
2
4
6
10
20
40
60
100
200
0.1 0.2 0.4
1
2
4
10
40
100
20
UF2J
-UF2M
UF2A
-UF2G
    
TJ=25
NOTES:1.RISE TIME = 7ns MAX.INPUT IMPEDANCE = 1M .22pF.
JJJJJ2.RISE TIME =10ns MAX.SOURCE IMPEDANCE=50 .
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
FIG.1 -- TEST CIRCUIT DIAGRAM AND REVERSE RECOVERY TIME CHARACTERISTIC
SET TIME BASE FOR 20/30 ns/cm
FIG.2 -- TYPICAL FORWARD CHARACTERISTIC
FIG.3 -- FORWARD DERATING CURVE
z
FIG.4 -- TYPICAL JUNCTION CAPACITANCE
FIG.5 -- PEAK FORWARD SURGE CURRENT
AMBIENT TEMPERATURE,
NUMBER OF CYCLES AT 60Hz
REVERSE VOLTAGE,VOLTS
PULSE
GENERATOR
(NOTE2)
D.U.T.
1
NONIN-
DUCTIVE
50
N 1.
10
N1.
OSCILLOSCOPE
(NOTE 1)
(+)
25VDC
(approx)
(-)
-1.0A
-0.25A
0
+0.5A
trr
1cm
TJ=25
Pulse Width=300µS
0.2
50\100\200V
0
0.01
0.1
1.0
100
10
600\800\1000V
0.4 0.6 0.8 1 1.2
1.8
1.4 1.6
2
400V
0
40
50
1
10
100
30
5
8.3ms Single Half
Sine-Wave
50
10
20
.5
1
1.5
2
2.5
0
25
50
75
100
125
150
SinglePhase
Half Wave60HZ
Resistiveor
InductiveLoad
0
175
UF2A-UF2M
Surface Mount Rectifiers
Ratings AND Charactieristic Curves
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - DO-214AA

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
DO-214AA STMICROELECTRONICS-DO-214AA Datasheet
75Kb / 5P
   LOW DROP POWER SCHOTTKY RECTIFIER
logo
Shenzhen Luguang Electr...
DO-214AA LUGUANG-DO-214AA Datasheet
212Kb / 2P
   2.0 AMPS. Surface Mount Rectifiers
DO-214AA LUGUANG-DO-214AA Datasheet
172Kb / 2P
   Surface Mount Rectifiers
DO-214AA LUGUANG-DO-214AA Datasheet
239Kb / 2P
   2.0 AMPS. Surface Mount Fast Recovery Rectifiers
DO-214AA LUGUANG-DO-214AA Datasheet
189Kb / 2P
   3.0 AMPS. Surface Mount Rectifiers
More results

Similar Description - DO-214AA

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SN2A EIC-SN2A Datasheet
38Kb / 2P
   SURFACE MOUNT RECTIFIERS
SNWA EIC-SNWA Datasheet
38Kb / 2P
   SURFACE MOUNT RECTIFIERS
logo
Shenzhen Luguang Electr...
GL41A LUGUANG-GL41A Datasheet
300Kb / 2P
   Surface Mount Rectifiers
US3AB LUGUANG-US3AB Datasheet
173Kb / 2P
   Surface Mount Rectifiers
MURS140 LUGUANG-MURS140 Datasheet
172Kb / 2P
   Surface Mount Rectifiers
MURS340 LUGUANG-MURS340 Datasheet
174Kb / 2P
   Surface Mount Rectifiers
MURS405 LUGUANG-MURS405 Datasheet
176Kb / 2P
   Surface Mount Rectifiers
logo
MAKO SEMICONDUCTOR CO.,...
1N4007-M7 MAKOSEMI-1N4007-M7 Datasheet
266Kb / 2P
   SURFACE MOUNT RECTIFIERS
logo
Diode Semiconductor Kor...
US1AB DSK-US1AB Datasheet
86Kb / 2P
   SURFACE MOUNT RECTIFIERS
RS5AC DSK-RS5AC Datasheet
146Kb / 2P
   SURFACE MOUNT RECTIFIERS
US3AB DSK-US3AB Datasheet
108Kb / 2P
   SURFACE MOUNT RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com