Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

US1J Datasheet(PDF) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # US1J
Description  1.0AMP. Surface Mount High Efficient Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

US1J Datasheet(HTML) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  US1J Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd US1J Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES (US1A THRU US1M)
FIG.2- MAXIMUM NON-REPETITIVE PEAK FORWARD
SURGE CURRENT
1
10
100
0
40
10
20
30
50
NUMBER OF CYCLES AT 60Hz
TL=90 C
8.3ms Single Half Sine Wave
JEDEC Method
0
FIG.1- MAXIMUM FORWARD CURRENT DERATING
CURVE
60
80
100
120
140
160
0
0.5
1.0
1.2
LEAD TEMPERATURE. ( C)
o
RESISTIVE OR
INDUCTIVE LOAD
P.C.B. MOUNTED ON 0.2 X 0.2"
(5.0X5.0mm) COPPER PAD AREAS
40
20
0
180
FIG.6- TYPICAL TRANSIENT THERMAL IMPEDANCE
1
0.01
0.1
10
100
0.1
10
1
100
T, PULSE DURATION, sec.
FIG.3- TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
0.6
0.8
1.0
0.4
1.2
1.4
1.6
1.8
0.01
0.001
1
Pulse Width=300 s
1% Duty Cycle
0.1
10
US1A - US1G
US1J - US1M
FORWARD VOLTAGE. (V)
FIG.5- TYPICAL JUNCTION CAPACITANCE
0.1
1
10
100
10
100
REVERSE VOLTAGE. (V)
Tj=25 C
f=1.0MHz
Vsig=50mVp-p
0
US1A
- US1G
US1J
- US1M
1
FIG.4- TYPICAL REVERSE CHARACTERISTICS
0
20
40
60
80
100
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
0.01
1
10
100
0.1
Tj=100 C
0
Tj=25 C
0
FIG.7- REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
50
W
NONINDUCTIVE
1W
NON
INDUCTIVE
OSCILLOSCOPE
(NOTE 1)
PULSE
GENERATOR
(NOTE 2)
DUT
(+)
50Vdc
(approx)
(-)
NOTES: 1. Rise Time=7ns max. Input Impedance=
1 megohm 22pf
2. Rise Time=10ns max. Sourse Impedance=
50 ohms
(-)
(+)
10
W
NONINDUCTIVE
-1.0A
-0.25A
0
+0.5A
trr
1cm
SET TIME BASE FOR
5/ 10ns/ cm
US1A-US1M
1.0AMP. Surface Mount High Efficient Rectifiers
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - US1J

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
US1J TSC-US1J Datasheet
151Kb / 2P
   1.0AMP. High Efficient Surface Mount Rectifiers
logo
Pan Jit International I...
US1J PANJIT-US1J Datasheet
72Kb / 2P
   SURFACE MOUNT ULTRAFAST RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 1.0 Ampere)
logo
Galaxy Semi-Conductor H...
US1J BILIN-US1J Datasheet
216Kb / 3P
   Surface Mount Rectifiers
logo
Diodes Incorporated
US1J DIODES-US1J Datasheet
125Kb / 4P
   1.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
logo
Won-Top Electronics
US1J WTE-US1J Datasheet
53Kb / 4P
   1.0A SURFACE MOUNT GLASS PASSIVATED ULTRAFAST DIODE
More results

Similar Description - US1J

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
US1A TSC-US1A_11 Datasheet
151Kb / 2P
   1.0AMP. High Efficient Surface Mount Rectifiers
US1A TSC-US1A_13 Datasheet
294Kb / 4P
   1.0AMP. High Efficient Surface Mount Rectifiers
US1MR2 TSC-US1MR2 Datasheet
212Kb / 2P
   1.0AMP. High Efficient Surface Mount Rectifiers
HS1AL TSC-HS1AL Datasheet
359Kb / 4P
   1.0AMP High Efficient Surface Mount Rectifiers
HS1A TSC-HS1A_11 Datasheet
216Kb / 2P
   1.0AMP High Efficient Surface Mount Rectifiers
logo
Shenzhen Luguang Electr...
HER101 LUGUANG-HER101 Datasheet
207Kb / 3P
   1.0AMP. High Efficient Rectifiers
logo
Taiwan Semiconductor Co...
S1A TSC-S1A_11 Datasheet
196Kb / 2P
   1.0AMP Surface Mount Rectifiers
S1GM TSC-S1GM Datasheet
312Kb / 4P
   1.0AMP Surface Mount Rectifiers
S1AB TSC-S1AB_13 Datasheet
252Kb / 4P
   1.0AMP Surface Mount Rectifiers
logo
Hi-Sincerity Mocroelect...
HSK400X HSMC-HSK400X Datasheet
147Kb / 3P
   1.0AMP. SURFACE MOUNT RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com