Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SRF1030 Datasheet(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # SRF1030
Description  Isolated 10.0AMP. Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

SRF1030 Datasheet(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  SRF1030 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd SRF1030 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dimensions in inches and (millimeters)
ITO-220AB
Features
For surface mounted application
Low power loss, high efficiency
High current capability, low VF
High reliability
Epitaxial construction
Guard-ring for transient protection
Mechanical Data
Cases: ITO-220AB molded plastic
Epoxy: UL 94V-0 rate flame retardant
Polarity: As marked
High temperature soldering guaranteed:
260
oC/10 seconds .25”,(6.35mm) from case.
Weight: 2.24 grams
Mounting torque: 5 in – 1bs. max.
Maximum Ratings and Electrical Characteristics
Rating at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol SRF
1020
SRF
1030
SRF
1040
SRF
1050
SRF
1060
SRF
1090
SRF
10100
SRF
10150
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
20
30
40
50
60
100
100
150
V
Maximum RMS Voltage
VRMS
14
21
28
35
42
70
70
105
V
Maximum DC Blocking Voltage
VDC
20
30
40
50
60
100
100
150
V
Maximum Average Forward Rectified
Current See Fig. 1
I(AV)
10
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated
Load (JEDEC method )
IFSM
120
A
M
aximum Instantaneous Forward Voltage
@5.0A
VF
0.55
0.70
0.90
1.00
V
0.5
0.1
Maximum D.C. Reverse Current
@ Tc=25
oC
at Rated DC Blocking Voltage
@ Tc=100
oC
IR
15
10
5.0
mA
mA
Typical Junction Capacitance (Note 2)
Cj
300
pF
Typical Thermal Resistance (Note 1)
RθJC
3.5
4.0
o
C/W
Operating Junction Temperature Range
TJ
-65 to +125
-65 to +150
o
C
Storage Temperature Range
TSTG
-65 to +150
o
C
Notes:
1. Mounted on Heatsink Size of 2” x 3” x 0.25” Al-Plate.
2. Measured at 1MHz and Applied Reverse Voltage of 4.0V D.C.
SRF1020-SRF10150
Isolated 10.0AMP. Schottky Barrier Rectifiers
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - SRF1030

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
SRF1030 CHENYI-SRF1030 Datasheet
183Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Nanjing International G...
SRF1030 DGNJDZ-SRF1030 Datasheet
202Kb / 2P
   10.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Shanghai Lunsure Electr...
SRF1030 CHENYI-SRF1030 Datasheet
170Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Nanjing International G...
SRF1030 DGNJDZ-SRF1030 Datasheet
202Kb / 2P
   10.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Taiwan Semiconductor Co...
SRF1030 TSC-SRF1030 Datasheet
111Kb / 2P
   Isolation 10.0 AMPS. Schottky Barrier Rectifiers
More results

Similar Description - SRF1030

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SP1040 SECOS-SP1040_10 Datasheet
526Kb / 2P
   10.0AMP Schottky Barrier Rectifiers
SP1060 SECOS-SP1060 Datasheet
519Kb / 2P
   10.0AMP Schottky Barrier Rectifiers
logo
Bytesonic Electronics C...
SR1020 BYTESONIC-SR1020 Datasheet
401Kb / 2P
   10.0AMP SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SP1060S SECOS-SP1060S_15 Datasheet
389Kb / 2P
   10.0AMP Schottky Barrier Rectifiers
SR1040S SECOS-SR1040S Datasheet
178Kb / 2P
   10.0AMP Schottky Barrier Rectifiers
logo
List of Unclassifed Man...
SP10200 ETC2-SP10200 Datasheet
523Kb / 2P
   10.0AMP Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
SBR1060 SECOS-SBR1060_08 Datasheet
401Kb / 2P
   10.0AMP Schottky Barrier Rectifiers
SM1020D1 SECOS-SM1020D1_15 Datasheet
285Kb / 2P
   10.0Amp. Schottky Barrier Rectifiers
SR1045 SECOS-SR1045 Datasheet
225Kb / 2P
   10.0AMP Schottky Barrier Rectifiers
SR10150 SECOS-SR10150 Datasheet
110Kb / 2P
   10.0AMP Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com