Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZS30-200C Datasheet(PDF) 2 Page - Frontier Electronics.

Part # ZS30-200C
Description  3WATT SURFACE MOUNT ZENER DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

ZS30-200C Datasheet(HTML) 2 Page - Frontier Electronics.

  ZS30-200C Datasheet HTML 1Page - Frontier Electronics. ZS30-200C Datasheet HTML 2Page - Frontier Electronics. ZS30-200C Datasheet HTML 3Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ZS30-10C THRU ZS30-270
Page: 2
ELECTRICAL CHARACTERISTICS (TA=25
℃UNLESS OTHERWISE NOTED) VF=1.2V MAX, IF = 500mA FOR ALL TYPES
ZENER
BREAKDOWN
VOLTAGE
DYNAMIC IMPEDANCES
@
25
℃ T
A
MAXIMUM REVERSE
CURRENT
@ MEASUREMENT
VOLTAGE AND 25
℃TA
Vz @IZT
ZZT
IZT
IR
VR
TYPE
MIN.
TYP.
MAX.
Ohms
mA
μA
V
ZS30-10C
ZS30-11C
ZS30-12C
ZS30-13C
ZS30-15C
ZS30-16C
ZS30-18C
ZS30-20C
ZS30-22C
ZS30-24C
ZS30-27C
ZS30-30C
ZS30-33C
ZS30-36C
ZS30-39C
ZS30-43C
ZS30-47C
ZS30-51C
ZS30-56C
ZS30-62C
ZS30-68C
ZS30-75C
ZS30-82C
ZS30-91C
ZS30-100C
ZS30-110C
ZS30-120C
ZS30-130C
ZS30-150C
ZS30-160C
ZS30-180C
ZS30-200C
ZS30-220C
ZS30-240C
ZS30-270C
9.4
10.4
11.4
12.4
13.8
15.3
16.8
18.8
20.8
22.8
25.1
28
31
34
37
40
44
48
52
58
64
70
77
85
94
104
114
124
138
153
168
188
208
228
251
10
11
12
13
15
16
18
20
22
24
27
30
33
36
39
43
47
51
56
62
68
75
82
91
100
110
120
130
150
160
180
200
220
240
270
10.6
11.6
12.7
14.1
15.6
17.1
19.1
21.2
23.3
25.6
28.9
32
35
38
41
46
50
54
60
66
72
79
87
96
106
116
127
141
156
171
191
212
233
256
289
4
7
7
10
10
15
15
15
15
15
15
15
15
40
40
45
45
60
60
80
80
100
100
200
200
250
250
300
300
350
400
500
750
850
1000
50
50
50
50
50
25
25
25
25
25
25
25
25
10
10
10
10
10
10
10
10
10
10
5
5
5
5
5
5
5
5
5
2
2
2
7
4
3
2
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
7.5
8.2
9.1
10
11
12
13
15
16
18
20
22
24
27
30
33
36
39
43
47
51
56
62
68
75
82
91
100
110
120
130
150
160
180
200
NOTE: SUFFIX “C”
±6%


Similar Part No. - ZS30-200C

ManufacturerPart #DatasheetDescription
logo
Formosa MS
ZS300 FORMOSA-ZS300 Datasheet
59Kb / 2P
   1WATT SURFACE MOUNT ZENER DIODE
ZS300-BL FORMOSA-ZS300-BL Datasheet
66Kb / 2P
   1 W Surface Mount Zener Diode - Zener diodes
logo
Frontier Electronics.
ZS300-LFR FRONTIER-ZS300-LFR Datasheet
121Kb / 2P
   1WATT SURFACE MOUNT ZENER DIODE
logo
Formosa MS
ZS300B FORMOSA-ZS300B Datasheet
66Kb / 2P
   1 W Surface Mount Zener Diode - Zener diodes
logo
CHENG-YI ELECTRONIC CO....
ZS300BL CHENG-YI-ZS300BL Datasheet
131Kb / 2P
   1WATT SURFACE MOUNT ZENER DIODE
More results

Similar Description - ZS30-200C

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
BZX84C3V3 RECTRON-BZX84C3V3 Datasheet
20Kb / 2P
   SURFACE MOUNT ZENER DIODE
logo
Comchip Technology
CZRM27C3V6P COMCHIP-CZRM27C3V6P Datasheet
88Kb / 3P
   Surface Mount Zener Diode
CZRA3011 COMCHIP-CZRA3011 Datasheet
118Kb / 5P
   Surface Mount Zener Diode
logo
Diodes Incorporated
BZT52C2V0S DIODES-BZT52C2V0S Datasheet
54Kb / 3P
   SURFACE MOUNT ZENER DIODE
DS30093 Rev. 9 - 2
logo
Bruckewell Technology L...
BZT52C2V0S BWTECH-BZT52C2V0S Datasheet
480Kb / 4P
   Surface mount zener diode
logo
Galaxy Semi-Conductor H...
SMBJ5913B BILIN-SMBJ5913B Datasheet
243Kb / 5P
   Surface mount zener diode
logo
Microdiode Electronics ...
BZT52C2V0 CHENDA-BZT52C2V0 Datasheet
1Mb / 4P
   Surface mount zener diode
logo
SeCoS Halbleitertechnol...
MMSZ5221BS SECOS-MMSZ5221BS Datasheet
166Kb / 3P
   Surface Mount Zener Diode
logo
Diodes Incorporated
BZT52C5V1LP DIODES-BZT52C5V1LP Datasheet
274Kb / 4P
   SURFACE MOUNT ZENER DIODE
DS30506 Rev. 11 - 2
logo
Taiwan Semiconductor Co...
MMSZ5221B TSC-MMSZ5221B Datasheet
59Kb / 3P
   Surface Mount Zener Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com