Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCM69P818 Datasheet(PDF) 8 Page - Motorola, Inc

Part # MCM69P818
Description  256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM69P818 Datasheet(HTML) 8 Page - Motorola, Inc

Back Button MCM69P818 Datasheet HTML 4Page - Motorola, Inc MCM69P818 Datasheet HTML 5Page - Motorola, Inc MCM69P818 Datasheet HTML 6Page - Motorola, Inc MCM69P818 Datasheet HTML 7Page - Motorola, Inc MCM69P818 Datasheet HTML 8Page - Motorola, Inc MCM69P818 Datasheet HTML 9Page - Motorola, Inc MCM69P818 Datasheet HTML 10Page - Motorola, Inc MCM69P818 Datasheet HTML 11Page - Motorola, Inc MCM69P818 Datasheet HTML 12Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
MCM69P818
8
MOTOROLA FAST SRAM
DC CHARACTERISTICS AND SUPPLY CURRENTS
Parameter
Symbol
Min
Typ
Max
Unit
Notes
Input Leakage Current (0 V
≤ Vin ≤ VDD)
Ilkg(I)
± 1
µA
Output Leakage Current (0 V
≤ Vin ≤ VDD)
Ilkg(O)
± 1
µA
AC Supply Current (Device Selected,
MCM69P818–3.5
All Outputs Open, Freq = Max)
MCM69P818
–3.8
IDDA
425
400
mA
1, 2, 3
All Outputs Open, Freq = Max)
MCM69P818
–3.8
Includes VDD Only
MCM69P818–4
400
375
CMOS Standby Supply Current (Device Deselected, Freq = 0,
VDD = Max, All Inputs Static at CMOS Levels)
ISB2
45
mA
4, 5
TTL Standby Supply Current (Device Deselected, Freq = 0,
VDD = Max, All Inputs Static at TTL Levels)
ISB3
50
mA
4, 6
Clock Running (Device Deselected,
MCM69P818–3.5
Freq = Max, VDD = Max,
MCM69P818
–3.8
ISB4
190
180
mA
4, 5
Freq = Max, VDD = Max,
MCM69P818–3.8
All Inputs Toggling at CMOS Levels)
MCM69P818–4
180
165
Static Clock Running (Device Deselected, Freq = Max,
VDD = Max, All Inputs Static at TTL Levels)
ISB5
95
mA
4, 6
Output Low Voltage (IOL = 2 mA), VDDQ = 2.5 V
VOL
0.7
V
Output High Voltage (IOH = – 2 mA), VDDQ = 2.5 V
VOH
1.7
V
Output Low Voltage (IOL = 8 mA), VDDQ = 3.3 V
VOL2
0.4
V
Output High Voltage (IOH = – 4 mA), VDDQ = 3.3 V
VOH2
2.4
V
NOTES:
1. Reference AC Operating Conditions and Characteristics for input and timing.
2. All addresses transition simultaneously low (LSB) and then high (MSB).
3. Data states are all zero.
4. Device in deselected mode as defined by the Truth Table.
5. CMOS levels for I/O’s are VIT ≤ VSS + 0.2 V or ≥ VDDQ – 0.2 V. CMOS levels for other inputs are Vin ≤ VSS + 0.2 V or ≥ VDD – 0.2 V.
6. TTL levels for I/O’s are VIT ≤ VIL or ≥ VIH2. TTL levels for other inputs are Vin ≤ VIL or ≥ VIH.
CAPACITANCE (f = 1.0 MHz, dV = 3.0 V, TA = 0 to 70°C, Periodically Sampled Rather Than 100% Tested)
Parameter
Symbol
Min
Typ
Max
Unit
Input Capacitance
Cin
4
5
pF
Input/Output Capacitance
CI/O
7
8
pF


Similar Part No. - MCM69P818

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM69P817 MOTOROLA-MCM69P817 Datasheet
177Kb / 16P
   256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69P817ZP2.5 MOTOROLA-MCM69P817ZP2.5 Datasheet
177Kb / 16P
   256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69P817ZP2.5R MOTOROLA-MCM69P817ZP2.5R Datasheet
177Kb / 16P
   256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69P817ZP3 MOTOROLA-MCM69P817ZP3 Datasheet
177Kb / 16P
   256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69P817ZP3.5 MOTOROLA-MCM69P817ZP3.5 Datasheet
177Kb / 16P
   256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
More results

Similar Description - MCM69P818

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM69P819 MOTOROLA-MCM69P819 Datasheet
274Kb / 20P
   256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69P817 MOTOROLA-MCM69P817 Datasheet
177Kb / 16P
   256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69P618C MOTOROLA-MCM69P618C Datasheet
205Kb / 12P
   64K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM63P736 MOTOROLA-MCM63P736 Datasheet
315Kb / 20P
   128K x 36 and 256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM63P737K MOTOROLA-MCM63P737K Datasheet
395Kb / 20P
   128K x 36 and 256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM63P837 MOTOROLA-MCM63P837 Datasheet
719Kb / 30P
   256K x 36 and 512K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69F817 MOTOROLA-MCM69F817 Datasheet
175Kb / 16P
   256K x 18 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
MCM69F819 MOTOROLA-MCM69F819 Datasheet
274Kb / 20P
   256K x 18 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
MCM63P733A MOTOROLA-MCM63P733A Datasheet
238Kb / 16P
   128K x 32 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM63P531 MOTOROLA-MCM63P531 Datasheet
334Kb / 16P
   32K x 32 Bit Pipelined BurstRAM Synchronous Fast Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com