Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZSL30-18B Datasheet(PDF) 3 Page - Frontier Electronics.

Part # ZSL30-18B
Description  3 WATT SILICON ZENER DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

ZSL30-18B Datasheet(HTML) 3 Page - Frontier Electronics.

  ZSL30-18B Datasheet HTML 1Page - Frontier Electronics. ZSL30-18B Datasheet HTML 2Page - Frontier Electronics. ZSL30-18B Datasheet HTML 3Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
ZSL30-6.8B THRU ZSL30-400
Page: 3
RATING AND CHARACTERISTIC CURVES ZSL30-6.8B THRU ZSL30-400B
FIG. 1 - MAXIMUM CONTINUOUS POWER DISSIPATION
3
0
25
50
75
100
125
150
175
LEAD TEMPERATURE,
RESISTIVE OR
INDUCTIVE LOAD
0.2
×0.2”(5.0×5.0mm)
COPPER PAD AREAS
100
50
30
20
10
5
3
2
1
0.5
0.3
0.2
0.1
VZ, ZENER VOLTAGE
@I
ZT(VOLTS)
FIG. 3 –ZENER VOLTAGE VERSUS ZENER CURRENT
VZ=6.8 thru 82 Volts
5
10
20 30
40
50
60 70
80
90
100
10
5
2
1
0.5
0.2
0.1
100
150
200
250
300
350
400
450
VZ, ZENER VOLTAGE
@I
ZT(VOLTS)
FIG. 4 –ZENER VOLTAGE VERSUS ZENER CURRENT
VZ=100 thru 400 Volts
FIG. 2 - TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
10
1.0
0.1
0.01
.4
.6
.8
1.0
1.2
1.4
1.6
INSTANTANEOUS
FORWARD VOLTAGE, VOLTS
TJ=25℃
PULSE WIDTH=300us
1% DUTY CYCLE
FIG. 5 - TYPICAL TEMPERATURE COEFFICIENTS
1000
500
200
100
50
20
10
10
20
50
100
200
400
1000
VZ ZENER VOLTAGE
@I
ZT(VOLTS)


Similar Part No. - ZSL30-18B

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
ZSL10-200B FRONTIER-ZSL10-200B Datasheet
119Kb / 2P
   1WATT ZENER DIODE
logo
List of Unclassifed Man...
ZSLS7025 ETC2-ZSLS7025 Datasheet
240Kb / 3P
   Boost LED Driver
logo
Renesas Technology Corp
ZSLS7025 RENESAS-ZSLS7025 Datasheet
769Kb / 27P
   Boost LED Driver
April 20, 2016
logo
List of Unclassifed Man...
ZSLS7025-ZI1R ETC2-ZSLS7025-ZI1R Datasheet
240Kb / 3P
   Boost LED Driver
ZSLS7025KIT-D1 ETC2-ZSLS7025KIT-D1 Datasheet
240Kb / 3P
   Boost LED Driver
More results

Similar Description - ZSL30-18B

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
1N5333B FRONTIER-1N5333B Datasheet
138Kb / 4P
   5 WATT SILICON ZENER DIODE
1N5342B FRONTIER-1N5342B Datasheet
135Kb / 3P
   5 WATT SILICON ZENER DIODE
1N5342B-LFR FRONTIER-1N5342B-LFR Datasheet
135Kb / 3P
   5 WATT SILICON ZENER DIODE
logo
Microsemi Corporation
1EZ110D5 MICROSEMI-1EZ110D5 Datasheet
169Kb / 3P
   Silicon 1 Watt Zener Diode
2EZ12D5DO41E3TR12 MICROSEMI-2EZ12D5DO41E3TR12 Datasheet
164Kb / 3P
   Silicon 2 Watt Zener Diode
3EZ39D5 MICROSEMI-3EZ39D5 Datasheet
69Kb / 2P
   SILICON 3 WATT ZENER DIODES
SMAJ5913BE3 MICROSEMI-SMAJ5913BE3 Datasheet
473Kb / 6P
   Silicon 3.0 Watt Zener Diode
logo
Frontier Electronics.
1N5921B FRONTIER-1N5921B Datasheet
127Kb / 2P
   1.5 WATT SILICON ZENER DIODE
logo
New Jersey Semi-Conduct...
1N4557B NJSEMI-1N4557B Datasheet
171Kb / 1P
   SILICON 50 WATT ZENER DIODE
logo
Frontier Electronics.
1N5921B-LFR FRONTIER-1N5921B-LFR Datasheet
127Kb / 2P
   1.5 WATT SILICON ZENER DIODE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com